Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

215010 Datasheet(PDF) 1 Page - Littelfuse

Part # 215010
Description  Axial Lead and Cartridge Fuses
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

215010 Datasheet(HTML) 1 Page - Littelfuse

  215010 Datasheet HTML 1Page - Littelfuse 215010 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Axial Lead and Cartridge Fuses
425
www .littelfuse .com
11
Designed to IEC Standard
• Designed to International (IEC) Standards for use globally.
• Meets the IEC 60127-2, Sheet 5 specification for Time Lag Fuses.
• Available in Cartridge and Axial Lead Form.
• Available in ratings of .2 to 12 amperes.
• High breaking capacity.
ELECTRICAL CHARACTERISTICS:
% of Ampere
Ampere
Opening
Rating
Rating
Time
150%
.1-6.3
60 minutes, Minimum
8-12
30 minutes, Minimum
210%
.1-12
30 minutes, Maximum
275%
.1-.8
.25 sec., Min.; 80 sec. Max.
1-12
.75 sec., Min.; 80 sec. Max.
.1-.8
.05 sec., Min.; 5 sec. Max.
400%
1– 3.15
.095 sec., Min.; 5 sec. Max.
4– 6.3
.150 sec., Min.; 5 sec. Max.
.1-.8
.005 sec., Min.; .15 sec., Max.
1000%
1-12
.010 sec., Min.; .15 sec., Max.
INTERRUPTING RATING:
1500 amperes @ 250VAC, 0.7-0.8 power factor.
ORDERING INFORMATION:
Cartridge
Nominal
Nominal
Catalog
Ampere
Voltage
Resistance
Melting I
2t
Number
Rating
Rating
Cold Ohms
A
2 Sec.
215 .200
.200*
250
1.840
0.341
215 .250
.250*
250
1.240
0.545
215 .315
.315*
250
0.880
0.974
215 .400
.400*
250
0.583
1.324
215 .500
.500*
250
1.168
0.424
215 .630
.630*
250
0.720
0.633
215 .800
.800*
250
0.468
0.974
215 001.
1
250
0.111
1.022
215 1.25
1.25
250
0.081
1.996
215 01.6
1.6
250
0.056
3.798
215 002.
2
250
0.041
6.768
215 02.5
2.5
250
0.031
10.370
215 3.15
3.15
250
0.022
20.644
215 004.
4
250
0.019
37.684
215 005.
5
250
0.015
80.675
215 06.3
6.3
250
0.011
129.022
215 008.
8*
250
0.009
204.001
215 010.
10*
250
0.007
351.037
215 012.
12*
250
0.006
515.500
ENVIRONMENTAL SPECIFICATIONS:
Operating temperature: -55˚C to 125˚C
Thermal Shock: MIL-STD-202F Method 107G, Test Condition B: (5
cycles –65°C to +125°C)
Vibration: MIL-STD-202F Method 201A
Humidity: MIL-STD-202F Method 103B, Test Condition A. high relative
humidity (95%) and elevated temperature (40°C) for 240 hours.
Salt Spray: MIL-STD-202F Method 101D, Test Condition B
PHYSICAL SPECIFICATIONS:
Material: Body: Ceramic
Cap: Nickel Plated Brass
Leads: Tin Plated Copper
Filler: Sand (500mA – 12A)
Terminal Strength: MIL-STD-202F Method 211A,
Test Condition A
Solderability: Reference IEC 60127 Second Edition 2003-01 Annex A
Product Marking: Cap 1: current and voltage rating.
Cap 2: Agency approval markings.
Packaging: Available in Bulk (V=5, H=100, M=1000 pcs/pkg) or on
Tape/Reel (MRET1=1000 pcs/reel).
5 x 20 mm Time Lag Fuse (Slo-Blo® Fuse) 215 Series
®
®
11


Similar Part No. - 215010

ManufacturerPart #DatasheetDescription
logo
Littelfuse
215010 LITTELFUSE-215010 Datasheet
125Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
215010 LITTELFUSE-215010 Datasheet
94Kb / 1P
   5 x 20 mm Time Lag Fuse (Slo-Blo Fuse) 215/221 Series
215010 LITTELFUSE-215010 Datasheet
163Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo Fuse)
215010.MXE LITTELFUSE-215010.MXE Datasheet
125Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
215010.XE LITTELFUSE-215010.XE Datasheet
125Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
More results

Similar Description - 215010

ManufacturerPart #DatasheetDescription
logo
Littelfuse
047101.5NRT1L LITTELFUSE-047101.5NRT1L Datasheet
179Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
047706.3MXP LITTELFUSE-047706.3MXP Datasheet
436Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
04732.25MRT1HF LITTELFUSE-04732.25MRT1HF Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
0473.750YRT1L LITTELFUSE-0473.750YRT1L Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
322001 LITTELFUSE-322001 Datasheet
30Kb / 1P
   Axial Lead and Cartridge Fuses
313010P LITTELFUSE-313010P Datasheet
76Kb / 1P
   Axial Lead and Cartridge Fuses
314125 LITTELFUSE-314125 Datasheet
64Kb / 1P
   Axial Lead and Cartridge Fuses
2206.750P LITTELFUSE-2206.750P Datasheet
107Kb / 1P
   Axial Lead and Cartridge Fuses
BLF.500 LITTELFUSE-BLF.500 Datasheet
177Kb / 1P
   Axial Lead and Cartridge Fuses
977 LITTELFUSE-977 Datasheet
192Kb / 4P
   Axial Lead and Cartridge Fuses
272 LITTELFUSE-272 Datasheet
93Kb / 1P
   Axial Lead and Cartridge Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com