Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

217.500P Datasheet(PDF) 1 Page - Littelfuse

Part # 217.500P
Description  Available in Cartridge and Axial Lead Form
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

217.500P Datasheet(HTML) 1 Page - Littelfuse

  217.500P Datasheet HTML 1Page - Littelfuse 217.500P Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Axial Lead and Cartridge Fuses
411
www .littelfuse .com
11
Designed to IEC Standard
5 x 20 mm Fast-Acting Fuse 217P Series
®
®
RoHS
Pb
• Designed to International (IEC) Standards for use globally.
• Meets the IEC 60127-2, Sheet 2 specification for Fast-Acting Fuses.
• Available in Cartridge and Axial Lead Form.
• Available in ratings of 0.032 to 15 amperes.
• RoHS Compliant and Lead-Free
ELECTRICAL CHARACTERISTICS:
% of Ampere
Ampere
Opening
Rating
Rating
Time
150%
.032 – 6.3
60 minutes, Minimum
8-15
30 minutes, Minimum
210%
.032-15
30 minutes, Maximum
275%
.032 – .100
0.01 sec., Min.; .5 sec. Max.
.125 – 15
0.05 sec., Min.; 2 sec. Max.
400%
.032 – .100
.003 sec., Min.; 0.1 sec. Max.
.125 – 6.3
.01 sec., Min.; 0.3 sec. Max.
8 - 15
.01 sec., Min.; 0.4 sec. Max.
1000%
.032 – 6.3
.02 second, Maximum
8-15
.04 second, Maximum
INTERRUPTING RATING: 35 amperes or 10 x rated current;
(whichever is greater) to a maximum 100 amperes @ 250VAC, unity
Power Factor.
ORDERING INFORMATION:
Cartridge
Nominal
Nominal
Catalog
Ampere
Voltage
Resistance
Melting I
2t
Number
Rating
Rating
Cold Ohms
A
2 Sec.
217.032P
.032
250
262.2
0.000060
217.040P
.040
250
183.2
0.000085
217.050P
.050
250
15.20
0.000190
217.063P
.063
250
10.45
0.000555
217.080P
.080
250
7.890
0.000828
217.100P
.100
250
5.775
0.00450
217.125P
.125
250
3.820
0.00477
217.160P
.160
250
2.525
0.010
217.200P
.200
250
1.700
0.024
217.250P
.250
250
1.233
0.042
217.315P
.315
250
0.894
0.112
217.400P
.400
250
0.277
0.127
217.500P
.500
250
0.207
0.219
217.630P
.630
250
0.190
0.409
217.800P
.800
250
0.120
0.847
217 001.P
1
250
0.096
1.042
217 1.25P
1.25
250
0.070
2.230
217 01.6P
1.6
250
0.053
4.616
217 002P
2
250
0.042
5.726
217 02.5P
2.5
250
0.033
9.460
217 3.15P
3.15
250
0.022
17.722
217 004.P
4
250
0.016
29.164
217 005.P
5
250
0.014
42.796
217 06.3P
6.3
250
0.009
62.466
217 008.P
8*
250
0.007
198.158
217 010.P
10*
250
0.006
217.633
217 015.P
15*
250
0.004
607.133
ENVIRONMENTAL SPECIFICATIONS:
Operating temperature: -55˚C to 125˚C
Thermal Shock: MIL-STD-202F Method 107G, Test Condition B: (5
cycles –65°C to +125°C)
Vibration: MIL-STD-202F Method 201A
Humidity: MIL-STD-202F Method 103B, Test Condition A. high relative
humidity (95%) and elevated temperature (40°C) for 240 hours.
Salt Spray: MIL-STD-202F Method 101D, Test Condition B
PHYSICAL SPECIFICATIONS:
Material: Body: Glass
Cap: Nickel Plated Brass
Leads: Tin Plated Copper
Terminal Strength: MIL-STD-202F Method 211A,
Test Condition A
Solderability: Reference IEC 60127 Second Edition 2003-01 Annex A
Terminal strength: MIL-STD-202F Method 211A, Test Condition A
Product Marking: Cap 1: current and voltage rating.
Cap 2: Agency approval markings.
Packaging: Available in Bulk (V=5, H=100, M=1000 pcs/pkg) or on
Tape/Reel (MRET1=1000 pcs/reel).


Similar Part No. - 217.500P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
217.500 LITTELFUSE-217.500 Datasheet
96Kb / 1P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
217.500 LITTELFUSE-217.500 Datasheet
133Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
More results

Similar Description - 217.500P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
322001 LITTELFUSE-322001 Datasheet
30Kb / 1P
   Axial Lead and Cartridge Fuses
313010P LITTELFUSE-313010P Datasheet
76Kb / 1P
   Axial Lead and Cartridge Fuses
314125 LITTELFUSE-314125 Datasheet
64Kb / 1P
   Axial Lead and Cartridge Fuses
2206.750P LITTELFUSE-2206.750P Datasheet
107Kb / 1P
   Axial Lead and Cartridge Fuses
BLF.500 LITTELFUSE-BLF.500 Datasheet
177Kb / 1P
   Axial Lead and Cartridge Fuses
977 LITTELFUSE-977 Datasheet
192Kb / 4P
   Axial Lead and Cartridge Fuses
272 LITTELFUSE-272 Datasheet
93Kb / 1P
   Axial Lead and Cartridge Fuses
LT-5 LITTELFUSE-LT-5 Datasheet
91Kb / 1P
   Axial Lead and Cartridge Fuses
FLA LITTELFUSE-FLA Datasheet
42Kb / 1P
   Axial Lead and Cartridge Fuses
BLS LITTELFUSE-BLS_V01 Datasheet
122Kb / 1P
   Axial Lead and Cartridge Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com