Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

PS8-300ATX-ZBE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part No. PS8-300ATX-ZBE
Description  80 Plus Bronze 300W PS/2 Single Power Supply
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ADVANTECH [Advantech Co., Ltd.]
Homepage  http://www.advantech.com
Logo 

PS8-300ATX-ZBE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Industrial Motherboards
PS8-300ATX
Input
Voltage
90 ~ 264 VAC
Frequency
47 ~ 63 Hz
Input Current
8 Amp R.M.S Max. @ 100 VAC full load
4 Amp R.M.S Max. @ 200 VAC full load
Output
+3.3 V @ 16 A (0 A min)
+5 V @ 19 A (0.5 A min)
+12 V @ 11 A (0.1 A min)
+12 Vcpu @ 11.5 A (0.1 A min)
-12 V @ 0.3 A
-5 V @ 0.3 A
+5 Vsb @ 2 A
General Spec.
Watt
300W
PFC
Active
MTBF
100,000 hours
Temperature
Operating : 0 to 50° C
Non-Operating : -40 to 80° C
Humidity
Operating : Operating : 8% to 90% RH, non-condensing
Non-Operating : 8% to 95% RH, non-condensing"
Dimension
86 x 150 x 140 mm ( 3.39" x 5.91" x 5.51" )
Output Connector
20+4P ATX *1
PATA *4
FDD *2
SATA *2
4P 12V *1
Dimensions
Unit: mm
114.0
52.0
6.0
138.0
120.0
12.0
±0.3
±0.3
±0.3
±0.3
4-#6-32UNC
EXTRUDED HOLE
6.0
86.0 ±0.7
150.0 ±0.7
AIR FLOW
78.0
124.0
±0.3
18.0
2.0
R2.1
(3X)
"A"
* 500
±15
250
PI
* 390
PG
100
200
*
PH
* 390
±15
* 200
±10
* 200
±10
* 390
±15
* 200
±10
* 200
±10
±15
±10
200
200
200
100
100
100
100
36.0
100
200 ±10
* 500
±15
±10
±10
±10
±10
±10
±10
±10
±10
±10
±10
20
±10
20
±10
±0.5
OUTPUT CABLE
DETAIL A
SCALE 2/1(2X)
BLACK
BLACK
3
4
1
2
GND
GND
YELLOW
+12V
5
ORANGE
RED
BLACK
1
BLACK
2
4
3
GND
+5V
+3.3V
GND
OUTPUT CABLE
YELLOW
+12V
5
ORANGE
RED
BLACK
1
BLACK
2
4
3
GND
+5V
+3.3V
GND
+12Vcpu
+12Vcpu
4
BLACK
RED
BLACK
1
4
1
4
BLACK
RED
BLACK
1
4
GND
GND
+5V
1
YELLOW
4
1
BLACK
BLACK
4
1
1
4
RED
4
1
BLACK
BLACK
4
1
1
4
RED
+5V
GND
GND
YELLOW
YELLOW/BLACK
YELLOW/BLACK
CONNECTOR
HOUSING
TERMINAL
Mini Fit 20+4P
P1+24
Mini Fit 4P
PI
CAROL CL4201H02-4P
WST P04-I42002
JWT C4202H02-4P
MOLEX 39-01-2040
WST I42002PS-2
CAROL CL4201T0P-2
JWT C4202T0P-2
MOLEX 39-00-0059
MOLEX 44476-1111
Straight SATA
MOLEX 67582-0000
WST P5-I12707
JWT A3811H00-D5P-HF
MOLEX 67581-0000
WST I12707PS-00
JWT A3811T2P-D00
MOLEX 47128-1000
WST I12707PS-00L
JWT A3811T0P-D00
CAROL CL2540TOP-2
CAROL CL2540H00-4P
AMP 171822-4
JWT A2544H02-4P
WST P4-I25001
AMP 170262-2
JWT A2544TOP-2
WST I25001PS-2
FDD
PC,PF
WST P24-I42002K11A
UL 1007
AWG#18
WST P4-A10202
JWT C5082H02-4P
AMP 1-480424-0
CAROL CL5080H02-4P
CAROL CL5080T2P-2
WST A10219PS-2
AMP 61117-4
JWT C5083T2P-2
PA,PB,PD,PE
Straight PATA
PG,PH
PVC WIRE
UL 1007
AWG#20
UL 1007
AWG#18
UL 1007
AWG#20
+12V
+12V
BLACK
RED
BLACK
BLACK
RED
BLACK
GND
GND
+5V
YELLOW
+12V
BLACK
RED
BLACK
BLACK
RED
BLACK
GND
GND
+5V
YELLOW
+12V
BLACK
RED
BLACK
BLACK
RED
BLACK
GND
GND
+5V
YELLOW
+12V
BLACK
BLACK
1
4
RED
BLACK
BLACK
1
4
RED
+5V
GND
GND
YELLOW +12V
7
4
5
6
1
2
3
10
9
8
11
12
19
16
17
18
13
14
15
23
22
21
24
20
+5Vaux
+5V
PG
GND
+5V
GND
+3.3V
+12V
+12V
12
11
10
ORANGE
9
6
8
7
4
5
PURPLE
RED
BLACK
GRAY
BLACK
RED
BLACK
RED
RED
23
22
24
GND
+5V
+5V
RED
BLACK
BLACK
GREEN
BLACK
BLACK
16
15
18
17
20
21
19
+5V
PS-ON
GND
GND
GND
GND
GND
+3.3V
+3.3V
2
3
ORANGE
BLACK
ORANGE
BLUE
BROWN
ORANGE
14
13
-12V
+3.3V
+3.3VS
AWG#22
AWG#22
AWG#18
AWG#18
AWG#22
AWG#22
YELLOW
YELLOW
AWG#18
AWG#18
AWG#18
AWG#18
AWG#18
AWG#18
AWG#18
AWG#18
AWG#18
AWG#18
AWG#18
AWG#18
AWG#18
AWG#18
AWG#22
AWG#18
AWG#18
AWG#18
AWG#18
WHITE
-5V
JWT C4202T2P-2e-HCS
MOLEX 44476-1111
JWT C4202T2P-2e-HCS
A
A'
A
A'
(G) *
(H) *
(L)
*
(M) *
(I) *
(A) *
(D) *
(K1)
(H1)
(J1)
(B1)
(C1)
(D1)
(E1)
(F1)
(G1)
(C) *
(A1)
1
P1+24
80 Plus Bronze 300W
PS/2 Single Power Supply
RoHS
COMPLIANT
2002/95/EC
Ordering Information
Part Number
Description
PS8-300ATX-ZBE
80 Plus Bronze 300W PS/2 Single Power Supply
All product specifications are subject to change without notice
Last updated : 18-Sep-2012


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn