Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS-500ATX-ZE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PS-500ATX-ZE
Description  PS/2 Power Supplies
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PS-500ATX-ZE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PS-500ATX-ZE Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All product specifications are subject to change without notice
Last updated : 1-Mar-2007
Power Supplies
RoHS
COMPLIANT
2002/95/EC
Model Names
PS-700ATX-ZE
PS-500ATX-ZE
PS-400ATX-ZBE
Wattage
700 W
500 W
400 W
Input Range
100 ~ 240 V
AC
60 ~ 50 Hz
11 ~ 5 A
115 ~ 250 V
AC
63 ~ 47 Hz
8 ~ 4 A
100 ~ 240 V
AC
63 ~ 47 Hz
8 ~ 4 A
Outputs
+5 V @ 50 A (2.5 A min)
+3.3 V @ 45 A (1 A min)
+12 V @ 36 A (1 A min)
-12 V @ 1 A
-5 V @ 0.8 A
+5 Vsb @ 2 A
+5 V @ 40 A (3 A min)
+3.3 V @ 30 A (1 A min)
+12 V @ 32 A (1 A min)
-12 V @ 1 A
-5 V @ 0.8 A
+5 Vsb @ 2 A
+5 V @ 35 A (2.5 A min)
+3.3 V @ 25 A (1 A min)
+12 V @ 30 A (1 A min)
-12 V @ 1 A
-5 V @ 0.8 A
+5 Vsb @ 2 A
Power Module PN
-
-
-
MTBF (hrs)
72,100
98,000
91,000
Dimension
(H x W x D,mm)
86 x 150 x 220
86 x 150 x 140
86 x 150 x 140
Safety
UL, TUV, CB, CCC
UL, TUV, CB, CCC
UL, TUV, CB, CCC
Compatible with
Advantech Chassis
ACP-4000, ACP-4320, ACP-4362,
IPC-610MB-F, IPC-611, IPC-615,
IPC-630MB
ACP-4000, ACP-4320, ACP-4362, IPC-610,
IPC-611, IPC-615,
IPC-622 (P/N: 1757000162G),
IPC-623 (P/N: 1757000133G),
IPC-630, IPC-6608, IPC-6908, IPC-7143,
IPC-7220
ACP-4000, ACP-4320, ACP-4362, IPC-610,
IPC-611, IPC-615,
IPC-622 (P/N: 1757000193G),
IPC-623 (P/N: 1757000131G),
IPC-630, IPC-6608, IPC-6908, IPC-7143,
IPC-7220
Model Names
PS-300ATX-DC48E
PS-300ATX-ZBE
PS-250ATX-ZE
Wattage
300 W
300 W
250 W
Input Range
72 ~ 36 V
DC
15 A
100 ~ 240 V
AC
60 ~ 50 Hz
10 A
115 ~ 230 V
AC
60 ~ 50 Hz
10-5 A
Outputs
+5 V @ 30 A (0.3 A min)
+3.3 V @ 28 A (0.3 A min)
+12 V @ 15 A (0.2 A min)
-12 V @ 0.8 A
-5 V @ 0.3 A
+5 Vsb @ 2 A
+5 V @ 30 A (0.5 A min)
+3.3 V @ 28 A (0.3 A min)
+12 V @ 15 A (1 A min)
-12 V @ 0.8 A
-5 V @ 0.3 A
+5 Vsb @ 2 A
+5 V @ 27 A (0.5 A min)
+3.3 V @ 20 A (0.3 A min)
+12 V @ 13 A (1 A min)
-12 V @ 0.8 A
-5 V @ 0.3 A
+5 Vsb @ 2 A
Power Module PN
-
-
-
MTBF (hrs)
100,000
100,000
100,000
Dimension
(H x W x D, mm)
86 x 150 x 140
86 x 150 x 140
86 x 150 x 140
Safety
UL, TUV, CB, CCC
UL, TUV, CB, CCC
UL, TUV, CB, CCC
Compatible with
Advantech Chassis
ACP-2000, ACP-4000, ACP-4320,
ACP-4362, IPC-602, IPC-610, IPC-611,
IPC-615, IPC-630, IPC-6606, IPC-6608,
IPC-6908, IPC-7143, IPC-7220
ACP-2000, ACP-4000, ACP-4320,
ACP-4362, IPC-602, IPC-610, IPC-611,
IPC-615, IPC-630, IPC-6606, IPC-6608,
IPC-6908, IPC-7143, IPC-7220
ACP-2000, IPC-602, IPC-610, IPC-611,
IPC-615, IPC-6606, IPC-6608, IPC-6908
PS/2 Power Supplies


Similar Part No. - PS-500ATX-ZE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PS-500ATX-ZE ADVANTECH-PS-500ATX-ZE Datasheet
130Kb / 1P
   Power Supplies
More results

Similar Description - PS-500ATX-ZE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PS-300ATX-DC48E ADVANTECH-PS-300ATX-DC48E Datasheet
1Mb / 3P
   PS/2 Power Supplies
PS-250ATX-ZE ADVANTECH-PS-250ATX-ZE Datasheet
1Mb / 3P
   PS/2 Power Supplies
PS-400ATX-ZBE ADVANTECH-PS-400ATX-ZBE Datasheet
130Kb / 1P
   PS/2 Power Supplies
PS-300ATX-ZBE ADVANTECH-PS-300ATX-ZBE Datasheet
130Kb / 1P
   PS/2 Power Supplies
logo
Axiomtek Co., Ltd.
PS302-XP2 AXIOMTEK-PS302-XP2 Datasheet
182Kb / 1P
   Power Supplies - PS/2 Type
PS500-XP2 AXIOMTEK-PS500-XP2_17 Datasheet
182Kb / 1P
   Power Supplies - PS/2 Type
PS401-HRP AXIOMTEK-PS401-HRP_17 Datasheet
63Kb / 1P
   Power Supplies -PS/2 x 2 Redundant Power
logo
Advantech Co., Ltd.
PS8-250ATX-ZE ADVANTECH-PS8-250ATX-ZE Datasheet
433Kb / 2P
   80 Plus PS/2 Single Power Supplies
31-Aug-2021
logo
Axiomtek Co., Ltd.
PS401-HRP AXIOMTEK-PS401-HRP_16 Datasheet
64Kb / 1P
   PS/2 x 2 Redundant Power
logo
Tumbler Technologies + ...
TIPC400BE TRUMPOWER-TIPC400BE Datasheet
383Kb / 1P
   400W PS/2 ATX IPC Power Supply
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com