Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCE-5B06V-04A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCE-5B06V-04A1E
Description  2U Butterfly Backplanes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCE-5B06V-04A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCE-5B06V-04A1E_11 Datasheet HTML 1Page - Advantech Co., Ltd. PCE-5B06V-04A1E_11 Datasheet HTML 2Page - Advantech Co., Ltd. PCE-5B06V-04A1E_11 Datasheet HTML 3Page - Advantech Co., Ltd. PCE-5B06V-04A1E_11 Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Slot SBC & Passive Backplanes
All product specifications are subject to change without notice
Last updated : 25-Apr-2011
PCE-7B05-20A1E
ƒ 5-slot BP for 5-slot chassis
ƒ Segments: 1
ƒ One CPU card slot
ƒ PCIe slot: Two x8
ƒ PCI-X slot: Two 64/133
ƒ PCI slot: N/A
ƒ Compatible with IPC chassis: IPC-6025
PICMG1.3 Full-Size
SHB Backplanes
5-slot Wallmount Chassis Backplanes
2U Butterfly Backplanes
PCE-7B06-04A1E
ƒ 6-slot BP for 6-slot chassis
ƒ Segment: 1
ƒ One CPU card slot
ƒ PCIe slot: One x8
ƒ PCI-X slot: N/A
ƒ PCI slot: Four 32/33
ƒ Compatible with IPC chassis: IPC-6606
PCE-7B06-40A1E
ƒ 6-slot BP for 6-slot chassis
ƒ Segment: 1
ƒ One CPU card slot
ƒ PCIe slot: One x8
ƒ PCI-X slot: Four 64/100
ƒ PCI slot: N/A
ƒ Compatible with IPC chassis: IPC-6606
6-slot Wallmount Chassis Backplanes
PCE-7B06V-30A1E
ƒ 6-slot Butterfly BP for 2U chassis
ƒ Segment: 1
ƒ One CPU card slot
ƒ PCIe slot: Two x8
ƒ PCI-X slot: Two 64/100; one 64/133
ƒ PCI slot: N/A
ƒ Compatible with IPC chassis:
ACP-2000EBP and IPC-602EBP
PCE-7B06V-04A1E
ƒ 6-slot Butterfly BP for 2U chassis
ƒ Segment: 1
ƒ One CPU card slot
ƒ PCIe slot: One x8
ƒ PCI-X slot: N/A
ƒ PCI slot: Four 32/33
ƒ Compatible with IPC chassis:
ACP-2000EBP and IPC-602EBP
PCE-7B03V-00A1E
ƒ 3-slot Butterfly BP for 1U chassis
ƒ Segments: 1
ƒ One CPU card slot
ƒ PCIe slot: Two x8
ƒ PCI-X slot: N/A
ƒ PCI slot: N/A
ƒ Compatible with IPC chassis: ACP-1320,
ACP-1010
PCE-7B03V-01A1E
ƒ 3-slot Butterfly BP for 1U chassis
ƒ Segments: 1
ƒ One CPU card slot
ƒ PCIe slot: One x8
ƒ PCI-X slot: N/A
ƒ PCI slot: One 32/33
ƒ Compatible with IPC chassis: ACP-1320,
ACP-1010
Server Grade Backplanes
Compatible with PCE-7000 Series System Host Board
1U Butterfly Backplanes


Similar Part No. - PCE-5B06V-04A1E_11

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCE-5B06V-04A1E ADVANTECH-PCE-5B06V-04A1E Datasheet
678Kb / 1P
   Mainstream Backplanes
PCE-5B06V-04A1E ADVANTECH-PCE-5B06V-04A1E Datasheet
4Mb / 4P
   Compatible with PCE-7000 Series System Host Board
PCE-5B06V-04A1E ADVANTECH-PCE-5B06V-04A1E Datasheet
3Mb / 5P
   PICMG1.3 Full-Size SHB Backplanes
27-Jun-2018
More results

Similar Description - PCE-5B06V-04A1E_11

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCA-6106P3V-0B2E ADVANTECH-PCA-6106P3V-0B2E Datasheet
4Mb / 4P
   2U Butterfly Backplanes
PCA-6105P4V-0B3E ADVANTECH-PCA-6105P4V-0B3E Datasheet
4Mb / 4P
   2U Butterfly Backplanes
PCE-5B06V-00A1E ADVANTECH-PCE-5B06V-00A1E Datasheet
4Mb / 4P
   2U Butterfly Backplanes
PCA-6103P2V-0A2E ADVANTECH-PCA-6103P2V-0A2E_11 Datasheet
4Mb / 4P
   1U Butterfly Backplanes
PCE-5B03V-01A1E ADVANTECH-PCE-5B03V-01A1E Datasheet
4Mb / 4P
   1U Butterfly Backplanes
PCE-5B03V-00A1E ADVANTECH-PCE-5B03V-00A1E Datasheet
4Mb / 4P
   Compatible with PCE-5000 Series System Host Board 1U Butterfly Backplanes
logo
Festo Corporation.
8073655 FESTO-8073655 Datasheet
66Kb / 1P
   Actuated butterfly valve
11/18/21
logo
Advantech Co., Ltd.
PCE-5B06V-04A1E ADVANTECH-PCE-5B06V-04A1E Datasheet
678Kb / 1P
   Mainstream Backplanes
PCA-6103P2V-0A1 ADVANTECH-PCA-6103P2V-0A1 Datasheet
173Kb / 1P
   Passive Backplanes
PCA-6108P3X-0A1 ADVANTECH-PCA-6108P3X-0A1 Datasheet
150Kb / 1P
   Passive Backplanes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com