Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCE-7B05-20A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCE-7B05-20A1E
Description  5-slot Wallmount Chassis Backplanes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCE-7B05-20A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCE-7B05-20A1E Datasheet HTML 1Page - Advantech Co., Ltd. PCE-7B05-20A1E Datasheet HTML 2Page - Advantech Co., Ltd. PCE-7B05-20A1E Datasheet HTML 3Page - Advantech Co., Ltd. PCE-7B05-20A1E Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Slot SBC & Passive Backplanes
All product specifications are subject to change without notice
Last updated : 25-Apr-2011
PCE-7B05-20A1E
ƒ 5-slot BP for 5-slot chassis
ƒ Segments: 1
ƒ One CPU card slot
ƒ PCIe slot: Two x8
ƒ PCI-X slot: Two 64/133
ƒ PCI slot: N/A
ƒ Compatible with IPC chassis: IPC-6025
PICMG1.3 Full-Size
SHB Backplanes
5-slot Wallmount Chassis Backplanes
2U Butterfly Backplanes
PCE-7B06-04A1E
ƒ 6-slot BP for 6-slot chassis
ƒ Segment: 1
ƒ One CPU card slot
ƒ PCIe slot: One x8
ƒ PCI-X slot: N/A
ƒ PCI slot: Four 32/33
ƒ Compatible with IPC chassis: IPC-6606
PCE-7B06-40A1E
ƒ 6-slot BP for 6-slot chassis
ƒ Segment: 1
ƒ One CPU card slot
ƒ PCIe slot: One x8
ƒ PCI-X slot: Four 64/100
ƒ PCI slot: N/A
ƒ Compatible with IPC chassis: IPC-6606
6-slot Wallmount Chassis Backplanes
PCE-7B06V-30A1E
ƒ 6-slot Butterfly BP for 2U chassis
ƒ Segment: 1
ƒ One CPU card slot
ƒ PCIe slot: Two x8
ƒ PCI-X slot: Two 64/100; one 64/133
ƒ PCI slot: N/A
ƒ Compatible with IPC chassis:
ACP-2000EBP and IPC-602EBP
PCE-7B06V-04A1E
ƒ 6-slot Butterfly BP for 2U chassis
ƒ Segment: 1
ƒ One CPU card slot
ƒ PCIe slot: One x8
ƒ PCI-X slot: N/A
ƒ PCI slot: Four 32/33
ƒ Compatible with IPC chassis:
ACP-2000EBP and IPC-602EBP
PCE-7B03V-00A1E
ƒ 3-slot Butterfly BP for 1U chassis
ƒ Segments: 1
ƒ One CPU card slot
ƒ PCIe slot: Two x8
ƒ PCI-X slot: N/A
ƒ PCI slot: N/A
ƒ Compatible with IPC chassis: ACP-1320,
ACP-1010
PCE-7B03V-01A1E
ƒ 3-slot Butterfly BP for 1U chassis
ƒ Segments: 1
ƒ One CPU card slot
ƒ PCIe slot: One x8
ƒ PCI-X slot: N/A
ƒ PCI slot: One 32/33
ƒ Compatible with IPC chassis: ACP-1320,
ACP-1010
Server Grade Backplanes
Compatible with PCE-7000 Series System Host Board
1U Butterfly Backplanes


Similar Part No. - PCE-7B05-20A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCE-7B05-20A1E ADVANTECH-PCE-7B05-20A1E Datasheet
4Mb / 4P
   Compatible with PCE-7000 Series System Host Board
More results

Similar Description - PCE-7B05-20A1E

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AMC-250 AAEON-AMC-250 Datasheet
221Kb / 2P
   5-Slot Wallmount Chassis
logo
Protech Systems Co., Lt...
PCH-W204 PROTECHSYSTEMS-PCH-W204 Datasheet
96Kb / 1P
   4-slot Wallmount Chassis
logo
AAEON Technology
AMC-263 AAEON-AMC-263 Datasheet
337Kb / 2P
   5-Slot Wallmount Chassis, Full-Size Cards Support
logo
Advantech Co., Ltd.
PCE-7B13-64B1E ADVANTECH-PCE-7B13-64B1E Datasheet
4Mb / 4P
   14-slot Rackmount Chassis Backplanes
PCE-7B10-04A1E ADVANTECH-PCE-7B10-04A1E Datasheet
4Mb / 4P
   14-slot Rackmount Chassis Backplanes
PCE-7B16Q-02A1E ADVANTECH-PCE-7B16Q-02A1E Datasheet
4Mb / 4P
   20-slot Rackmount Chassis Backplanes
PCE-7B19-88A1E ADVANTECH-PCE-7B19-88A1E Datasheet
4Mb / 4P
   20-slot Rackmount Chassis Backplanes
PCE-7B13-07A1E ADVANTECH-PCE-7B13-07A1E Datasheet
4Mb / 4P
   14-slot Rackmount Chassis Backplanes
PCE-5B13-08A1E ADVANTECH-PCE-5B13-08A1E Datasheet
149Kb / 1P
   14-slot Rackmount Chassis Backplanes
IPC-6606BP-00XE ADVANTECH-IPC-6606BP-00XE Datasheet
1Mb / 2P
   6/8-Slot Desktop/Wallmount Chassis
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com