Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

215004.P Datasheet(PDF) 1 Page - Littelfuse

Part # 215004.P
Description  High breaking capacity
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

215004.P Datasheet(HTML) 1 Page - Littelfuse

  215004.P Datasheet HTML 1Page - Littelfuse 215004.P Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Axial Lead and Cartridge Fuses
427
w w w. l i t t e l f u s e . c o m
11
Designed to IEC Standard
• Designed to International (IEC) Standards for use globally.
• Meets the IEC 60127-2, Sheet 5 specification for Time Lag Fuses.
• Available in Cartridge and Axial Lead Form.
• Available in ratings of .125 to 12 amperes.
• High breaking capacity.
• RoHS compliant and Lead-Free
• Improved I2 t
ELECTRICAL CHARACTERISTICS:
% of Ampere
Ampere
Opening
Rating
Rating
Time
150%
.1-6.3
60 minutes,
Minimum
8-12
30 minutes,
Minimum
210%
.1-12
30 minutes,
Maximum
275%
.1-.8
.25 sec.,
Min.; 80 sec. Max.
1-12
.75 sec.,
Min.; 80 sec. Max.
.1-.8
.05 sec.,
Min.; 5 sec. Max.
400%
1–3.15
.095 sec.,
Min.; 5 sec. Max.
4–6.3
.150 sec.,
Min.; 5 sec. Max.
.1-.8
.005 sec.,
Min.; .15 sec., Max.
1000%
1-12
.010 sec.,
Min.; .15 sec., Max.
INTERRUPTING RATING: 1500 amperes @ 250VAC,
0.7-0.8 power factor.
ORDERING INFORMATION:
Cartridge
Nominal
Nominal
Catalog
Ampere
Voltage
Resistance
Melting I2t
Number
Rating
Rating
Cold Ohms
A2 Sec.
215.125P
.125
250
7.585
0.033
215.160P
.160
250
7.100
0.046
215.200P
.200
250
1.840
0.341
215.250P
.250
250
1.240
0.545
215.315P
.315
250
0.880
0.974
215.400P
.400
250
0.583
1.324
215.500P
.500
250
1.168
0.424
215.630P
.630
250
0.720
0.633
215.800P
.800
250
0.468
0.974
215 001.P
1
250
0.152
2.360
215 1.25P
1.25
250
0.107
4.240
215 01.6P
1.6
250
0.071
8.120
215 002.P
2
250
0.057
14.760
215 02.5P
2.5
250
0.039
32.050
215 3.15P
3.15
250
0.028
89.970
215 004.P
4
250
0.019
37.684
215 005.P
5
250
0.015
80.675
215 06.3P
6.3
250
0.011
129.022
215 008.P
8
250
0.009
204.001
215 010.P
10
250
0.007
351.037
215 012.P
12
250
0.006
515.500
ENVIRONMENTAL SPECIFICATIONS:
Operating temperature: -55˚C to 125˚C
Thermal Shock: MIL-STD-202F Method 107G, Test Condition B: (5
cycles –65°C to +125°C)
Vibration: MIL-STD-202F Method 201A
Humidity: MIL-STD-202F Method 103B, Test Condition A. high relative
humidity (95%) and elevated temperature (40°C) for 240 hours.
Salt Spray: MIL-STD-202F Method 101D, Test Condition B
PHYSICAL SPECIFICATIONS:
Material: Body: Ceramic
Cap: Nickel Plated Brass
Leads: Tin Plated Copper
Filler: Sand (500mA – 12A)
Terminal Strength: MIL-STD-202F Method 211A,
Test Condition A
Solderability: Reference IEC 60127 Second Edition 2003-01 Annex A
Product Marking: Cap 1: current and voltage rating.
Cap 2: Agency approval markings.
Packaging: Available in Bulk (V=5, H=100, M=1000 pcs/pkg) or on
Tape/Reel (MRET1=1000 pcs/reel).
5 x 20 mm Time Lag Fuse (Slo-Blo® Fuse) 215P Series
®
®
RoHS
Pb


Similar Part No. - 215004.P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
215004.MXE LITTELFUSE-215004.MXE Datasheet
125Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
215004.XE LITTELFUSE-215004.XE Datasheet
125Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
More results

Similar Description - 215004.P

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0090.0001 SCHURTER-0090.0001 Datasheet
276Kb / 2P
   Breaking capacity
609861 SCHURTER-609861 Datasheet
276Kb / 2P
   Breaking capacity
logo
Bel Fuse Inc.
5HF BEL-5HF Datasheet
409Kb / 2P
   Quick-acting Fuse Series(High-Breaking Capacity)
5HT BEL-5HT Datasheet
98Kb / 2P
   Time-lag Fuse Series (High - Breaking Capacity)
0659C BEL-0659C Datasheet
2Mb / 4P
   Time - lag Fuse Series (High-Breaking Capacity)
5HF-13 BEL-5HF-13 Datasheet
1Mb / 4P
   QUICK-ACTING FUSE SERIES(HIGH-BREAKING CAPACITY)
5HT BEL-5HT_13 Datasheet
1Mb / 4P
   TIME-LAG FUSE SERIES (HIGH - BREAKING CAPACITY)
logo
Cooper Bussmann, Inc.
BK-GMT-X COOPER-BK-GMT-X Datasheet
85Kb / 2P
   Medium time delay, low breaking capacity
logo
Eaton All Rights Reserv...
EAC10 EATON-EAC10 Datasheet
1Mb / 6P
   10 x 32 mm high breaking capacity fuse
August 2022
logo
Bel Fuse Inc.
5SFP BEL-5SFP Datasheet
89Kb / 2P
   Quick-acting Fuse Series (Low Breaking Capacity)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com