Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

QPDS15-48S Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part No. QPDS15-48S
Description  Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

QPDS15-48S Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  QPDS15-48S Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Approved to IEC/EN60950, UL60950 Safety Standards
Wide Input Voltage: 36VDC - 75VDC
Remote Control
No Minimum Load Requirement
QPDS15-48S3V3
QPDS15-48S05
QPDS15-48S12
15Watts DC-DC Single Output
QPDS15-48S Series
Qualtek
Electronics Corporation
P
P C
Page 1 of 1
Output Characteristics
Input Characteristics
Protection
Environmental Characteristics
General Characteristics
Model
DC Output
Rated Current
Current Range
Efficiency (Typical)
Ripple and Noise (max)
Voltage Accuracy
Line Regulation (max)
Load Regulation (max)
Temperature Coefficient
Voltage Range
Normal Voltage
Under-Voltage Shutdown
Over Current
Short Circuit
Operating Amb. Temp.
Operating Case Temp.
Storage Temp.
Safety Standards
Isolation Voltage (one minute)
MTBF
Dimension (LxWxH)
Features:
3.3V
3.5A
0~3.5A
78%
60mVpp
±1.0%
10mV
25mV
±0.02%/°C
5V
3A
0~3A
82%
12V
1.25A
0~1.25A
84%
36VDC~75VDC
48VDC
32VDC~34VDC
Continuous, auto recovery (3.3V, 5V)
>120% output current, auto recovery (3.3V, 5V)
-40°C~55°C
-40°C~100°C
-55°C~125°C
IEC/EN60950, UL60950
Input-Output: 1500VDC. Input-Case: 1500VDC. Output-Case: 1500VDC
More than 2,000,000Hrs
41.9x37.1x10.16mm (1.65”x1.46”x0.4”)
Single Outputs: 3.3VDC, 5VDC, 12VDC, 15VDC
Remote Control
Control Voltage (Positive Logic)
Control Current (Positive Logic)
HIGH=ON (3.5VDC to 12VDC); LOW=OFF (-0.7VDC to 0.6VDC)
2mA max.
Pin No.
1
2
3
4
5
6
Output
+Vin
-Vin
CNT
-Vout
+Vout
NC
Pin Length: 3.8mm
Pin Assignment
TOLERANCES: X.Xmm = ±0.5mm
X.XXmm = ±0.25mm
QPDS15-48S15
15V
1A
0~1A
85%
4
5
6
3
2
1
6- 1.0 -0.10
+0.05
38.1 [1.500]
41.9 [1.650]
5
4
6
3
2
1
3.81 [0.150]
1.27 [0.050]
6 - 1.3
+ 0.05
- 0.10
Unit: mm[inch]


Similar Part No. - QPDS15-48S

ManufacturerPart No.DatasheetDescription
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPD-100 QUALTEK-QPD-100 Datasheet
2Mb / 2P
   100Watts Single Output
QPD-100-12 QUALTEK-QPD-100-12 Datasheet
2Mb / 2P
   100Watts Single Output
QPD-100-15 QUALTEK-QPD-100-15 Datasheet
2Mb / 2P
   100Watts Single Output
QPD-100-24 QUALTEK-QPD-100-24 Datasheet
2Mb / 2P
   100Watts Single Output
QPD-100-48 QUALTEK-QPD-100-48 Datasheet
2Mb / 2P
   100Watts Single Output
More results

Similar Description - QPDS15-48S

ManufacturerPart No.DatasheetDescription
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards
Bel Fuse Inc.
Bel Fuse Inc.
ABC350-1T12L BEL-ABC350-1T12L Datasheet
941Kb / 6P
   Approved to EN60950-1 2nd Edition
TE Connectivity Ltd
TE Connectivity Ltd
W28 TEC-W28 Datasheet
426Kb / 2P
   Approved to many international standards
List of Unclassifed Manufacturers
List of Unclassifed Man...
CBS1002415 ETC2-CBS1002415 Datasheet
119Kb / 3P
   UL60950, C-UL (CSA60950) recognized, TUV approved
STMicroelectronics
STMicroelectronics
STEVAL-ISA019V1 STMICROELECTRONICS-STEVAL-ISA019V1 Datasheet
84Kb / 4P
   Safety compliant according EN60950
November 2007 Rev 1
Recom International Power
Recom International Pow...
RPA120H-RW RECOM-RPA120H-RW Datasheet
1Mb / 7P
   UL, IEC/EN60950-1 & EN50155 Pending
STMicroelectronics
STMicroelectronics
STEVAL-ISA015V2 STMICROELECTRONICS-STEVAL-ISA015V2 Datasheet
93Kb / 4P
   Safety compliant in accordance with EN60950
November 2007 Rev 1
Total Power International
Total Power Internation...
TPDU45 TOTAL-POWER-TPDU45 Datasheet
366Kb / 4P
   MEET THE SAFETY STANDARDS
TPES24 TOTAL-POWER-TPES24 Datasheet
461Kb / 2P
   MEET UNIVERSAL SAFETY STANDARDS
SynQor Worldwide Headquarters
SynQor Worldwide Headqu...
PQ60050EKX10 SYNQOR-PQ60050EKX10 Datasheet
1Mb / 15P
   TUV certified to EN60950-1
More results


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz