Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAA1-12038NH31-A Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # FAA1-12038NH31-A
Description  Motor: Shaded Pole Induction Motor Motor Protection: Impedance Protected
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

FAA1-12038NH31-A Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  FAA1-12038NH31-A Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Motor: Shaded Pole Induction Motor
Motor Protection: Impedance Protected
Bearing Type: Two Ball, Sleeve, or Hydro Dynamic
Connection: UL 1430 AWG 22, 280mm Wire Leads or Terminal
Impeller Material: Plastic UL94V-0
Operating Temp:
Two Ball: -10°C~70°C
Sleeve: -10°C~60°C
Hydro Dynamic: -10°C~70°C
120x120x38mm
FAA1-12038-A Series
Features:
Frame Material: Aluminum Alloy
Volt.
(VAC)
Freq.
(Hz)
Current
(A)
Power
(W)
Rated
Speed
(rpm)
Model No.
FAA1-12038N K 31-A
FAA1-12038Q K 31-A
FAA1-12038N J 31-A
FAA1-12038Q J 31-A
FAA1-12038N H 31-A
FAA1-12038Q H 31-A
FAA1-12038N M 31-A
FAA1-12038Q M 31-A
FAA1-12038N L 31-A
FAA1-12038Q L 31-A
FAA1-12038N A 31-A
FAA1-12038Q A 31-A
50/60
50/60
50/60
50/60
50/60
50/60
50/60
50/60
50/60
50/60
50/60
50/60
0.28/0.24
0.14/0.12
0.27/0.22
0.13/0.11
0.24/0.19
0.11/0.09
0.18/0.15
0.08/0.07
0.12/0.11
0.06/0.05
0.08/0.08
0.04/0.04
21.20/19.20
17.50/19.80
20.40/17.20
20.80/17.60
17.00/14.00
17.10/14.80
13.80/12.40
13.80/12.50
9.00/8.70
9.80/9.40
7.00/6.60
8.10/7.70
2400/2600
2400/2600
2700/3100
2700/3100
2600/2900
2600/2900
2600/2800
2600/2800
2400/2200
2400/2200
2300/1700
2300/1700
Maximum
AirFlow
2.720/3.030
2.720/3.030
2.410/2.750
2.410/2.750
2.410/2.750
2.410/2.750
2.310/2.460
2.310/2.460
2.150/2.020
2.150/2.020
1.980/1.520
1.980/1.520
96.0/107.0
96.0/107.0
91.2/103.5
91.2/103.5
85.0/97.0
85.0/97.0
81.5/87.0
81.5/87.0
76.0/71.5
76.0/71.5
70.0/53.5
70.0/53.5
115
230
115
230
115
230
115
230
115
230
115
230
(CMM)
(CFM)
Maximum Static
Pressure
0.240/0.250
0.240/0.250
0.310/0.350
0.310/0.350
0.310/0.350
0.310/0.350
0.240/0.210
0.240/0.210
0.180/0.100
0.180/0.100
0.130/0.060
0.130/0.060
6.096/6.350
6.096/6.350
8.170/9.070
8.170/9.070
7.900/8.870
7.900/8.870
6.196/5.334
6.196/5.334
4.572/2.540
4.572/2.540
3.302/1.524
3.302/1.524
(InAq)
(mmAq)
Noise
Level
(dB/A)
46.4/48.1
46.4/48.1
42.6/47.0
42.6/47.0
42.2/44.5
42.2/44.5
41.0/42.0
41.0/42.0
40.1/37.9
40.1/37.9
39.2/30.5
39.2/30.5
Weight
(g)
550
550
550
550
550
550
550
550
550
550
550
550
ISO-9001 Company
www.qualtekusa.com
AC AXIAL FAN
Life Expectancy:
Two Ball: 50,000 Hours
Sleeve: 30,000 Hours
Hydro Dynamic: 50,000 Hours
* Indicates “B” (Ball Bearing), “S” (Sleeve Bearing), or “H” (Hydro Dynamic)
* **
** Indicates “W” (Wire Leads) or “T” (Terminal)
Qualtek
Electronics Corporation
* **
* **
* **
Noise is measured at the distance of one (1) meter from the axis of intake.
* **
* **
* **
* **
Fan-S Division
* **
* **
* **
* **
60Hz
50Hz
0.0
2.0
4.0
6.0
8.0
10.0
0.0
20.0
40.0
60.0
80.0
100.0
120.0
0
0.08
0.16
0.24
0.32
0.4
0.0
0.6
1.1
1.7
2.3
2.8
3.4
J
K
H
M
L
A
0.0
2.0
4.0
6.0
8.0
10.0
0.0
20.0
40.0
60.0
80.0
100.0
120.0
0
0.08
0.16
0.24
0.32
0.4
0.0
0.6
1.1
1.7
2.3
2.8
3.4
J
K
H
M
L
A


Similar Part No. - FAA1-12038NH31-A

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
FAA1-12038NHAT31 QUALTEK-FAA1-12038NHAT31 Datasheet
1Mb / 1P
   120x120x38mm AC AXIAL FAN
FAA1-12038NHAW31 QUALTEK-FAA1-12038NHAW31 Datasheet
1Mb / 1P
   120x120x38mm AC AXIAL FAN
FAA1-12038NHHT31 QUALTEK-FAA1-12038NHHT31 Datasheet
1Mb / 1P
   120x120x38mm AC AXIAL FAN
FAA1-12038NHHW31 QUALTEK-FAA1-12038NHHW31 Datasheet
1Mb / 1P
   120x120x38mm AC AXIAL FAN
FAA1-12038NHLT31 QUALTEK-FAA1-12038NHLT31 Datasheet
1Mb / 1P
   120x120x38mm AC AXIAL FAN
More results

Similar Description - FAA1-12038NH31-A

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
FQA1-12038 QUALTEK-FQA1-12038 Datasheet
3Mb / 1P
   Motor: Shaded Pole Induction Motor Motor Protection: Impedance Protected
logo
ebm-papst
4000Z EBMPAPST-4000Z Datasheet
369Kb / 1P
   AC fans with external rotor shaded-pole motor. Impedance protected against overloading
logo
Ningbo Leison Motor Co....
LS-2IK06-2GN NINGBO-LS-2IK06-2GN Datasheet
898Kb / 1P
   Induction Motor 6W
LS-5IK60-5GU NINGBO-LS-5IK60-5GU Datasheet
946Kb / 1P
   Induction Motor 60W
LS-5IK60-5GN NINGBO-LS-5IK60-5GN Datasheet
930Kb / 1P
   Induction Motor 60W
LS-5IK120-5GU NINGBO-LS-5IK120-5GU Datasheet
956Kb / 1P
   Induction Motor 120W
LS-6IK120-6GU NINGBO-LS-6IK120-6GU Datasheet
937Kb / 1P
   Induction Motor 120W
LS-5IK90-5GU NINGBO-LS-5IK90-5GU Datasheet
959Kb / 1P
   Induction Motor 90W
LS-6IK140-6GU NINGBO-LS-6IK140-6GU Datasheet
937Kb / 1P
   Induction Motor 140W
logo
List of Unclassifed Man...
W2E143-AA09 ETC2-W2E143-AA09 Datasheet
487Kb / 1P
   AC fans with extemal rotor shaded-pole motor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com