Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

215.250P Datasheet(PDF) 2 Page - Littelfuse

Part # 215.250P
Description  High breaking capacity
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

215.250P Datasheet(HTML) 2 Page - Littelfuse

  215.250P Datasheet HTML 1Page - Littelfuse 215.250P Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Axial Lead and Cartridge Fuses
428
w w w. l i t t e l f u s e . c o m
Designed to IEC Standard
0215 000P
0215.800 XEP
0215.200 XEP
to
40
20+0.5
22.5 MAX
5.1+0.6
5.2+0.1
-0.2
5.1+0.6
6.0 MAX
0215012.XEP
0215001.XEP
to
0.65*
0.65
40
22.5 MAX
5.8 MAX
All dimensions in mm
Notes:
* Ratings above 6.3A
have 0.8 mm dia lead
Agency Approvals
Agency Approvals
Ampere Range
®
®
Certificate No.
2002010207007593
4A – 6.3A
2005010207145714
1A – 3.15A
Certificate No.
SU05001-2011
1A – 3.15A
SU05001-2012
4A – 10A
Pending
12A
Recognised File No. E10480
Guide No.
JDYX2
File No.
029862
Acc. Class No.
LR1422-30
Licence No.
KM41462
200mA – 10A
File No.
606726
125mA, 160mA
403906
200mA –
800mA, 8A,10A
501856
1A-3.15A
0147100
4A-6.3A
Certificate No.
Cartridge
NBK250702-E10480 A & C 1A – 5A
NBK250702-E10480 E
6.3A – 12A
Leaded
NBK250702-E10480 B & D 1A – 5A
NBK250702-E10480 F
6.3A -12A
125mA – 12A
125mA – 12A
RoHS
5 x 20 mm Time Lag Fuse (Slo-Blo®) Fuse 215P Series
®
®
Pb
Licence No.
40013521
200mA – 8A
10A*
Licence No.
40016610
12A*
V
D
E
VDE
*Approval for cartridge versions only
Average Time Current Curves


Similar Part No. - 215.250P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
215.250 LITTELFUSE-215.250 Datasheet
125Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
215.250 LITTELFUSE-215.250 Datasheet
94Kb / 1P
   5 x 20 mm Time Lag Fuse (Slo-Blo Fuse) 215/221 Series
215.250 LITTELFUSE-215.250 Datasheet
132Kb / 2P
   Axial Lead and Cartridge Fuses
215.250MXE LITTELFUSE-215.250MXE Datasheet
125Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
215.250XE LITTELFUSE-215.250XE Datasheet
125Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
More results

Similar Description - 215.250P

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0090.0001 SCHURTER-0090.0001 Datasheet
276Kb / 2P
   Breaking capacity
609861 SCHURTER-609861 Datasheet
276Kb / 2P
   Breaking capacity
logo
Bel Fuse Inc.
5HF BEL-5HF Datasheet
409Kb / 2P
   Quick-acting Fuse Series(High-Breaking Capacity)
5HT BEL-5HT Datasheet
98Kb / 2P
   Time-lag Fuse Series (High - Breaking Capacity)
0659C BEL-0659C Datasheet
2Mb / 4P
   Time - lag Fuse Series (High-Breaking Capacity)
5HF-13 BEL-5HF-13 Datasheet
1Mb / 4P
   QUICK-ACTING FUSE SERIES(HIGH-BREAKING CAPACITY)
5HT BEL-5HT_13 Datasheet
1Mb / 4P
   TIME-LAG FUSE SERIES (HIGH - BREAKING CAPACITY)
logo
Cooper Bussmann, Inc.
BK-GMT-X COOPER-BK-GMT-X Datasheet
85Kb / 2P
   Medium time delay, low breaking capacity
logo
Eaton All Rights Reserv...
EAC10 EATON-EAC10 Datasheet
1Mb / 6P
   10 x 32 mm high breaking capacity fuse
August 2022
logo
Bel Fuse Inc.
5SFP BEL-5SFP Datasheet
89Kb / 2P
   Quick-acting Fuse Series (Low Breaking Capacity)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com