Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE51030 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE51030
Description  Vertical Omni Antenna 2400 MHz, 10.0 dBi
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE51030 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE51030 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PO Box 16759. Irvine, CA 92623-6759
Toll Free: (866) 727-8376
Direct: +1 (949) 261-1920
FAX: +1 (949) 261-7451
Email: sales@pasternack.com
PE51030
Vertical Omni
Antenna
2400 MHz, 10.0 dBi
(1)
Pasternack reserves the right to change specifications or information without notice.
(2)
All specifications "typical"
www.pasternack.com
1 of 1
Product Features
WiFi Freq Range
2400-2483 MHz
100W power handling
High Gain, 10dBi Omni Radiation Pattern
Rugged Fiberglass Radome
Specifications (1)
Parameter
Value
Units
Description
Minimum
Frequency
2400
MHz
Maximum
Frequency
2483
MHz
Impedance
50
Ohms
Gain
10
dBi
Max Gain
Horiz Beamwidth
360
Deg
Vert Beamwidth
10.5
Deg
Polarization
Vert
Vertical Polarization
Max Input Pwr
100
W
Watts(Max)
Maximum VSWR
<1.5
ratio
Between Min and Max
Freq
Length
1000
mm
39.37 inches
Weight
.6
Kg
Diameter
25
mm
1 inch
Mast Diameter
30-50
mm
Mast Mounting Info
Connector Type
N(f)
N-Type Female
Maximum Wind
Velocity
241
Km/Hr
Ordering Information
Part Number
Description
PE51030
2400 MHz 10dBi Gain Omni Antenna with N-female connector


Similar Part No. - PE51030

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51031 PASTERNACK-PE51031 Datasheet
66Kb / 1P
   Vertical Omni Antenna 2400 MHz, 12.0 dBi
PE51032 PASTERNACK-PE51032 Datasheet
66Kb / 1P
   Vertical Omni Antenna 3500 MHz, 7.0 dBi
PE51033 PASTERNACK-PE51033 Datasheet
80Kb / 1P
   Vertical Omni Antenna 3500 MHz, 9.0 dBi
PE51034 PASTERNACK-PE51034 Datasheet
117Kb / 1P
   Vertical Omni Antenna 3500 MHz, 11 dBi
PE51035 PASTERNACK-PE51035 Datasheet
275Kb / 1P
   Vertical Omni Antenna 5470-5850 MHz 8.0 dBi
More results

Similar Description - PE51030

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51031 PASTERNACK-PE51031 Datasheet
66Kb / 1P
   Vertical Omni Antenna 2400 MHz, 12.0 dBi
PE51029 PASTERNACK-PE51029 Datasheet
276Kb / 1P
   Vertical Omni Antenna 2400 - 2483 MHz 8.0 dBi
PE51036 PASTERNACK-PE51036 Datasheet
66Kb / 1P
   Vertical Omni Antenna 5470-5850 MHz, 10.0 dBi
PE51061 PASTERNACK-PE51061 Datasheet
63Kb / 1P
   Vertical Omni Antenna 2400-2500, 8.0 dBi
PE51088 PASTERNACK-PE51088 Datasheet
283Kb / 1P
   Mini Omni Antenna 2400-2500 & 4900-5825 MHz 2.0 dBi
PE51033 PASTERNACK-PE51033 Datasheet
80Kb / 1P
   Vertical Omni Antenna 3500 MHz, 9.0 dBi
PE51038 PASTERNACK-PE51038 Datasheet
66Kb / 1P
   Vertical Omni Antenna 5800 MHz, 8 dBi
PE51032 PASTERNACK-PE51032 Datasheet
66Kb / 1P
   Vertical Omni Antenna 3500 MHz, 7.0 dBi
PE51034 PASTERNACK-PE51034 Datasheet
117Kb / 1P
   Vertical Omni Antenna 3500 MHz, 11 dBi
PE51037 PASTERNACK-PE51037 Datasheet
77Kb / 1P
   Vertical Omni Antenna 5500 MHz, 12.0 dBi
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com