Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XSERIES Datasheet(PDF) 1 Page - Power-One

Part # XSERIES
Description  375, 500 Watt AC-DC and DC-DC DIN-Rail Converters
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

XSERIES Datasheet(HTML) 1 Page - Power-One

  XSERIES Datasheet HTML 1Page - Power-One XSERIES Datasheet HTML 2Page - Power-One XSERIES Datasheet HTML 3Page - Power-One XSERIES Datasheet HTML 4Page - Power-One XSERIES Datasheet HTML 5Page - Power-One XSERIES Datasheet HTML 6Page - Power-One XSERIES Datasheet HTML 7Page - Power-One XSERIES Datasheet HTML 8Page - Power-One XSERIES Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
BCD20021-G REV AB, 19-Jan-09
Page 1 of 22
www.power-one.com
®
X Series Data Sheet
375, 500 Watt AC-DC and DC-DC DIN-Rail Converters
• RoHS lead-free-solder and lead-solder-exempted
products are available
• Rugged 35 mm DIN-rail snap-fit design
• Class I equipment
• Universal AC-input with single stage conversion AC to
DC or DC input of 90 to 350 V
• Power factor correction, harmonics IEC/EN 61000-3-2
• Virtually no inrush current
• Immunity to IEC/EN 61000-4-2, -3, -4, -5, -6, -11
• Emissions according to EN 55011/022
• Very high efficiency; up to 89%
• Short-term output peak power capability, rectangular
current limiting characteristic
• Single or two independently regulated outputs with 24,
36, or 48 V
• Outputs no-load, overload, and short-circuit proof
• PCBs protected by lacquer
• Very high reliability
Description
The Convert Select front end series represents a family of
DIN-rail mountable AC-DC and DC-DC converters with power
factor correction. The converters have been designed
according to the latest industry requirements and standards.
They are ideal for use in outdoor and other demanding
applications to power building control systems, factory
automation,
industrial
controls,
instrumentation,
electro-
magnetic drives, fans, and other DC loads. Different models
are available with a single output or two independently
regulated, electrically isolated outputs with 24, 36, or 48 V.
Special models for battery charging are available.
Key features of the Convert Select line include power factor
correction with low harmonic distortion, negligibly low inrush
current, high immunity to transients and surges, and low
electromagnetic emissions. Internal protection circuits such as
input over- and undervoltage lockout, thermal protection, as
well as output overvoltage protection by a second control loop
ensure safe operation of the final system.
Safety according to IEC/EN 60950-1, UL/CSA 60950-1,
IEC/EN 50178, IEC 61010-1, UL 508
The outputs deliver an electrically-isolated Safety Extra Low
Voltage, SELV, (except models LXR/LXN1740) and low output
noise. They are no-load, overload, and short-circuit proof. The
electronically controlled short-term peak power capability of up
to 150% of the rated output power enables the front end
converters to deliver additional power to start-up motors or to
safely operate subsequent circuit breakers. Built-in large sized
output capacitors absorb possible reverse energy, which may
be caused by quick deceleration of electromagnetic drives
connected directly to the output. A green LED at the front cover
displays the status of the output(s).
The Convert Select Series was designed according to all
relevant international safety standards. The converters are
approved by TÜV and UL, and are UL 508 listed. Adequate
clearances and creepage distances allow operation in pollution
degree 3 environment (with AC input). All board assemblies are
coated with a protective lacquer.
Features
114
4.49"
194
7.64"
138
5.43"
Table of Contents
Page
Page
Description .......................................................................... 1
Model Selection .................................................................. 2
Functional Description ........................................................ 4
Electrical Input Data ............................................................ 5
Electrical Output Data ......................................................... 7
Electromagnetic Compatibility (EMC) ............................... 12
Immunity to Environmental Conditions ............................. 13
Mechanical Data ............................................................... 14
Safety and Installation Instructions ................................... 15
Description of Options ...................................................... 17
Accessories ....................................................................... 20
EC Declaration of Conformity ........................................... 22


Similar Part No. - XSERIES

ManufacturerPart #DatasheetDescription
logo
MMD Components
XSEA1 MMD-XSEA1 Datasheet
74Kb / 1P
   2mm X 2.5mm 4 Pads Ceramic Package
XSEB1 MMD-XSEB1 Datasheet
74Kb / 1P
   2mm X 2.5mm 4 Pads Ceramic Package
XSEC1 MMD-XSEC1 Datasheet
74Kb / 1P
   2mm X 2.5mm 4 Pads Ceramic Package
More results

Similar Description - XSERIES

ManufacturerPart #DatasheetDescription
logo
Power-One
LXR1601-6 POWER-ONE-LXR1601-6 Datasheet
247Kb / 5P
   375 and 500 Watt AC-DC Converters
LOK4000 POWER-ONE-LOK4000 Datasheet
207Kb / 12P
   DIN-Rail Mountable AC-DC (DC-DC) Converters
UT1201-7 POWER-ONE-UT1201-7 Datasheet
94Kb / 4P
   500 Watt AC-DC Converters
CK2540-9ERD3TB1 POWER-ONE-CK2540-9ERD3TB1 Datasheet
596Kb / 34P
   150 Watt DC-DC and AC-DC Converters
logo
Bel Fuse Inc.
LDD120 BEL-LDD120 Datasheet
575Kb / 5P
   120W DIN Rail DC/DC converters
logo
AIMTEC
AMED125 AIMTEC-AMED125 Datasheet
316Kb / 2P
   125 Watt (Din Rail) AC/DC Converter
logo
XP Power Limited
DRF50US24-N1 XPPOWER-DRF50US24-N1 Datasheet
170Kb / 2P
   AC-DC DIN Rail
logo
CUI INC
VDRS-100 CUI-VDRS-100_V01 Datasheet
592Kb / 4P
   AC-DC DIN RAIL
01/10/2017
VDRS-240 CUI-VDRS-240 Datasheet
294Kb / 7P
   AC-DC DIN RAIL
VDRS-20 CUI-VDRS-20_V01 Datasheet
378Kb / 4P
   AC-DC DIN RAIL
08/23/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com