Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XSERIES Datasheet(PDF) 3 Page - Power-One

Part # XSERIES
Description  375, 500 Watt AC-DC and DC-DC DIN-Rail Converters
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

XSERIES Datasheet(HTML) 3 Page - Power-One

  XSERIES Datasheet HTML 1Page - Power-One XSERIES Datasheet HTML 2Page - Power-One XSERIES Datasheet HTML 3Page - Power-One XSERIES Datasheet HTML 4Page - Power-One XSERIES Datasheet HTML 5Page - Power-One XSERIES Datasheet HTML 6Page - Power-One XSERIES Datasheet HTML 7Page - Power-One XSERIES Datasheet HTML 8Page - Power-One XSERIES Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
BCD20021-G REV AB, 19-Jan-09
Page 3 of 22
www.power-one.com
®
X Series Data Sheet
375, 500 Watt AC-DC and DC-DC DIN-Rail Converters
Part Number Description
L X N 2 660 -6 D2 F K2 G
Input voltage range ............................................................... L
Series ................................................................................... X
Nominal output power
375W ............................................................... R
500 W .............................................................. N
Number of outputs ............................................................ 1, 2
Type specification .................................................. 000 – 999
Operational ambient temperature range T
A
–40 to 60 °C ................................................... -6
Customer-specific ...................................... -0, -5
Options
Output voltage control input 2 ....................................... R
Save data signal 2 .......................................... D1, D2, D5
Multiple functions via D-SUB connector 2 .. M1, M2
Built-in second fuse, input diode ..................... F
System connector .......................................... K2
RoHS compliant for all six substances .......... G1
1
G is always placed at the end of the part number. Consult Power-One for availability !
2
Only one of these options is possible.
Example:
LXN2660-6D2FK2G: Power factor corrected AC-DC converter, operating input voltage range 85 – 264 VAC,
2 electrically isolated and individually regulated outputs, each providing 24.7 V, 10 A, options D2, F, K2, and RoHS-
compatible for all 6 substances.
Product Marking
Basic type designation, applicable safety approval and
recognition marks, CE mark, warnings, pin designation,
Power-One company logo.
Specific type designation, input voltage range, nominal output
voltages and currents, degree of protection, batch and serial
number, data code including production site, version, date of
production.


Similar Part No. - XSERIES

ManufacturerPart #DatasheetDescription
logo
MMD Components
XSEA1 MMD-XSEA1 Datasheet
74Kb / 1P
   2mm X 2.5mm 4 Pads Ceramic Package
XSEB1 MMD-XSEB1 Datasheet
74Kb / 1P
   2mm X 2.5mm 4 Pads Ceramic Package
XSEC1 MMD-XSEC1 Datasheet
74Kb / 1P
   2mm X 2.5mm 4 Pads Ceramic Package
More results

Similar Description - XSERIES

ManufacturerPart #DatasheetDescription
logo
Power-One
LXR1601-6 POWER-ONE-LXR1601-6 Datasheet
247Kb / 5P
   375 and 500 Watt AC-DC Converters
LOK4000 POWER-ONE-LOK4000 Datasheet
207Kb / 12P
   DIN-Rail Mountable AC-DC (DC-DC) Converters
UT1201-7 POWER-ONE-UT1201-7 Datasheet
94Kb / 4P
   500 Watt AC-DC Converters
CK2540-9ERD3TB1 POWER-ONE-CK2540-9ERD3TB1 Datasheet
596Kb / 34P
   150 Watt DC-DC and AC-DC Converters
logo
Bel Fuse Inc.
LDD120 BEL-LDD120 Datasheet
575Kb / 5P
   120W DIN Rail DC/DC converters
logo
AIMTEC
AMED125 AIMTEC-AMED125 Datasheet
316Kb / 2P
   125 Watt (Din Rail) AC/DC Converter
logo
XP Power Limited
DRF50US24-N1 XPPOWER-DRF50US24-N1 Datasheet
170Kb / 2P
   AC-DC DIN Rail
logo
CUI INC
VDRS-100 CUI-VDRS-100_V01 Datasheet
592Kb / 4P
   AC-DC DIN RAIL
01/10/2017
VDRS-240 CUI-VDRS-240 Datasheet
294Kb / 7P
   AC-DC DIN RAIL
VDRS-20 CUI-VDRS-20_V01 Datasheet
378Kb / 4P
   AC-DC DIN RAIL
08/23/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com