Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSAU400 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MSAU400
Description  DC/DC CONVERTER 2W, SMD Package with Industry Standard Pinout
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSAU400 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MSAU400_11 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSAU400_11 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSAU400_11 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSAU400_11 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MSAU400 SERIES
DC/DC CONVERTER 2W, SMD-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2011/08/11 REV:7
Page 1 of 4
FEATURES
SMD Package with Industry Standard Pinout
Package Dimension:
12.7 x 9.3 x 8.9 mm (0.5”x 0.37”x 0.35”) Single Output Models
15.3 x 9.3 x 8.9 mm (0.6”x 0.37”x 0.35”) Dual Output Models
I/O-Isolation 1000 VDC
Operating Temp. Range –40° to +85°C
High Accuracy of Pin Planarity
Qualified for lead-free reflow solder process according
IPC/JEDEC J-STD-020D
Tape & Reel Package available
3 Year Product Warranty
PRODUCT OVERVIEW
The MINMAX MSAU400 series is a range of 2W DC/DC converters in a SMD- Package featuring I/O-isolation of 1000VDC.The small footprint makes this
product the ideal solution for many applications where a voltage has to be isolated i.e for noise reduction, ground loop elimination, in digital interfaces or
where a converted voltage is required.
A high efficiency allows an operating temperature range of–40°C to +85°C(with derating). These converters are fully qualified for the higher temperature
profile used in lead-free reflow solder processes. For automated SMD production lines the product can also be supplied in tape& reel package.
Model Selection Guide
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Load
Regulation
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
% (max.)
uF
%
MSAU401
5
400
8
519
11
47
77
MSAU403
12
165
3
488
11
10
81
MSAU406
±5
±200
±4
519
12
10#
77
MSAU408
±12
±83
±1.5
504
7
4.7#
79
MSAU409
5
(4.5 ~ 5.5)
±15
±66
±1
501
60
7
4.7#
79
MSAU411
5
400
8
213
8
47
78
MSAU413
12
165
3
201
6
10
82
MSAU418
±12
±83
±1.5
202
5
4.7#
82
MSAU419
12
(10.8 ~ 13.2)
±15
±66
±1
201
30
5
4.7#
82
MSAU421
5
400
8
106
8
47
78
MSAU423
12
165
3
101
5
10
81
MSAU428
±12
±83
±1.5
102
5
4.7#
81
MSAU429
24
(21.6 ~ 26.4)
±15
±66
±1
100
15
5
4.7#
82
# For each output
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
5V Input Models
4.5
5
5.5
12V Input Models
10.8
12
13.2
Input Voltage Range
24V Input Models
21.6
24
26.4
5V Input Models
-0.7
---
9
12V Input Models
-0.7
---
18
Input Surge Voltage (1 sec. max.)
24V Input Models
-0.7
---
30
VDC
Reverse Polarity Input Current
---
---
0.3
A
Input Filter
Internal Capacitor
Internal Power Dissipation
All Models
---
---
650
mW


Similar Part No. - MSAU400_11

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSAU400 MINMAX-MSAU400_15 Datasheet
434Kb / 4P
   DC/DC CONVERTER 2W, SMD-Package
More results

Similar Description - MSAU400_11

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSLU400 MINMAX-MSLU400_11 Datasheet
268Kb / 4P
   DC/DC CONVERTER 2W, SMD Package with Industry Standard Pinout
MAU300 MINMAX-MAU300_13 Datasheet
511Kb / 4P
   DC/DC CONVERTER 2W SIP Package with Industry Standard Pinout
MSAU300 MINMAX-MSAU300_11 Datasheet
266Kb / 4P
   DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
MSKW2000 MINMAX-MSKW2000_12 Datasheet
284Kb / 5P
   DC/DC CONVERTER 5W, SMD Package with Industry Standard Pinout
MSAU100 MINMAX-MSAU100_11 Datasheet
265Kb / 4P
   DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
MSIW1000 MINMAX-MSIW1000_12 Datasheet
282Kb / 4P
   DC/DC CONVERTER 3W, SMD Package with Industry Standard Pinout
logo
MIC GROUP RECTIFIERS
MSLU100 MIC-MSLU100_11 Datasheet
277Kb / 5P
   DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
logo
Minmax Technology Co., ...
MSAU200 MINMAX-MSAU200_11 Datasheet
268Kb / 4P
   DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
MSLU300 MINMAX-MSLU300_11 Datasheet
271Kb / 4P
   DC/DC CONVERTER 1W, High Isolation, SMD Package with Industry Standard Pinout
MAU100 MINMAX-MAU100_13 Datasheet
529Kb / 4P
   DC/DC CONVERTER 1W SIP-Package with Industry Standard Pinout
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com