Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MIW1015 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part No. MIW1015
Description  DC/DC CONVERTER 2-3W, DIP-24 Plastic Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MIW1015 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MIW1015 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MIW1015 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MIW1015 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MIW1015 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MIW1000 SERIES
DC/DC CONVERTER 2-3W, DIP-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2012/01/09 REV:2
Page 1 of 4
®
FEATURES
DIP-24 Plastic Package
31.8 x 20.3 x 10.2 mm (1.25 x 0.8 x 0.4 inches)
Wide 2:1 Input Range
Operating Temp. Range –25°C to +85°C
Short Circuit Protection
I/O-isolation 1500 VDC
3 Years Product Warranty
PRODUCT OVERVIEW
The MINMAX MIW1000 series is a range of isolated 3W DC/DC converter modules featuring fully regulated output voltages and wide input voltage ranges.
The product comes in a DIP-24 plastic package with standard pinout. An excellent efficiency allows an operating temperature range of –25°C to +85°C
(with derating).
These DC/DC converters offer an economical solution for many cost critical applications in battery-powered equipment and instrumentation.
Model Selection Guide
Output
Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Reflected
Ripple
Current
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
mA(typ.)
uF
%
MIW1011
3.3
600
60
566
70
MIW1012
5
500
50
685
73
MIW1013
12
250
25
779
77
MIW1014
15
200
20
779
4000
77
MIW1015
±5
±250
±25
694
72
MIW1016
±12
±125
±12.5
800
75
MIW1017
5
(4.5 ~ 9)
±15
±100
±10
800
40
100
1000#
75
MIW1021
3.3
600
60
223
74
MIW1022
5
500
50
267
78
MIW1023
12
250
25
305
82
MIW1024
15
200
20
305
4000
82
MIW1025
±5
±250
±25
271
77
MIW1026
±12
±125
±12.5
313
80
MIW1027
12
(9 ~ 18)
±15
±100
±10
313
20
30
1000#
80
MIW1031
3.3
600
60
109
76
MIW1032
5
500
50
132
79
MIW1033
12
250
25
149
84
MIW1034
15
200
20
149
4000
84
MIW1035
±5
±250
±25
132
79
MIW1036
±12
±125
±12.5
152
82
MIW1037
24
(18 ~ 36)
±15
±100
±10
152
5
15
1000#
82
MIW1041
3.3
600
60
55
76
MIW1042
5
500
50
66
79
MIW1043
12
250
25
75
84
MIW1044
15
200
20
75
4000
84
MIW1045
±5
±250
±25
65
80
MIW1046
±12
±125
±12.5
75
84
MIW1047
48
(36 ~75)
±15
±100
±10
75
3
10
1000#
84
# For each output


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn