Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE91046 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE91046
Description  SSMA Male to BNC Female Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91046 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE91046 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91046 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91046 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/ssma-male-bnc-female-straight-adapter-pe91046-p.aspx
SSMA Male to BNC Female Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
SSMA Male to BNC Female Adapter
PE91046
PE91046 REV


Similar Part No. - PE91046

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91046 PASTERNACK-PE91046 Datasheet
447Kb / 3P
   SSMA Male to BNC Female Adapter
More results

Similar Description - PE91046

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9191 PASTERNACK-PE9191 Datasheet
242Kb / 2P
   SSMA Female to BNC Male Adapter
PE91046 PASTERNACK-PE91046 Datasheet
447Kb / 3P
   SSMA Male to BNC Female Adapter
PE9358 PASTERNACK-PE9358 Datasheet
240Kb / 3P
   SSMA Male to SSMA Female Adapter
PE9250 PASTERNACK-PE9250 Datasheet
75Kb / 1P
   BNC FEMALE TO SSMA MALE
PE9685 PASTERNACK-PE9685 Datasheet
258Kb / 3P
   QD SSMA Male to SSMA Female Adapter
PE9192 PASTERNACK-PE9192 Datasheet
239Kb / 2P
   SSMA Female to SSMA Female Adapter
PE9334 PASTERNACK-PE9334 Datasheet
239Kb / 2P
   SSMA Male to SSMA Female Right Angle Adapter
PE9352 PASTERNACK-PE9352 Datasheet
249Kb / 2P
   SSMA Female to N Male Adapter
PE9353 PASTERNACK-PE9353 Datasheet
251Kb / 2P
   SSMA Male to N Female Adapter
PE9192 PASTERNACK-PE9192 Datasheet
239Kb / 2P
   SSMA Female to SSMA Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com