Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPC-510MB-00XBE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # IPC-510MB-00XBE
Description  Economical 4U Rackmount Chassis with Front USB and PS/2 Interfaces
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IPC-510MB-00XBE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  IPC-510MB-00XBE Datasheet HTML 1Page - Advantech Co., Ltd. IPC-510MB-00XBE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Computer Chassis
Features
IPC-510
Specifications
Drive Bay
Front-accessible
Internal
5.25"
3
-
3.5"
1
1
Cooling
Fan
1 (12 cm / 77 CFM)
Air Filter
Yes
Front I/O Interface
USB
2
PS/2
1
Miscellaneous
LED Indicators
Power and HDD activity
Rear Panel
Backplane version: Two 9-pin D-Sub openings
Motherboard version: One 9-pin D-Sub and one 68-pin SCSI openings
Environment
Operating
Non-Operating
Temperature
0 ~ 40° C (32 ~ 104° F)
-20 ~ 60° C (-4 ~ 140° F)
Humidity
10 ~ 85% @ 40° C, non-condensing
10 ~ 95% @ 40° C, non-condensing
Vibration (5 ~ 500 Hz)
1 Grms
2 G
Shock
10 G (with 11 ms duration, half sine wave)
30 G
Physical Characteristics
Dimensions (W x H x D)
482 x 177 x 446 mm (19" x 7" x 17.6")
Weight
10.7 kg (23.5 lb)
ƒ The most cost-effective rackmount chassis
ƒ Supports 250/300 W ATX PFC PS/2 power supply
ƒ Easy to install front-accessible drive bays to hold three 5.25" and two 3.5"
drives (one front-accessible & one internal)
ƒ Front-accessible USB & PS/2 interfaces
ƒ Designed to withstand environmental extremes, such as shock, vibration and
high temperature
Economical 4U Rackmount Chassis
with Front USB and PS/2 Interfaces
Easy-to-maintain
cooling fan
System
reset switch
Power switch
HDD LED
Power LED
Three 5.25" drive bays
One internal 3.5" drive bay space
One 3.5" drive bay
Motherboard can fit in 450 mm (17.7”)
depth
USB & PS/2
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 20-Jun-2012


Similar Part No. - IPC-510MB-00XBE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-510MB-00XBE ADVANTECH-IPC-510MB-00XBE Datasheet
1Mb / 2P
   4U Rackmount Chassis with Front USB and PS/2 Interfaces
IPC-510MB-00XBE ADVANTECH-IPC-510MB-00XBE Datasheet
838Kb / 2P
   Economical 4U Rackmount Chassis with Front USB and PS/2 Interfaces
IPC-510MB-00XBE ADVANTECH-IPC-510MB-00XBE Datasheet
769Kb / 2P
   Economical 4U Rackmount Chassis with Front-Accessible USB and PS/2 Interfaces
More results

Similar Description - IPC-510MB-00XBE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-510 ADVANTECH-IPC-510_15 Datasheet
838Kb / 2P
   Economical 4U Rackmount Chassis with Front USB and PS/2 Interfaces
IPC-DT-3120E ADVANTECH-IPC-DT-3120E Datasheet
769Kb / 2P
   Economical 4U Rackmount Chassis with Front-Accessible USB and PS/2 Interfaces
IPC-DT-5230E ADVANTECH-IPC-DT-5230E Datasheet
769Kb / 2P
   Economical 4U Rackmount Chassis with Front-Accessible USB and PS/2 Interfaces
IPC-510 ADVANTECH-IPC-510_V01 Datasheet
803Kb / 2P
   Economical 4U Rackmount Chassis with Front-Accessible USB and PS/2 Interfaces
16-Jun-2020
IPC-510 ADVANTECH-IPC-510 Datasheet
1Mb / 2P
   4U Rackmount Chassis with Front USB and PS/2 Interfaces
ACP-2000 ADVANTECH-ACP-2000_15 Datasheet
1Mb / 2P
   2U 6-Slot Rackmount Chassis with Front USB and PS/2 Interfaces
ACP-2000 ADVANTECH-ACP-2000_12 Datasheet
2Mb / 2P
   2U 6-Slot Rackmount Chassis with Front USB and PS/2 Interfaces
IPC-602 ADVANTECH-IPC-602_12 Datasheet
2Mb / 2P
   2U 6-Slot Rackmount Chassis with Front USB and PS/2 Interfaces
IPC-602 ADVANTECH-IPC-602_17 Datasheet
975Kb / 2P
   2U 6-Slot Rackmount Chassis with Front USB and PS/2 Interfaces
ACP-2000 ADVANTECH-ACP-2000 Datasheet
1Mb / 2P
   2U 6-Slot Rackmount Chassis with Front USB and PS/2 Interfaces
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com