Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0157001.DRT Datasheet(PDF) 1 Page - Littelfuse

Part # 0157001.DRT
Description  Surface Mount Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0157001.DRT Datasheet(HTML) 1 Page - Littelfuse

  0157001.DRT Datasheet HTML 1Page - Littelfuse 0157001.DRT Datasheet HTML 2Page - Littelfuse 0157001.DRT Datasheet HTML 3Page - Littelfuse 0157001.DRT Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
99
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
157T Series
NANO> 157T Fuse and Holder Combination
Please refer to www.littelfuse.com/series/157T.html for current information.
157T Series – Standard Nano Fuse and Clip Assembly
Description
The 157T Series Fuse/Clip assembly is a small, square,
Time-Lag, surface mount fuse that is assembled in surface
mountable fuse clips. The unique time delay feature of this
fuse design helps solve the problem of nuisance “opening”
by accommodating inrush currents that normally cause a
fast acting fuse to open.
The fuse clip and pre-installed fuse combination can
be automatically placed in PC Board in one efficient
manufacturing operation. It permits quick and easy
replacement of fuses without performing desoldering
process, even in the field and without exposing the PC
Board to detrimental effects of rework solder heat.
Agency Approvals
AGENCY
AGENCY FILE NUMBER
AMPERE RANGE
E14721
0.375A ~ 5A
PS
E
NBK030205-E10480A
NBK030205-E10480B
1A
1.5A-5A
Features
Electrical Characteristics for Series
Time-Lag Fuse.
RoHS/Pb-Free solder
alloys and higher
temperature profiles
associated with
leadfree assembly.
on PC Board (Field
Replaceable)
Halogen-free
% of Ampere
Rating
% of Ampere
Rating
OpeningTime at 25ºC
100%
200%
300%
800%
Applications
Ampere
Rating (A)
Amp
Code
Max Voltage
Rating (V)
Interrupting
Rating
(A)
Fuse
Furnished
Nominal Cold
Resistance
(Ohms)
Nominal
Melting
I2t (A2sec)
Agency Approvals
PS
E
0.375
.375
125
0454.375
1.2214
0.101
X
0.500
.500
125
0454.500
0.7047
0.240
X
0.750
.750
125
0454.750
0.3602
0.904
X
1.00
001
125
0454001.
0.2245
1.98
X
X
1.50
01.5
125
045401.5
0.0934
3.65
X
X
2.00
002
125
0454002.
0.0629
8.20
X
X
2.50
02.5
125
045402.5
0.0452
15.0
X
X
3.00
003
125
0454003.
0.0342
20.16
X
X
3.50
03.5
125
045403.5
0.0226
26.53
X
X
4.00
004
125
0454004.
0.0188
34.40
X
X
5.00
005
125
0454005.
0.0138
53.72
X
X
Electrical Specifications by Item
1. Cold resistance measured at less than 10% of rated current at 23ºC.
2. I2t values stated for 8ms opening time.
4. Have special electrical characteristic needs? Contact Littelfuse to learn more about application specific options
PS
E
Revised: February 19, 2010


Similar Part No. - 0157001.DRT

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0157001.DR LITTELFUSE-0157001.DR Datasheet
194Kb / 4P
   Surface Mount Fuses
More results

Similar Description - 0157001.DRT

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
   Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
448 LITTELFUSE-448_10 Datasheet
204Kb / 4P
   Surface Mount Fuses
1600.50MR LITTELFUSE-1600.50MR Datasheet
202Kb / 4P
   Surface Mount Fuses
437 LITTELFUSE-437 Datasheet
184Kb / 4P
   Surface Mount Fuses
469 LITTELFUSE-469 Datasheet
199Kb / 4P
   Surface Mount Fuses
441 LITTELFUSE-441 Datasheet
38Kb / 2P
   SURFACE MOUNT FUSES
0466002NRHF LITTELFUSE-0466002NRHF Datasheet
161Kb / 3P
   Surface Mount Fuses
0154015DRT LITTELFUSE-0154015DRT Datasheet
116Kb / 1P
   Surface Mount Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com