Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE9767 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE9767
Description  Precision 2.92mm Male to SSMA Male Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9767 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE9767 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9767 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9767 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL:
http://www.pasternack.com/2.92mm-male-ssma-male-straight-adapter-pe9767-p.aspx
Precision 2.92mm Male to SSMA Male Adapter from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
Precision 2.92mm Male to SSMA Male Adapter
PE9767
PE9767 REV


Similar Part No. - PE9767

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9760 PASTERNACK-PE9760 Datasheet
243Kb / 2P
   Precision 75 Ohm F Male to F Male Adapter
PE9761 PASTERNACK-PE9761 Datasheet
74Kb / 1P
   F FEMALE TO F FEMALE
PE9762 PASTERNACK-PE9762 Datasheet
256Kb / 3P
   Precision 1.85mm Male to SSMA Female Adapter
logo
Peregrine Semiconductor...
PE9763 PEREGRINE-PE9763 Datasheet
290Kb / 15P
   3.2 GHz Delta-Sigma modulated Fractional-N Frequency Synthesizer for Low Phase Noise Applications
logo
Pasternack Enterprises,...
PE9763 PASTERNACK-PE9763 Datasheet
77Kb / 1P
   1.85mm MALE RO SSMA MALE
More results

Similar Description - PE9767

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9768 PASTERNACK-PE9768 Datasheet
255Kb / 3P
   Precision 2.92mm Female to SSMA Male Adapter
PE9766 PASTERNACK-PE9766 Datasheet
254Kb / 3P
   Precision 2.92mm Male to SSMA Female Adapter
PE9436 PASTERNACK-PE9436 Datasheet
247Kb / 3P
   Precision 2.92mm Male to 2.92mm Male Adapter
PE9357 PASTERNACK-PE9357 Datasheet
254Kb / 3P
   SSMA Male to SSMA Male Adapter
PE9355 PASTERNACK-PE9355 Datasheet
109Kb / 1P
   SSMA MALE TO 7mm, PRECISION ADAPTER
PE9657 PASTERNACK-PE9657 Datasheet
237Kb / 2P
   Precision 3.5mm Male to 2.92mm Male Adapter
PE9457 PASTERNACK-PE9457 Datasheet
247Kb / 3P
   Precision 2.92mm Male to 2.4mm Male Adapter
PE9661 PASTERNACK-PE9661 Datasheet
251Kb / 2P
   Precision 2.92mm Male to N Male Adapter
PE91010 PASTERNACK-PE91010 Datasheet
245Kb / 3P
   Precision SMA Male to 2.92mm Male Adapter
PE9645 PASTERNACK-PE9645 Datasheet
255Kb / 3P
   Precision 2.92mm Male to 2.92mm Male Right Angle Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com