Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPC-7120-25ZBE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # IPC-7120-25ZBE
Description  Desktop/Wallmount Chassis for MicroATX/ATX Motherboard with Front I/O Interfaces
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IPC-7120-25ZBE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  IPC-7120-25ZBE Datasheet HTML 1Page - Advantech Co., Ltd. IPC-7120-25ZBE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Ordering Information
Part Number
Power Supply
Motherboard
Regulations
IPC-5120-25ZBE
1757000557
-
CE
IPC-5120-30ZBE
1757000229G
-
CE
IPC-7120-25ZBE
1757000557
-
CE
IPC-7120-30ZBE
1757000229G
-
CE
Power Supply Options
(For detailed power supply specs, please refer to Chapter 6)
Part Number
Specifications
Watts
Input
1757000557 (ATX, PFC)
250 W
AC100~240V (full-range)
1757000229G (ATX, PFC)
300 W
AC100~240V (full-range)
IPC-5120/7120
Installation
Dimensions
Unit: mm [inch]
Unit: mm [inch]
IPC-5120
IPC-5120
IPC-7120
IPC-7120
Dimensions
IPC-5120
IPC-7120
A
334.6 [13.17]
394.6 [15.53]
B
350.0 [13.78]
410.0 [16.14]
164.0[6.45]
164.0[6.46]
316.5[12.46]
164.0[6.45]
164.0[6.46]
316.5[12.46]
8-Ø10
8-Ø5.2
6-Ø5.2
A
178.6[7.03]
193.4[7.61]
B


Similar Part No. - IPC-7120-25ZBE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-7120-25ZBE ADVANTECH-IPC-7120-25ZBE Datasheet
1Mb / 2P
   Compact Desktop/Wallmount Chassis with Front I/O Interfaces & Expansion Slots for MicroATX Motherboard
IPC-7120-25ZBE ADVANTECH-IPC-7120-25ZBE Datasheet
2Mb / 2P
   Desktop/Wallmount Chassis for MicroATX/ATX Motherboard with Front I/O Interfaces
More results

Similar Description - IPC-7120-25ZBE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-7120 ADVANTECH-IPC-7120_12 Datasheet
2Mb / 2P
   Desktop/Wallmount Chassis for MicroATX/ATX Motherboard with Front I/O Interfaces
IPC-5120 ADVANTECH-IPC-5120_15 Datasheet
1,004Kb / 2P
   Desktop/Wallmount Chassis with front I/O Interfaces for ATX/mATX Motherboard
IPC-5120 ADVANTECH-IPC-5120_V01 Datasheet
1Mb / 2P
   Desktop/Wallmount Chassis with front I/O Interfaces for ATX/mATX Motherboard
1-Jun-2020
IPC-5120 ADVANTECH-IPC-5120 Datasheet
1Mb / 2P
   Compact Desktop/Wallmount Chassis with Front I/O Interfaces & Expansion Slots for MicroATX Motherboard
IPC-7130L ADVANTECH-IPC-7130L_15 Datasheet
940Kb / 2P
   Desktop/Wallmount Chassis for ATX/MicroATX Motherboard
IPC-5122 ADVANTECH-IPC-5122_V01 Datasheet
1Mb / 2P
   Desktop/Wallmount Chassis for MicroATX Motherboard
1-Jun-2020
IPC-5122 ADVANTECH-IPC-5122_17 Datasheet
1Mb / 2P
   Desktop/Wallmount Chassis for MicroATX Motherboard
IPC-5122 ADVANTECH-IPC-5122_12 Datasheet
2Mb / 2P
   Desktop/Wallmount Chassis for MicroATX Motherboard
IPC-7130 ADVANTECH-IPC-7130_17 Datasheet
1Mb / 2P
   Desktop/Wallmount Chassis for MicroATX Motherboard
IPC-7220 ADVANTECH-IPC-7220 Datasheet
833Kb / 2P
   Desktop/Wallmount Chassis for ATX Motherboard
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com