Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2208 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2208
Description  50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2208 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2208 Datasheet HTML 2Page - Linear Technology LTC2208 Datasheet HTML 3Page - Linear Technology LTC2208 Datasheet HTML 4Page - Linear Technology LTC2208 Datasheet HTML 5Page - Linear Technology LTC2208 Datasheet HTML 6Page - Linear Technology LTC2208 Datasheet HTML 7Page - Linear Technology LTC2208 Datasheet HTML 8Page - Linear Technology LTC2208 Datasheet HTML 9Page - Linear Technology LTC2208 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC6431-15
6
643115f
Typical perForMance characTerisTics
S11 vs Frequency Over Temperature
S21 vs Frequency Over Temperature
S12 vs Frequency Over Temperature
S22 vs Frequency Over Temperature
S Parameters vs Frequency
Stability Factor K vs Frequency
Over Temperature
Noise Figure vs Frequency
Over Temperature
FREQUENCY (MHz)
0
–30
–20
–10
0
10
1000
2000
500
1500
2500
643115 G01
3000
20
–25
–15
–5
5
15
25
S11
S21
S12
S22
FREQUENCY (MHz)
0
0
2
4
6
1000
2000
3000
4000
8
10
1
3
5
7
9
5000
643115 G02
100°C
85°C
60°C
35°C
25°C
0°C
–20°C
–40°C
TCASE =
FREQUENCY (MHz)
0
0
1
3
4
5
8
7
400
800 1000
2
6
200
600
1200 1400
643115 G03
–40°C
25°C
85°C
TCASE =
FREQUENCY (MHz)
0
–25
–20
–15
–10
–5
0
500
1000 1500 2000
2500 3000
643115 G04
100°C
85°C
60°C
35°C
25°C
0°C
–20°C
–40°C
TCASE =
FREQUENCY (MHz)
0
0
4
8
12
500
1000 1500 2000 2500
16
20
2
6
10
14
18
3000
643115 G05
100°C
85°C
60°C
35°C
25°C
0°C
–20°C
–40°C
TCASE =
FREQUENCY (MHz)
0
–30
–25
–20
–15
–10
0
500
1000 1500 2000
2500 3000
–5
643115 G06
100°C
85°C
60°C
35°C
25°C
0°C
–20°C
–40°C
TCASE =
100°C
85°C
60°C
35°C
25°C
0°C
–20°C
–40°C
TCASE =
FREQUENCY (MHz)
0
–30
–25
–20
–15
–10
0
500
1000 1500 2000
2500 3000
–5
643115 G07
TA = 25°C, VCC = 5V, ZSOURCE = ZLOAD = 50Ω, unless
otherwise noted. Measurements are performed using Test Circuit A, measuring from 50Ω SMA to 50Ω SMA without de-embedding (Note 4).


Similar Part No. - LTC2208

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2208 LINER-LTC2208 Datasheet
1Mb / 32P
   16-Bit, 130Msps ADC
LTC2208 LINER-LTC2208 Datasheet
1Mb / 28P
   Dual 12-Bit 310Msps ADC
LTC2208 LINER-LTC2208 Datasheet
3Mb / 28P
   16-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
LTC2208 LINER-LTC2208 Datasheet
802Kb / 32P
   12-Bit,170Msps/ 135Msps ADCs
LTC2208 LINER-LTC2208 Datasheet
4Mb / 32P
   14-Bit 250Msps/ 210Msps/170Msps ADCs
More results

Similar Description - LTC2208

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6431-20 LINER-LTC6431-20 Datasheet
225Kb / 8P
   50廓 20dB Gain Block IF Amplifier
LTC6431-20 LINER-LTC6431-20_15 Datasheet
424Kb / 16P
   20dB Gain Block, 50 IF Amplifier
LTC6431-15 LINER-LTC6431-15_15 Datasheet
635Kb / 16P
   Gain Block IF Amplifier
logo
Maxim Integrated Produc...
MAX2057 MAXIM-MAX2057 Datasheet
814Kb / 12P
   1700MHz to 2500MHz Variable-Gain Amplifier with Analog Gain Control
Rev 0; 1/05
logo
RF Micro Devices
RFDA2077 RFMD-RFDA2077 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 1700MHz to 2400MHz
logo
Analog Devices
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5541 AD-ADL5541_15 Datasheet
257Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5541 AD-ADL5541 Datasheet
285Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5542 AD-ADL5542 Datasheet
265Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5601ARKZ AD-ADL5601ARKZ Datasheet
322Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com