Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE9715 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE9715
Description  Precision 1.85mm Male to 1.85mm Female Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9715 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE9715 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9715 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9715 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/1.85mm-male-1.85mm-female-straight-adapter-pe9715-p.aspx
Precision 1.85mm Male to 1.85mm Female Adapter from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
Precision 1.85mm Male to 1.85mm Female Adapter
PE9715
PE9715 REV


Similar Part No. - PE9715

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9710 PASTERNACK-PE9710 Datasheet
245Kb / 2P
   Mini UHF Female to FME Jack Adapter
PE9711 PASTERNACK-PE9711 Datasheet
252Kb / 2P
   FME Jack to BNC Male Adapter
PE9712 PASTERNACK-PE9712 Datasheet
252Kb / 2P
   FME Jack to BNC Female Adapter
PE9713 PASTERNACK-PE9713 Datasheet
255Kb / 2P
   TNC Male to FME Jack Adapter
PE9714 PASTERNACK-PE9714 Datasheet
253Kb / 2P
   TNC Female to FME Jack Adapter
More results

Similar Description - PE9715

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9717 PASTERNACK-PE9717 Datasheet
245Kb / 3P
   Precision 1.85mm Female to 1.85mm Female Adapter
PE91115 PASTERNACK-PE91115 Datasheet
214Kb / 3P
   Precision 1.85mm Female to 1.85mm Female Adapter
PE9716 PASTERNACK-PE9716 Datasheet
84Kb / 1P
   1.85mm MALE TO 1.85mm MALE PRECISION ADAPTER
PE91119 PASTERNACK-PE91119 Datasheet
504Kb / 3P
   Precision 1.0mm Female to 1.85mm Male Adapter
PE9745 PASTERNACK-PE9745 Datasheet
241Kb / 2P
   Precision 3.5mm Male to 1.85mm Female Adapter
PE9728 PASTERNACK-PE9728 Datasheet
254Kb / 2P
   Precision SMA Male to 1.85mm Female Adapter
PE9762 PASTERNACK-PE9762 Datasheet
256Kb / 3P
   Precision 1.85mm Male to SSMA Female Adapter
PE9665 PASTERNACK-PE9665 Datasheet
250Kb / 2P
   Precision 2.92mm Female to 1.85mm Male Adapter
PE9666 PASTERNACK-PE9666 Datasheet
249Kb / 3P
   Precision 2.92mm Male to 1.85mm Female Adapter
PE9674 PASTERNACK-PE9674 Datasheet
84Kb / 1P
   1.85mm FEMALE TO 2.4mm MALE PRECISION ADAPTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com