Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6248 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC6248
Description  Rail-to-Rail Output 215MHz, 1.1nV/?숰z Op Amp/SAR ADC Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6248 Datasheet(HTML) 5 Page - Linear Technology

  LTC6248 Datasheet HTML 1Page - Linear Technology LTC6248 Datasheet HTML 2Page - Linear Technology LTC6248 Datasheet HTML 3Page - Linear Technology LTC6248 Datasheet HTML 4Page - Linear Technology LTC6248 Datasheet HTML 5Page - Linear Technology LTC6248 Datasheet HTML 6Page - Linear Technology LTC6248 Datasheet HTML 7Page - Linear Technology LTC6248 Datasheet HTML 8Page - Linear Technology LTC6248 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LT6236/LT6237
5
623637f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the 0°C < T
A < 70°C
temperature range. VS = 5V, 0V; VS = 3.3V, 0V; VCM = VOUT = half supply, ENABLE = 0V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VOS
Input Offset Voltage
LT6236
LT6237MS8
LT6237DD8
l
l
l
600
450
550
μV
μV
μV
Input Offset Voltage Match
(Channel-to-Channel) (Note 6)
l
800
μV
VOS TC
Input Offset Voltage Drift (Note 10)
LT6236
LT6237MS8
LT6237DD8
l
l
l
0.5
0.3
0.4
2.0
1.4
2.2
μV/°C
μV/°C
μV/°C
IB
Input Bias Current
l
11
μA
IB Match (Channel-to-Channel) (Note 6)
l
1μA
IOS
Input Offset Current
l
0.7
μA
AVOL
Large-Signal Gain
VS = 5V, VO = 0.5V to 4.5V, RL = 10k to VS/2
VS = 5V, VO = 0.5V to 4.5V, RL = 1k to VS/2
VS = 5V, VO = 1V to 4V, RL = 100Ω to VS/2
l
l
l
78
17
4.1
V/mV
V/mV
V/mV
VS = 3.3V, VO = 0.65V to 2.65V, RL = 10k to VS/2
VS = 3.3V, VO = 0.65V to 2.65V, RL = 1k to VS/2
l
l
66
13
V/mV
V/mV
VCM
Input Voltage Range
Guaranteed by CMRR
VS = 5V, 0V
Vs = 3.3V, 0V
l
l
1.5
1.15
4
2.65
V
V
CMRR
Common Mode Rejection Ratio
VS = 5V, VCM = 1.5V to 4V
VS = 3.3V, VCM = 1.15V to 2.65V
l
l
90
85
dB
dB
PSRR
Power Supply Rejection Ratio
VS = 3V to 10V
l
85
dB
Minimum Supply Voltage (Note 7)
l
3V
VOL
Output Voltage Swing Low (Note 8)
No Load
ISINK = 5mA
VS = 5V, ISINK = 20mA
VS = 3.3V, ISINK = 15mA
l
l
l
l
50
200
500
380
mV
mV
mV
mV
VOH
Output Voltage Swing High (Note 8)
No Load
ISOURCE = 5mA
VS = 5V, ISOURCE = 20mA
VS = 3.3V, ISOURCE = 15mA
l
l
l
l
60
215
650
430
mV
mV
mV
mV
ISC
Short-Circuit Current
VS = 5V
VS = 3.3V
l
l
±25
±20
mA
mA
IS
Supply Current per Amplifier
Disabled Supply Current per Amplifier
ENABLE = V+ – 0.25V
l
l
1
4.2
mA
μA
IENABLE
ENABLE Pin Current
ENABLE = 0.3V
l
–85
μA
VL
ENABLE Pin Input Voltage Low
l
0.3
V
VH
ENABLE Pin Input Voltage High
l V+ – 0.25V
V
SR
Slew Rate
VS = 5V, AV = –1, RL = 1k, VO = 1.5V to 3.5V
l
35
V/μs
FPBW
Full-Power Bandwidth (Note 9)
VS = 5V, VOUT = 3VP-P
l
3.7
MHz


Similar Part No. - LTC6248

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6248 LINER-LTC6248 Datasheet
487Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6248 LINER-LTC6248 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
LTC6248 LINER-LTC6248 Datasheet
1Mb / 20P
   90MHz, 2200V/關s 30V Low Power Op Amps
LTC6248 LINER-LTC6248 Datasheet
1Mb / 18P
   2GHz, 3.5mA Gain of 7 Stable Rail-to-Rail I/O Dual Op Amp
LTC6248 LINER-LTC6248 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
More results

Similar Description - LTC6248

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6238 LINER-LT6238_15 Datasheet
1Mb / 26P
   Rail-to-Rail Output 215MHz, 1.1nV/Hz Op Amp/SAR ADC Driver
LT6237 LINER-LT6237_15 Datasheet
1Mb / 26P
   Rail-to-Rail Output 215MHz, 1.1nV/Hz Op Amp/SAR ADC Driver
LT6236 LINER-LT6236_15 Datasheet
1Mb / 26P
   Rail-to-Rail Output 215MHz, 1.1nV/Hz Op Amp/SAR ADC Driver
LT6230 LINER-LT6230 Datasheet
649Kb / 24P
   215MHz, Rail-to-Rail Output, 1.1nV/ root Hz, 3.5mA Op Amp Family
LT6230-10 LINER-LT6230-10_15 Datasheet
790Kb / 24P
   215MHz, Rail-to-Rail Output
LT6231 LINER-LT6231_15 Datasheet
790Kb / 24P
   215MHz, Rail-to-Rail Output
ADA4899-1 LINER-ADA4899-1 Datasheet
250Kb / 4P
   Rail-to-Rail SAR ADC Driver Amplifier
LT6232 LINER-LT6232_15 Datasheet
790Kb / 24P
   215MHz, Rail-to-Rail Output
LT6230 LINER-LT6230_15 Datasheet
790Kb / 24P
   215MHz, Rail-to-Rail Output
logo
Analog Devices
AD8675 AD-AD8675_07 Datasheet
366Kb / 12P
   36 V Precision, 2.8 nV/?숰z Rail-to-Rail Output Op Amp
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com