Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1403 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1403
Description  14-Bit, 4.5Msps Serial Sampling ADC in TSOT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1403 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1403 Datasheet HTML 5Page - Linear Technology LTC1403 Datasheet HTML 6Page - Linear Technology LTC1403 Datasheet HTML 7Page - Linear Technology LTC1403 Datasheet HTML 8Page - Linear Technology LTC1403 Datasheet HTML 9Page - Linear Technology LTC1403 Datasheet HTML 10Page - Linear Technology LTC1403 Datasheet HTML 11Page - Linear Technology LTC1403 Datasheet HTML 12Page - Linear Technology LTC1403 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC2314-14
9
231414f
For more information www.linear.com/2314-14
TiMing DiagraMs
231414 TD04
231414 TD03
231414 TD02
231414 TD01
Hi-Z
SCK
OVDD/2
SDO
t8
16TH EDGE
Hi-Z
CS
OVDD/2
SDO
t9
VIH
VIL
SCK
OVDD/2
SDO
t7
VOH
VOL
SCK
OVDD/2
SDO
t4
Figure 1. SDO Into Hi-Z after 16TH SCK
Figure 3. SDO Data Valid Hold after SCK
Figure 2. SDO Into Hi-Z after CS
Figure 4. SDO Data Valid Access after SCK
block DiagraM
231414 BD
4
+
S/H
2.5V LDO
2
×/4×
1.024V
BANDGAP
TIMING
LOGIC
1
6
7
8
THREE-STATE
SERIAL
OUTPUT
PORT
14-BIT SAR ADC
2
3
AIN
REF
VDD
OVDD
2.2µF
GND
ANALOG
INPUT RANGE
0V TO VREF
ANALOG SUPPLY
RANGE 2.7V TO 5.25V
DIGITAL SUPPLY
RANGE 1.71V TO 5.25V
5
2.2µF
2.2µF
SDO
SCK
CS
TS8 PACKAGE
ALL CAPACITORS UNLESS
NOTED ARE HIGH QUALITY,
CERAMIC CHIP TYPE


Similar Part No. - LTC1403

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1403 LINER-LTC1403 Datasheet
323Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403 LINER-LTC1403 Datasheet
648Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps
LTC1403 LINER-LTC1403 Datasheet
358Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps
LTC1403 LINER-LTC1403 Datasheet
911Kb / 20P
   12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC1403 LINER-LTC1403 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
More results

Similar Description - LTC1403

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2314-14 LINER-LTC2314-14_15 Datasheet
668Kb / 22P
   14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LTC2313-14 LINER-LTC2313-14_15 Datasheet
1Mb / 22P
   14-Bit, 2.5Msps Serial Sampling ADC in TSOT
LTC2312-14 LINER-LTC2312-14_15 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2312-14 LINER-LTC2312-14 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2315-12 LINER-LTC2315-12_15 Datasheet
695Kb / 22P
   12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC2315-12 LINER-LTC2315-12 Datasheet
911Kb / 20P
   12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC2313-12 LINER-LTC2313-12_15 Datasheet
1Mb / 22P
   12-Bit, 2.5Msps Serial Sampling ADC in TSOT
LTC2312-12 LINER-LTC2312-12 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2312-12 LINER-LTC2312-12_15 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2365 LINER-LTC2365_15 Datasheet
377Kb / 24P
   1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com