Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1494 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1494
Description  Dual/Quad 3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amp
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1494 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1494 Datasheet HTML 4Page - Linear Technology LT1494 Datasheet HTML 5Page - Linear Technology LT1494 Datasheet HTML 6Page - Linear Technology LT1494 Datasheet HTML 7Page - Linear Technology LT1494 Datasheet HTML 8Page - Linear Technology LT1494 Datasheet HTML 9Page - Linear Technology LT1494 Datasheet HTML 10Page - Linear Technology LT1494 Datasheet HTML 11Page - Linear Technology LT1494 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LT6016/LT6017
8
60167fa
TYPICAL PERFORMANCE CHARACTERISTICS
Typical Distribution of Over-The-Top
Input Offset Voltage
Typical Distribution of Input
Offset Voltage
Typical Distribution of Over-The-Top
Input Offset Voltage
Voltage Offset Shift vs Lead Free
IR Reflow
Over-The-Top Voltage Offset Shift
vs Lead Free IR Reflow
Voltage Offset Shift vs Lead Free
IR Reflow
Typical Distribution of Input
Offset Voltage
Typical Distribution of Input
Offset Voltage
Typical Distribution of Over-The-Top
Input Offset Voltage
INPUT OFFSET VOLTAGE (μV)
–50 –40 –30 –20 –10
0
600
500
400
300
200
100
0
10 2030 4050
60167 G02
VS = ±15V
VCM = 0V
TA = 25°C
MS8 PACKAGE
1285 UNITS
2570 CHANNELS
FROM TWO RUNS
INPUT OFFSET VOLTAGE (μV)
–50 –40 –30 –20 –10
0
350
300
250
200
150
100
50
0
10 2030 4050
60167 G03
VS = 5V
VCM = 5V
TA = 25°C
MS8 PACKAGE
965 UNITS
1930 CHANNELS
FROM TWO RUNS
INPUT OFFSET VOLTAGE (μV)
–50 –40 –30 –20 –10
0
350
300
250
200
150
100
50
0
10 2030 4050
60167 G05
VS = 5V
VCM = MID-SUPPLY
TA = 25°C
DJC22 PACKAGE
510 UNITS
2040 CHANNELS
FROM TWO RUNS
INPUT OFFSET VOLTAGE (μV)
–100 –80 –60 –40 –20
0
500
450
400
350
300
250
200
150
100
50
0
20 40 60 80 100
60167 G06
VS = 5V
VCM = 5V
TA = 25°C
DJC22 PACKAGE
510 UNITS
2040 CHANNELS
FROM TWO RUNS
VOLTAGE OFFSET SHIFT (μV)
–20 –15 –10 –5
0
18
16
14
12
10
8
6
4
2
0
5
10
15
20
25
60167 G07
24 DEVICES
48 CHANNELS
MS8 PACKAGE
VS = 5V
VCM = MID-SUPPLY
VOLTAGE OFFSET SHIFT (μV)
–20 –15 –10 –5
0
14
12
10
8
6
4
2
0
5
10
15
20
25
60167 G08
24 DEVICES
48 CHANNELS
MS8 PACKAGE
VS = 5V
VCM = 5V
INPUT OFFSET VOLTAGE (μV)
–30 –25 –20 –15 –10 –5
0
350
400
300
250
200
150
100
50
0
5 10 15 20 25 30
60167 G01
VS = 5V
VCM = MID-SUPPLY
TA = 25°C
MS8 PACKAGE
1285 UNITS
2570 CHANNELS
FROM TWO RUNS
INPUT OFFSET VOLTAGE (μV)
–50 –40 –30 –20 –10
0
350
300
250
200
150
100
50
0
10 2030 4050
60167 G04
VS = 5V
VCM = 76V
TA = 25°C
MS8 PACKAGE
965 UNITS
1930 CHANNELS
FROM TWO RUNS
VOLTAGE OFFSET SHIFT (μV)
–25 –20
–5
0
0
12
10
8
6
4
2
–15 –10
5 10 15 20 25
60167 G09
10 DEVICES
40 CHANNELS
DJC22 PACKAGE
VS = 5V
VCM = MID-SUPPLY


Similar Part No. - LT1494

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1494 LINER-LT1494 Datasheet
262Kb / 16P
   1.5UA Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1494 LINER-LT1494 Datasheet
392Kb / 38P
   Precision Micropower RMS-to-DC Converter
LT1494 LINER-LT1494 Datasheet
264Kb / 16P
   1.5A Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1494 LINER-LT1494 Datasheet
1,014Kb / 22P
   3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amps
LT1494CMS8 LINER-LT1494CMS8 Datasheet
262Kb / 16P
   1.5UA Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
More results

Similar Description - LT1494

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6015 LINER-LT6015 Datasheet
1,014Kb / 22P
   3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amps
LT6015 LINER-LT6015_15 Datasheet
929Kb / 22P
   3.2MHz, 0.8V/s Low Power, Over-The-Top Precision Op Amps
LT6016 LINER-LT6016_15 Datasheet
929Kb / 22P
   3.2MHz, 0.8V/s Low Power, Over-The-Top Precision Op Amps
LT6017 LINER-LT6017_15 Datasheet
929Kb / 22P
   3.2MHz, 0.8V/s Low Power, Over-The-Top Precision Op Amps
logo
Analog Devices
ADA4097-1 AD-ADA4097-1 Datasheet
517Kb / 27P
   50 V, 130 kHz, 32.5 關A, Robust, Over-The-Top Precision Op Amp
logo
Linear Dimensions Semic...
LT1013CN8 LINEAR_DIMENSIONS-LT1013CN8 Datasheet
519Kb / 26P
   Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
logo
Linear Technology
LT1013 LINER-LT1013_1 Datasheet
291Kb / 24P
   Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
LT1674 LINER-LT1674_15 Datasheet
220Kb / 12P
   Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1673 LINER-LT1673_15 Datasheet
220Kb / 12P
   Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1013 LINER-LT1013 Datasheet
545Kb / 20P
   Quad Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com