Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1639 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1639
Description  Dual/Quad 3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amp
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1639 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1639 Datasheet HTML 6Page - Linear Technology LT1639 Datasheet HTML 7Page - Linear Technology LT1639 Datasheet HTML 8Page - Linear Technology LT1639 Datasheet HTML 9Page - Linear Technology LT1639 Datasheet HTML 10Page - Linear Technology LT1639 Datasheet HTML 11Page - Linear Technology LT1639 Datasheet HTML 12Page - Linear Technology LT1639 Datasheet HTML 13Page - Linear Technology LT1639 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LT6016/LT6017
10
60167fa
TYPICAL PERFORMANCE CHARACTERISTICS
Input Bias Current vs Supply
Voltage
Supply Current vs Supply Voltage
Reverse Supply Current vs
Reverse Supply Voltage
Noise Density vs Frequency
Over-The-Top Noise Density vs
Frequency
0.1Hz to 10Hz Noise
Long Term Stability of Five
Representative Units
Input Bias Current vs Input
Common Mode Voltage
Input Bias Current vs Input
Common Mode Voltage
SUPPLY VOLTAGE (V)
–60
–15
10
0
5
–5
–10
–50
–40
–30
–20
60167 G24
0
–10
TA = 130°C
NON-INVERTING OP AMP CONFIGURATION
+INA, +INB TIED TO V
TA = –55°C
TA = 25°C
TA = 150°C
TIME (MONTHS)
1
02
–5
5
4
3
2
1
0
–1
–2
–3
–4
34
60167 G19
VS = 5V
5 UNITS, 10 CHANNELS
MS8 PACKAGE
CHANNEL A
CHANNEL B
FREQUENCY (Hz)
1
0
60
50
40
30
20
10
0
60
50
40
30
20
10
10
100
1000
60167 G26
VS = 5V
VCM = 5V
CURRENT NOISE
VOLTAGE NOISE
TIME (SEC)
0
26
48
10
60167 G27
VS = ±2.5V TO ±25V
TA = 25°C
SUPPLY VOLTAGE (V)
0
0
600
400
300
500
200
100
10
20
30
40
60167 G23
50
TA = –55°C
TA = 150°C
PARAMETRIC SWEEP IN ~25°C
INCREMENTS
FREQUENCY (Hz)
1
0
40
35
30
25
20
15
10
5
0
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
10
100
1000
10k
60167 G25
100k
CURRENT NOISE
VOLTAGE NOISE
INPUT COMMON MODE VOLTAGE (V)
0.1
–5
20
15
10
5
0
110
60167 G20
100
TA = 125°C
TA = 85°C
TA = 25°C
TA = –45°C
TA = –55°C
VS = 5V
INPUT COMMON MODE VOLTAGE (V)
0.001
–50
25
0
–25
0.01
0.1
1
60167 G21
10
TA = 125°C
TA = 85°C
TA = 25°C
TA = –45°C
TA = –55°C
SUPPLY VOLTAGE (V)
0
–2.5
12.5
7.5
5.0
10.0
2.5
0.0
10
20
30
40
60167 G22
50
TA = 125°C
TA = 85°C
TA = 25°C
TA = –45°C
TA = –55°C


Similar Part No. - LT1639

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1639 LINER-LT1639 Datasheet
323Kb / 12P
   1.2MHz, 0.4V/us Over-The-TopTM Micropower Rail-to-Rail Input and Output Op Amps
LT1639 LINER-LT1639 Datasheet
258Kb / 22P
   High Voltage, High-Side Current Sense
logo
Linear Dimensions Semic...
LT1639 LINEAR_DIMENSIONS-LT1639 Datasheet
184Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
logo
Linear Technology
LT1639 LINER-LT1639 Datasheet
262Kb / 18P
   1.2MHz, 0.4V/s Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1639 LINER-LT1639 Datasheet
1,014Kb / 22P
   3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amps
More results

Similar Description - LT1639

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6015 LINER-LT6015 Datasheet
1,014Kb / 22P
   3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amps
LT6015 LINER-LT6015_15 Datasheet
929Kb / 22P
   3.2MHz, 0.8V/s Low Power, Over-The-Top Precision Op Amps
LT6016 LINER-LT6016_15 Datasheet
929Kb / 22P
   3.2MHz, 0.8V/s Low Power, Over-The-Top Precision Op Amps
LT6017 LINER-LT6017_15 Datasheet
929Kb / 22P
   3.2MHz, 0.8V/s Low Power, Over-The-Top Precision Op Amps
logo
Analog Devices
ADA4097-1 AD-ADA4097-1 Datasheet
517Kb / 27P
   50 V, 130 kHz, 32.5 關A, Robust, Over-The-Top Precision Op Amp
logo
Linear Dimensions Semic...
LT1013CN8 LINEAR_DIMENSIONS-LT1013CN8 Datasheet
519Kb / 26P
   Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
logo
Linear Technology
LT1013 LINER-LT1013_1 Datasheet
291Kb / 24P
   Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
LT1674 LINER-LT1674_15 Datasheet
220Kb / 12P
   Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1673 LINER-LT1673_15 Datasheet
220Kb / 12P
   Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1013 LINER-LT1013 Datasheet
545Kb / 20P
   Quad Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com