Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1TX6A-SX51-01M Datasheet(PDF) 1 Page - ORION FANS

Part # P1TX6A-SX51-01M
Description  The P1TX6-SX51-01M (TX-SX51) is an optical module that transmits an HDMI??signal on one strand of multimode fiber.
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

P1TX6A-SX51-01M Datasheet(HTML) 1 Page - ORION FANS

  P1TX6A-SX51-01M Datasheet HTML 1Page - ORION FANS P1TX6A-SX51-01M Datasheet HTML 2Page - ORION FANS P1TX6A-SX51-01M Datasheet HTML 3Page - ORION FANS P1TX6A-SX51-01M Datasheet HTML 4Page - ORION FANS P1TX6A-SX51-01M Datasheet HTML 5Page - ORION FANS P1TX6A-SX51-01M Datasheet HTML 6Page - ORION FANS P1TX6A-SX51-01M Datasheet HTML 7Page - ORION FANS P1TX6A-SX51-01M Datasheet HTML 8Page - ORION FANS P1TX6A-SX51-01M Datasheet HTML 9Page - ORION FANS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PNSPO®
OMRONNETWORKPRODUCTS
ORIGINATOR:
B. Peters
DATE:
8/7/09
DOCUMENT NO.
DOC000924
D
PNSPO! P1TX6A-SX51-01M Product Specification Sheet
SHEET
1 OF 10
CONFIDENTIAL INFORMATION
P1TX6A-SX51-01M
Product Specification Sheet


Similar Part No. - P1TX6A-SX51-01M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
P1TX6B-SX51-02 OMRON-P1TX6B-SX51-02 Datasheet
316Kb / 8P
   5 transmit lanes and 1 return lane over a single multimode FIBER
logo
ORION FANS
P1TX6B-SX51-02A ORIONFANS-P1TX6B-SX51-02A Datasheet
316Kb / 8P
   The TX Data Module contains a 30 pin connector (DF12-30DS-0.5V(86)). For information on the specifications of the mating connector (DF12(4.0)-30DP-0.5V(86)), contact Hirose.
More results

Similar Description - P1TX6A-SX51-01M

ManufacturerPart #DatasheetDescription
logo
ORION FANS
P1RX6A-SX51-01M ORIONFANS-P1RX6A-SX51-01M Datasheet
230Kb / 9P
   The P1RX6-SX51-01M (RX-SX51) is an optical module that receives and converts an optical HDMI??signal.
logo
Future Technology Devic...
UMFT51AA FTDI-UMFT51AA Datasheet
867Kb / 16P
   UMFT51AA is an FT51A DIP module that is compatible with an 8051 microcontroller
logo
Molex Electronics Ltd.
62100-9820 MOLEX-62100-9820 Datasheet
541Kb / 4P
   This tool is designed for the removal of an IMPEL횚 Daughtercard signal module
08-30-13
logo
Texas Instruments
DS92LV1212A TI-DS92LV1212A Datasheet
411Kb / 17P
[Old version datasheet]   The DS92LV 1212A is an upgrade of the DS92LV1212.
logo
ELMOS Semiconductor AG
E909-06 ELMOS-E909-06 Datasheet
2Mb / 71P
   The IC is based on an optical bridge technology which provides a non-mechanical detection of movements.
logo
Samsung semiconductor
LTA230AN01 SAMSUNG-LTA230AN01 Datasheet
1Mb / 29P
   one of liquid crystal display devices(LCD) that uses an amorphous silicon
logo
NXP Semiconductors
68HC705P6A NXP-68HC705P6A Datasheet
1Mb / 134P
   The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
Rev. 1.0
logo
STMicroelectronics
TN0516 STMICROELECTRONICS-TN0516 Datasheet
291Kb / 11P
   This technical note is an overview of the main features
logo
Omron Electronics LLC
E32 OMRON-E32 Datasheet
1Mb / 108P
   An Extensive Selection of Fiber-Optic Cables
logo
STMicroelectronics
74V1G04 STMICROELECTRONICS-74V1G04_07 Datasheet
114Kb / 9P
   The 74V1G04 is an advanced high-speed
July 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com