Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6403-1 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC6403-1
Description  1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6403-1 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC6403-1 Datasheet HTML 4Page - Linear Technology LTC6403-1 Datasheet HTML 5Page - Linear Technology LTC6403-1 Datasheet HTML 6Page - Linear Technology LTC6403-1 Datasheet HTML 7Page - Linear Technology LTC6403-1 Datasheet HTML 8Page - Linear Technology LTC6403-1 Datasheet HTML 9Page - Linear Technology LTC6403-1 Datasheet HTML 10Page - Linear Technology LTC6403-1 Datasheet HTML 11Page - Linear Technology LTC6403-1 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LTC6417
8
6417f
Typical perForMance characTerisTics
HD3 at 70MHz vs VCM Over V+
HD3 at 70MHz
vs PWRADJ Over Temperature
HD3 at 30MHz vs VCM Over V+
HD3 at 30MHz
vs PWRADJ Over Temperature
HD3 at 70MHz
vs VCM Over Temperature
HD3 at 30MHz
vs VCM Over Temperature
VCM (V)
6417 G01
0.85
1.55 1.65
1.45
1.25 1.35
1.15
1.05
0.95
–50
–60
–80
–70
–90
–100
105°C
85°C
25°C
–40°C
POUT = 11dBm
VCM (V)
6417 G02
0.85
1.55 1.65
1.45
1.25 1.35
1.15
1.05
0.95
–50
–60
–80
–70
–90
–100
V+ = 4.75V
V+ = 5.0V
V+ = 5.25V
POUT = 11dBm
PWRADJ (V)
6417 G03
0
3.5
5
3
4.5
4
2 2.5
1.5
1
0.5
–50
–60
–80
–70
–90
–100
105°C
85°C
25°C
–40°C
POUT = 11dBm
VCM (V)
6417 G04
0.85
1.55 1.65
1.45
1.25 1.35
1.15
1.05
0.95
–45
–55
–75
–65
–85
–95
POUT = 11dBm
–40°C
25°C
105°C
85°C
VCM (V)
6417 G05
0.85
1.55 1.65
1.45
1.25 1.35
1.15
1.05
0.95
–50
–60
–80
–70
–90
–100
V+ = 4.75V
V+ = 5.0V
V+ = 5.25V
POUT = 11dBm
PWRADJ (V)
6417 G06
0
4.5 5
4
3 3.5
2.5
2
1.5
1
0.5
–50
–60
–80
–70
–90
–100
–40°C
25°C
105°C
85°C
POUT = 11dBm
HD3 at 140MHz vs VCM Over V+
HD3 at 140MHz
vs PWRADJ Over Temperature
HD3 at 140MHz
vs VCM Over Temperature
VCM (V)
6417 G08
0.85
1.55 1.65
1.45
1.25 1.35
1.15
1.05
0.95
–40
–50
–70
–60
–80
–90
V+ = 4.75V
V+ = 5.0V
V+ = 5.25V
POUT = 11dBm
VCM (V)
6417 G07
0.85
1.55 1.65
1.45
1.25 1.35
1.15
1.05
0.95
–40
–50
–70
–60
–80
–90
–40°C
25°C
POUT = 11dBm
105°C
85°C
PWRADJ (V)
6417 G09
0
3.5
5
3
4.5
4
2 2.5
1.5
1
0.5
–40
–50
–70
–60
–80
–90
–40°C
25°C
85°C
105°C
POUT = 11dBm


Similar Part No. - LTC6403-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6403-1 LINER-LTC6403-1 Datasheet
218Kb / 20P
   200MHz, Low Noise, Low Power Fully Differential Input/Output Amplifi er/Driver
LTC6403-1 LINER-LTC6403-1 Datasheet
1Mb / 28P
   High Linearity Differential RF/IF Amplifier/ADC Driver
LTC6403-1 LINER-LTC6403-1 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
LTC6403-1 LINER-LTC6403-1 Datasheet
377Kb / 26P
   2.7GHz, 5V, Low Noise,Rail-to-Rail Input Differential Amplifier/Driver
logo
Analog Devices
LTC6403-1 AD-LTC6403-1 Datasheet
264Kb / 22P
   Low Noise, Low Power Fully Differential Input/Output Amplifier/Driver
More results

Similar Description - LTC6403-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6417 LINER-LTC6417_15 Datasheet
1Mb / 32P
   1.6GHz Low Noise High Linearity Differential Buffer/16-Bit ADC Driver with Fast Clamp
logo
Analog Devices
LTC6417 AD-LTC6417 Datasheet
1Mb / 32P
   1.6GHz Low Noise High Linearity Differential Buffer/16-Bit ADC Driver
logo
Linear Technology
LTC6416 LINER-LTC6416_15 Datasheet
396Kb / 20P
   2 GHz Low Noise Differential 16-Bit ADC Buffer
LTC6416 LINER-LTC6416 Datasheet
385Kb / 20P
   2 GHz Low Noise Differential 16-Bit ADC Buffer
LTC6401-26 LINER-LTC6401-26_15 Datasheet
238Kb / 16P
   1.6GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-26 LINER-LTC6401-26 Datasheet
232Kb / 16P
   1.6GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
logo
Pericom Semiconductor C...
PI74FCT162Q244T PERICOM-PI74FCT162Q244T Datasheet
54Kb / 6P
   Fast, Low Noise CMOS 16-Bit Buffer/Line Driver
logo
Linear Technology
LTC6430-20 LINER-LTC6430-20_15 Datasheet
2Mb / 28P
   High Linearity Differential RF/IF Amplifier/ADC Driver
LTC6430-15 LINER-LTC6430-15 Datasheet
1Mb / 28P
   High Linearity Differential RF/IF Amplifier/ADC Driver
LTC6430-15 LINER-LTC6430-15_15 Datasheet
1Mb / 28P
   High Linearity Differential RF/IF Amplifier/ADC Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com