Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM8052 Datasheet(PDF) 7 Page - Linear Technology

Part # LTM8052
Description  de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8052 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM8052 Datasheet HTML 3Page - Linear Technology LTM8052 Datasheet HTML 4Page - Linear Technology LTM8052 Datasheet HTML 5Page - Linear Technology LTM8052 Datasheet HTML 6Page - Linear Technology LTM8052 Datasheet HTML 7Page - Linear Technology LTM8052 Datasheet HTML 8Page - Linear Technology LTM8052 Datasheet HTML 9Page - Linear Technology LTM8052 Datasheet HTML 10Page - Linear Technology LTM8052 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTM8001
7
8001f
For more information www.linear.com/8001
TYPICAL PERFORMANCE CHARACTERISTICS
ILIM Voltage vs Maximum IOUT0
Output Current
VIN0 Input Current vs Voltage,
VOUT0 Shorted
TemperatureRisevsVOUT0Current,
Buck Regulator, VOUT0 = 3.3V
TemperatureRisevsVOUT0Current,
Buck Regulator, VOUT0 = 5V
TemperatureRisevsVOUT0Current,
Buck Regulator, VOUT0 = 2.5V
TemperatureRisevsVOUT0Current,
Buck Regulator, VOUT0 = 8V
(TA = 25°C unless otherwise noted. Configured per Table 1, where applicable.)
TemperatureRisevsVOUT0Current,
Buck Regulator, VOUT0 = 12V
TemperatureRisevsVOUT0Current,
Buck Regulator, VOUT0 = 18V
TemperatureRisevsVOUT0Current,
Buck Regulator, VOUT0 = 24V
ILIM VOLTAGE (V)
0
6
4
2
0
–2
–4
–6
–8
0.75
1.25
8001 G22
0.25
0.5
1
1.5
VIN0 VOLTAGE (V)
0
0
100
200
300
400
600
6
12
18
24
8001 G23
30
36
500
VOUT0 CURRENT (A)
0
0
10
20
30
40
50
60
1
2
3
4
8001 G24
5
12VIN
24VIN
36VIN
VOUT0 CURRENT (A)
0
0
10
20
30
40
50
60
1
2
3
4
8001 G25
5
12VIN
24VIN
36VIN
VOUT0 CURRENT (A)
0
50
60
70
4
8001 G26
40
30
1
2
3
5
20
10
0
12VIN
24VIN
36VIN
VOUT0 CURRENT (A)
0
30
40
50
3
5
8001 G27
20
10
0
1
2
4
60
70
80
12VIN
24VIN
36VIN
VOUT0 CURRENT (A)
0
60
80
100
4
8001 G28
40
20
50
70
90
30
10
0
1
2
3
5
24VIN
36VIN
VOUT0 CURRENT (A)
0
0
20
40
60
80
100
120
1
2
3
4
8001 G29
5
28VIN
36VIN
VOUT0 CURRENT (A)
0
60
80
100
4
8001 G30
40
20
50
70
90
30
10
0
1
2
3
5
36VIN


Similar Part No. - LTM8052

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8052 LINER-LTM8052 Datasheet
357Kb / 28P
   36VIN, 5A, 2-Quadrant CVCC Step-Down
logo
Analog Devices
LTM8052 AD-LTM8052 Datasheet
2Mb / 28P
   Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
LTM8052 AD-LTM8052 Datasheet
4Mb / 38P
   Source/Sink Dual ±25A or Single ±50A μModule Regulator with Input Overvoltage Protection
Rev. 0
logo
Linear Technology
LTM8052A LINER-LTM8052A Datasheet
297Kb / 6P
   36V, 5A, 2-Quadrant CVCC Step-Down 關Module Regulator
LTM8052A LINER-LTM8052A Datasheet
686Kb / 32P
   36VIN, 5A, 2-Quadrant CVCC Step-Down Module Regulator
More results

Similar Description - LTM8052

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8001 LINER-LTM8001_15 Datasheet
432Kb / 28P
   36VIN, 5A Module Regulator with 5-Output Configurable LDO Array
logo
Analog Devices
LTM4671 AD-LTM4671 Datasheet
1Mb / 36P
   Quad DC/DC 關Module Regulator with Configurable Dual 12A, Dual 5A Output Array
Rev. B
logo
Linear Technology
LTM4643 LINER-LTM4643 Datasheet
567Kb / 32P
   Ultrathin Quad 關Module Regulator with Configurable 3A Output Array
LTM4644 LINER-LTM4644 Datasheet
977Kb / 36P
   Quad DC/DC 關Module Regulator with Configurable 4A Output Array
LTM4643EV LINER-LTM4643EV Datasheet
954Kb / 8P
   Quad DC/DC 關Module Regulator with Configurable 3A Output Array
logo
Analog Devices
LTM8051 AD-LTM8051 Datasheet
2Mb / 28P
   Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
LTM8060 AD-LTM8060 Datasheet
2Mb / 28P
   Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
logo
Linear Technology
LTM4644 LINER-LTM4644_15 Datasheet
527Kb / 32P
   Quad DC/DC Module Regulator with Configurable 4A Output Array
logo
Micrel Semiconductor
MIC37501 MICREL-MIC37501 Datasheet
393Kb / 11P
   5A, Low Voltage 關Cap LDO Regulator
MIC37501 MICREL-MIC37501_11 Datasheet
346Kb / 11P
   5A, Low Voltage 關Cap LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com