Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD8318R2V Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FOD8318R2V
Description  2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD8318R2V Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FOD8318R2V Datasheet HTML 1Page - Fairchild Semiconductor FOD8318R2V Datasheet HTML 2Page - Fairchild Semiconductor FOD8318R2V Datasheet HTML 3Page - Fairchild Semiconductor FOD8318R2V Datasheet HTML 4Page - Fairchild Semiconductor FOD8318R2V Datasheet HTML 5Page - Fairchild Semiconductor FOD8318R2V Datasheet HTML 6Page - Fairchild Semiconductor FOD8318R2V Datasheet HTML 7Page - Fairchild Semiconductor FOD8318R2V Datasheet HTML 8Page - Fairchild Semiconductor FOD8318R2V Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
©2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD8318 Rev. 1.1.2
3
Block Diagram
VDD1
VDD2
VLED1+
3
13
7
VS
12
VO
11
VSS
9
DESAT
14
VE
16
VIN+ 1
VIN– 2
RESET
Fault
UVLO
DESAT
LED1
LED2
Fault Sense
Optocoupler
Gate Drive
Optocoupler
Shield
Shield
5
FAULT
Input IC
Output IC
VLED2+
6
15
GND1
4
VLED1–
8
VSS
VCLAMP
10
Miller
Clamp


Similar Part No. - FOD8318R2V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FOD8318R2V ONSEMI-FOD8318R2V Datasheet
497Kb / 30P
   2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
October 2017 Rev. 2
FOD8318R2V ONSEMI-FOD8318R2V Datasheet
555Kb / 29P
   2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
January, 2023 - Rev. 4
More results

Similar Description - FOD8318R2V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FOD8318 ONSEMI-FOD8318 Datasheet
497Kb / 30P
   2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
October 2017 Rev. 2
FOD8318 ONSEMI-FOD8318_V01 Datasheet
555Kb / 29P
   2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
January, 2023 - Rev. 4
FOD8316 ONSEMI-FOD8316 Datasheet
450Kb / 29P
   2.5 A Output Current, IGBT Drive Optocoupler with Desaturation Detection and Isolated Fault Sensing
October 2017 Rev. 2
FOD8316 ONSEMI-FOD8316_V01 Datasheet
463Kb / 28P
   2.5 A Output Current, IGBT Drive Optocoupler with Desaturation Detection and Isolated Fault Sensing
February, 2023 - Rev. 3
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-332J-000E AVAGO-ACPL-332J-000E Datasheet
299Kb / 23P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO Fault Status Feedback and Active Miller Clamping
ACPL-331J-500E AVAGO-ACPL-331J-500E Datasheet
300Kb / 22P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO, Fault Status Feedback and Active Miller Clamping
logo
Broadcom Corporation.
ACPL-5160 BOARDCOM-ACPL-5160 Datasheet
2Mb / 36P
   2.5-Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-5160 AVAGO-ACPL-5160 Datasheet
557Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
HCPL-316J-500E AVAGO-HCPL-316J-500E Datasheet
332Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
HCPL-316J-000E AVAGO-HCPL-316J-000E Datasheet
332Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com