Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

449-10-204 Datasheet(PDF) 1 Page - Mill-Max Mfg. Corp.

Part # 449-10-204
Description  Interconnect Header.100 Grid; Surface Mount Pin Header
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MILL-MAX [Mill-Max Mfg. Corp.]
Direct Link  http://www.mill-max.com
Logo MILL-MAX - Mill-Max Mfg. Corp.

449-10-204 Datasheet(HTML) 1 Page - Mill-Max Mfg. Corp.

  449-10-204 Datasheet HTML 1Page - Mill-Max Mfg. Corp. 449-10-204 Datasheet HTML 2Page - Mill-Max Mfg. Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 Product Number: 449-10-204-00-560000
Description:
Interconnect Header
.100 Grid; Surface Mount Pin Header
Stub Tail
Double Row
Surface Mount
Plating Code:
10
Shell Plating:
10 μ" Gold over 100 μ" Nickel
#
Of
Pins
Mill-Max
Part
Number
RoHS
Compliant
4
449-10-204-00-560000
 INSULATOR INFORMATION:
PCT Polyester, (Thermx CG933, black)
High Temperature
Properties of PCT Polyester:
Brand: Thermx
Grade: CG-933
Rated voltage: 100 VRMS/150 VDC
Insulation resistance: 10,000 Megaohms min.
Material Heat Deflection Temp (per ASTM D 648): 529°F (276°C) @ 66 psi
Dielectric strength: 1000 VRMS min. (700 VRMS min. for series 117 Shrink DIP)
Note: Materials above 446°F (230°C) are considered suitable for "eutectic" reflow soldering, above 500°F (260°C) for
"lead-free" reflow soldering.
Certificate of Compliance:
This is to Certify that the product described above is manufactured to Mill-Max quality standards in accordance with all
applicable specifications and drawing. Mill-Max certifies this product to be free from defects of materials and workmanship.
This Certificate of Compliance covers the following requirements:
Dimensional (all features verified to be within tolerances described on the applicable drawing).
Raw Material (materials and properties verified to be as described on the applicable drawing).
Plating (platings as required, thickness verified, and performance including solderability per mil-standard).
Performance (insertion extraction or other force requirements as described on the applicable drawing).
Mill-Max Mfg. Corp. Datasheet — Last Modified 3/27/2013
Page 1 of 2


Similar Part No. - 449-10-204

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
449-10-206 MILL-MAX-449-10-206 Datasheet
106Kb / 2P
   Interconnect Header .100 Grid; Surface Mount Pin Header
449-10-206-00-560000 MILL-MAX-449-10-206-00-560000 Datasheet
106Kb / 2P
   Interconnect Header .100 Grid; Surface Mount Pin Header
449-10-208 MILL-MAX-449-10-208 Datasheet
106Kb / 2P
   Interconnect Header .100 Grid; Surface Mount Pin Header
449-10-208-00-560000 MILL-MAX-449-10-208-00-560000 Datasheet
106Kb / 2P
   Interconnect Header .100 Grid; Surface Mount Pin Header
More results

Similar Description - 449-10-204

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
449-10-208 MILL-MAX-449-10-208 Datasheet
106Kb / 2P
   Interconnect Header .100 Grid; Surface Mount Pin Header
449-10-272 MILL-MAX-449-10-272 Datasheet
106Kb / 2P
   Interconnect Header.100 Grid; Surface Mount Pin Header
449-10-212 MILL-MAX-449-10-212 Datasheet
106Kb / 2P
   Interconnect Header.100 Grid; Surface Mount Pin Header
349-10-103 MILL-MAX-349-10-103 Datasheet
105Kb / 2P
   Interconnect Header.100 Grid; Surface Mount Pin Header
349-10-105 MILL-MAX-349-10-105 Datasheet
105Kb / 2P
   Interconnect Header.100 Grid; Surface Mount Pin Header
349-10-164 MILL-MAX-349-10-164 Datasheet
105Kb / 2P
   Interconnect Header.100 Grid; Surface Mount Pin Header
349-10-102 MILL-MAX-349-10-102 Datasheet
105Kb / 2P
   Interconnect Header .100 Grid; Surface Mount Pin Header
349-10-106 MILL-MAX-349-10-106 Datasheet
105Kb / 2P
   Interconnect Header.100 Grid; Surface Mount Pin Header
449-10-206 MILL-MAX-449-10-206 Datasheet
106Kb / 2P
   Interconnect Header .100 Grid; Surface Mount Pin Header
349-10-104 MILL-MAX-349-10-104 Datasheet
105Kb / 2P
   Interconnect Header.100 Grid; Surface Mount Pin Header
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com