Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE9644 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE9644
Description  Precision 2.92mm Male to 2.92mm Female Right Angle Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9644 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE9644 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9644 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9644 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
© 2013 Pasternack Enterprises All Rights Reserved
PE9644 REV
Precision 2.92mm Male to 2.92mm Female Right Angle Adapter
PE9644 CAD Drawing


Similar Part No. - PE9644

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
PE9644DEV PLETRONICS-PE9644DEV Datasheet
138Kb / 8P
   PE96/PE98 Series 3.3 V PECL Clock Oscillators
PE9644DV PLETRONICS-PE9644DV Datasheet
138Kb / 8P
   PE96/PE98 Series 3.3 V PECL Clock Oscillators
More results

Similar Description - PE9644

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9646 PASTERNACK-PE9646 Datasheet
250Kb / 3P
   Precision 2.92mm Female to 2.92mm Female Right Angle Adapter
PE9645 PASTERNACK-PE9645 Datasheet
255Kb / 3P
   Precision 2.92mm Male to 2.92mm Male Right Angle Adapter
PE9437 PASTERNACK-PE9437 Datasheet
239Kb / 3P
   Precision 2.92mm Male to 2.92mm Female Adapter
PE91070 PASTERNACK-PE91070 Datasheet
243Kb / 3P
   Precision 2.92mm Male to 2.92mm Female Radius Right Angle Adapter Up To 40GHz
PE9438 PASTERNACK-PE9438 Datasheet
247Kb / 3P
   Precision 2.92mm Female to 2.92mm Female Adapter
PE9436 PASTERNACK-PE9436 Datasheet
247Kb / 3P
   Precision 2.92mm Male to 2.92mm Male Adapter
PE9647 PASTERNACK-PE9647 Datasheet
256Kb / 3P
   Precision 2.92mm Female to 2.92mm Female Bulkhead Adapter
PE9663 PASTERNACK-PE9663 Datasheet
248Kb / 3P
   Precision 2.92mm Female to N Male Adapter
PE9455 PASTERNACK-PE9455 Datasheet
238Kb / 3P
   Precision 2.92mm Male to 2.4mm Female Adapter
PE9768 PASTERNACK-PE9768 Datasheet
255Kb / 3P
   Precision 2.92mm Female to SSMA Male Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com