Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

63600-0520 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 63600-0520
Description  Hand Crimp Tool Specification Sheet
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

63600-0520 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  63600-0520 Datasheet HTML 1Page - Molex Electronics Ltd. 63600-0520 Datasheet HTML 2Page - Molex Electronics Ltd. 63600-0520 Datasheet HTML 3Page - Molex Electronics Ltd. 63600-0520 Datasheet HTML 4Page - Molex Electronics Ltd. 63600-0520 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Hand Crimp Tool for MX150 Blade Crimp Terminals
Doc No: ATS-638112600
Release Date: 01-21-03
UNCONTROLLED COPY
Page 1 of 5
Revision: E
Revision Date: 08-31-09
Hand Crimp Tool
Specification Sheet
Order No. 63811-2600
FEATURES
%
A full cycle ratcheting hand tool ensures complete crimps
%
Ergonomically designed soft handles
%
Precisely designed crimping profiles with simple contact positioning
%
Easy handling due to outstanding force ratio
SCOPE
Products: 1.50mm (.591") Pitch, MX150 Blade Male Crimp Terminals, 18-22 AWG.
Terminal Order No.
Wire Size
Insulation Diameter
Strip Length
Terminal Series No.
Reel
AWG mm²
mm
In.
mm
In.
18
0.83 1.91-2.06 .075-.081 4.70-5.60 .185-.220
33000-0002 33000-1002
20
0.58 1.70-1.85 .067-.073 4.70-5.60 .185-.220
33000
33000-0003 33000-1003
22
0.36 1.50-1.65 .059-.065 4.70-5.60 .185-.220
18
0.83 1.91-2.06 .075-.081 4.70-5.60 .185-.220
33011-0002
33011-0003
33011-0004
33011-1002
33011-1004
33011-2002
33011-3002
20
0.58 1.70-1.85 .067-.073 4.70-5.60 .185-.220
33011-0005 33011-0006
33011-1006 33011-2001
33011
33011-3001
22
0.36 1.50-1.65 .059-.065 4.70-5.60 .185-.220
18
0.83 1.91-2.06 .075-.081 4.70-5.60 .185-.220
31296-0004
31296-0008
31296-1004
31296-1008
20
0.58 1.70-1.85 .067-.073 4.70-5.60 .185-.220
31296
31296-0006
22
0.36 1.50-1.65 .059-.065 4.70-5.60 .185-.220
Customer to cut off terminal from reel: 0.50mm (.020”) maximum Cut-off Tab.
Terminals were validated per USCAR-21 using the following wire specifications:
M1L-123A (TXL), M1L-135A1 (UTX), and M1L-126A1 (metric-TXL).
Customers are required to complete validation testing if tooling purchased outside Molex Inc.
and/or wire specifications are different than above.
TYPE 4A


Similar Part No. - 63600-0520

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63600-0520 MOLEX2-63600-0520 Datasheet
328Kb / 5P
   Application Tooling Specification Sheet
63600-0520 MOLEX2-63600-0520 Datasheet
327Kb / 5P
   Application Tooling Specification Sheet
63600-0520 MOLEX8-63600-0520 Datasheet
181Kb / 5P
   Hand Crimp Tool Specification Sheet
63600-0520 MOLEX8-63600-0520 Datasheet
176Kb / 5P
   Hand Crimp Tool Specification Sheet
63600-0520 MOLEX11-63600-0520 Datasheet
683Kb / 7P
   A full cycle ratcheting hand tool ensures complete crimps
More results

Similar Description - 63600-0520

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638235675 MOLEX11-0638235675 Datasheet
650Kb / 7P
   HAND CRIMP TOOL Specification Sheet
63811-2400 MOLEX8-63811-2400 Datasheet
181Kb / 5P
   Hand Crimp Tool Specification Sheet
0638117575 MOLEX11-0638117575 Datasheet
341Kb / 7P
   Hand Crimp Tool Specification Sheet
0638234875 MOLEX11-0638234875 Datasheet
592Kb / 8P
   HAND CRIMP TOOL Specification Sheet
0638113875 MOLEX11-0638113875 Datasheet
122Kb / 4P
   Hand Crimp Tool Specification Sheet
02-08-1235 MOLEX2-02-08-1235 Datasheet
322Kb / 6P
   HAND CRIMP TOOL SPECIFICATION SHEET
0638116300 MOLEX11-0638116300 Datasheet
207Kb / 5P
   Hand Crimp Tool Specification Sheet
0638115800 MOLEX11-0638115800 Datasheet
256Kb / 6P
   HAND CRIMP TOOL SPECIFICATION SHEET
0638117576 MOLEX11-0638117576 Datasheet
341Kb / 7P
   Hand Crimp Tool Specification Sheet
0638119300 MOLEX11-0638119300 Datasheet
259Kb / 6P
   HAND CRIMP TOOL Specification Sheet
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com