Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HPC-7280 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part No. HPC-7280
Description  2U Rackmount Chassis for EATX Server Board with 8 Hot-swap Drive Bays, Redundant PSU, and 3 Expansion Slots
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ADVANTECH [Advantech Co., Ltd.]
Homepage  http://www.advantech.com
Logo 

HPC-7280 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm [inch]
HPC-7280
Ordering Information
Part Number
Power Supply
HPC-7280-R8A1E
1+1 800 W Redundant Power Supply
Packing List
Description
Quantity
800W Redundant Power Supply Module (Pre-installed)
x 2
Hot-swap 3.5" HDD Trays (Pre-installed)
x 8
ASMB-RF3X8 Riser Card (Pre-installed)
x 1
System Accessory (SATA Cable for Slim ODD x 1, Mini-SAS to
4 SATAs Cable x 2, Drive Bay Key x 2, Bezel Key x 2)
x 1
Startup Manual
x 1
Optional Accessories
Part Number
Description
19Z0000215N000
HPC-7280 Chassis Rail Kit
96CB-SAS-SAS-0.8
Mini-SAS cable kit for add-on SAS RAID card*
*Note: When using add-on RAID card with mini-SAS connector(s), purchasing
96CB-SAS-SAS-0.8 cable is a MUST, single port RAID card needs 1 piece, dual port
needs 2 pieces
Inside View
465 (18.31)
453 (17.83)
432.20 (17.02)
87.90 (3.46)
Front View
LAN2 LED, LAN1 LED
HDD Activity LED PWR LED
Reset button, Power button USB ODD Dummy cover
Support eight
hot-swap HDDs
Rear View
Three FH/FL
expansion slots
1+1 800W redundant
power supply
Supports eight 3.5" SAS/SATA
hot-swap HDDs
Hot-swappable fan
module for easy
maintenance
ATX/CEB/EEB form
factor standoff
800W 1+1
high-power efficiency
power supply
Rack-mount ears
pre-installed


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn