Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HPC-7280 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part No. HPC-7280
Description  2U Rackmount Chassis for EATX Server Board with 8 Hot-swap Drive Bays, Redundant PSU, and 3 Expansion Slots
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ADVANTECH [Advantech Co., Ltd.]
Homepage  http://www.advantech.com
Logo 

HPC-7280 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Server-grade IPCs
Features
ƒ 2U rackmount chassis supports ATX/CEB/EATX motherboard
ƒ Eight hot swap SAS/SATA drive bays
ƒ Hot swap fan module design facilitates maintenance
ƒ 800 W (1+1) redundant power supply
ƒ Lockable front bezel prevents unauthorized access
Note: ASMB-RF3X8-21A1E riser card is built-in.
HPC-7280
2U Rackmount Chassis for
EATX Server Board with 8 Hot-swap Drive
Bays, Redundant PSU, and 3 Expansion Slots
Specifications
Form Factor Support
2U chassis support for max. motherboard size - 12" x 13" EATX
Expansion Slots
64bit PCI-X slot x 2 (When 1 slot is used, max. 133MHz is supported; when 2 slots are used, max. 100MHz
is supported)
PCIe x 8 slot x 1
* Note: Expansion slots are supported by built-in ASMB-RF3X8-21A1E riser card.
Drive Bay
Slim ODD Bay
1 (ODD should be purchased separately)
5.25" (front-accessible)
-
3.5" (hot-swappable)
8 (Lockable)
3.5" (internal)
-
2.5" (front-accessible)
-
2.5" (internal)
2
Cooling
Chassis Fan
3 (8 cm / 90.04 CFM)
Air Filter
-
System Monitoring
Chassis intrusion switch
Front I/O Interface
USB
1
PS/2
-
Miscellaneous
LED Indicators
Power, HDD activity, LAN
Rear Panel
-
Environment
Operating
Non-Operating
Temperature
0 ~ 40° C (32 ~ 104° F)
-40 ~ 70° C (-40 ~ 158° F)
Humidity
10 ~ 85% @ 40° C non-condensing
10 ~ 95% @ 40° C, non-condensing
Vibration (5~500 Hz)
1 Grms
2 Grms
Shock
10 G
30 G
(with 11 ms duration, half sine wave)
Physical Characteristics
Dimensions (W x H x D)
482.6 x 88 x 700 mm (2U)
Weight
28 kg
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 7-Feb-2013


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn