Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE8602 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE8602
Description  50 Ohm SMA Frequency Doubler With Input From 4000 MHz To 9000 MHz And Output From 8000 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8602 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE8602 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE8602 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE8602 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
50 Ohm SMA Frequency Doubler With Input From 4000 MHz To 9000 MHz And Output From 8000 MHz To 18000 MHz With
10 dB Conversion Loss from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF,
microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm SMA Frequency Doubler With Input From 4000 MHz To 9000 MHz And Output From 8000
MHz To 18000 MHz With 10 dB Conversion Loss PE8602
URL: http://www.pasternack.com/50-ohm-sma-doubler-input-4000-9000-output-8000-18000-10db-loss-pe8602-p.aspx
PE8602
PE8602 REV
50 Ohm SMA Frequency Doubler With Input From
4000 MHz To 9000 MHz And Output From 8000 MHz
To 18000 MHz With 10 dB Conversion Loss


Similar Part No. - PE8602

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8600 PASTERNACK-PE8600 Datasheet
223Kb / 3P
   50 Ohm SMA Frequency Doubler With Input From 1500 MHz To 5000 MHz And Output From 3000 MHz To 10000 MHz With 8.5 dB Conversion Loss
PE8601 PASTERNACK-PE8601 Datasheet
224Kb / 1P
   50 Ohm SMA Frequency Doubler With Input From2000 MHz To 6000 MHz And Output From 2000 MHz To 6000 MHz With 11 dB Conversion Loss
PE8603 PASTERNACK-PE8603 Datasheet
222Kb / 3P
   50 Ohm SMA Frequency Doubler With Input From 9000 MHz To 13000 MHz And Output From 18000 MHz To 26000 MHz With 10 dB Conversion Loss
More results

Similar Description - PE8602

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8603 PASTERNACK-PE8603 Datasheet
222Kb / 3P
   50 Ohm SMA Frequency Doubler With Input From 9000 MHz To 13000 MHz And Output From 18000 MHz To 26000 MHz With 10 dB Conversion Loss
PE8600 PASTERNACK-PE8600 Datasheet
223Kb / 3P
   50 Ohm SMA Frequency Doubler With Input From 1500 MHz To 5000 MHz And Output From 3000 MHz To 10000 MHz With 8.5 dB Conversion Loss
PE8601 PASTERNACK-PE8601 Datasheet
224Kb / 1P
   50 Ohm SMA Frequency Doubler With Input From2000 MHz To 6000 MHz And Output From 2000 MHz To 6000 MHz With 11 dB Conversion Loss
PE8424 PASTERNACK-PE8424 Datasheet
162Kb / 2P
   50 Ohm SMA Isolator Operating From 380 MHz to 460 MHz And 1000 Watts
PE8420 PASTERNACK-PE8420 Datasheet
162Kb / 2P
   50 Ohm SMA Isolator Operating From 698 MHz to 960 MHz And 1000 Watts
PE8422 PASTERNACK-PE8422 Datasheet
162Kb / 2P
   50 Ohm SMA Circulator Operating From 380 MHz to 460 MHz And 1000 Watts
PE8418 PASTERNACK-PE8418 Datasheet
162Kb / 2P
   50 Ohm SMA Circulator Operating From 698 MHz to 960 MHz And 1000 Watts
PE8426 PASTERNACK-PE8426 Datasheet
318Kb / 2P
   50 Ohm SMA Circulator Operating From 135 MHz to 175 MHz And 150 Watts With 20 dB Isolation
PE8428 PASTERNACK-PE8428 Datasheet
317Kb / 2P
   50 Ohm SMA Circulator Operating From 330 MHz to 403 MHz And 150 Watts With 20 dB Isolation
PE8321 PASTERNACK-PE8321 Datasheet
315Kb / 2P
   50 Ohm SMA Isolator Operating From 135 MHz to 175 MHz And 150 Watts With 20 dB Isolation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com