Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT8610 Datasheet(PDF) 10 Page - Linear Technology

Part # LT8610
Description  17V, 1A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8610 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT8610 Datasheet HTML 6Page - Linear Technology LT8610 Datasheet HTML 7Page - Linear Technology LT8610 Datasheet HTML 8Page - Linear Technology LT8610 Datasheet HTML 9Page - Linear Technology LT8610 Datasheet HTML 10Page - Linear Technology LT8610 Datasheet HTML 11Page - Linear Technology LT8610 Datasheet HTML 12Page - Linear Technology LT8610 Datasheet HTML 13Page - Linear Technology LT8610 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC3621/LTC3621-2
10
3621f
For more information www.linear.com/LTC3621
applicaTions inForMaTion
Lower ripple current reduces power losses in the inductor,
ESR losses in the output capacitors and output voltage
ripple. Highest efficiency operation is obtained at low
frequency with small ripple current. However, achieving
this requires a large inductor. There is a trade-off between
component size, efficiency and operating frequency.
A reasonable starting point is to choose a ripple current
that is about 40% of IOUT(MAX). To guarantee that ripple
current does not exceed a specified maximum, the induc-
tance should be chosen according to:
L =
VOUT
f •∆IL(MAX)
1–
VOUT
VIN(MAX)
Once the value for L is known, the type of inductor must
be selected. Actual core loss is independent of core size
for a fixed inductor value, but is very dependent on the
inductance selected. As the inductance or frequency in-
creases, core losses decrease. Unfortunately, increased
inductance requires more turns of wire and therefore
copper losses will increase. Copper losses also increase
as frequency increases.
Ferrite designs have very low core losses and are pre-
ferred at high switching frequencies, so design goals can
concentrate on copper loss and preventing saturation.
Ferrite core material saturates “hard”, which means that
inductancecollapsesabruptlywhenthepeakdesigncurrent
is exceeded. This results in an abrupt increase in inductor
ripple current and consequent output voltage ripple. Do
not allow the core to saturate!
Different core materials and shapes will change the size/
currentandprice/currentrelationshipofaninductor.Toroid
or shielded pot cores in ferrite or permalloy materials are
small and don’t radiate much energy, but generally cost
more than powdered iron core inductors with similar
characteristics. The choice of which style inductor to use
mainly depends on the price versus size requirements
and any radiated field/EMI requirements. New designs for
surface mount inductors are available from Toko, Vishay,
NEC/Tokin, Cooper, TDK and Würth Electronik. Refer to
Table 1 for more details.
Checking Transient Response
Theregularloopresponsecanbecheckedbylookingatthe
load transient response. Switching regulators take several
cyclestorespondtoastepinloadcurrent.Whenaloadstep
occurs, VOUT immediately shifts by an amount equal to the
∆ILOAD • ESR, where ESR is the effective series resistance
of COUT. ∆ILOAD also begins to charge or discharge COUT
generating a feedback error signal used by the regulator to
return VOUT to its steady-state value. During this recovery
time, VOUT can be monitored for overshoot or ringing that
would indicate a stability problem.
The initial output voltage step may not be within the
bandwidth of the feedback loop, so the standard second
order overshoot/DC ratio cannot be used to determine
phase margin. In addition, a feedforward capacitor can
be added to improve the high frequency response, as
shown in Figure 1. Capacitor CFF provides phase lead by
creating a high frequency zero with R2, which improves
the phase margin.
Theoutputvoltagesettlingbehaviorisrelatedtothestability
of the closed-loop system and will demonstrate the actual
overall supply performance. For a detailed explanation of
optimizing the compensation components, including a
review of control loop theory, refer to application Note 76.
Insomeapplications,amoreseveretransientcanbecaused
by switching in loads with large (>1µF) input capacitors.
The discharge input capacitors are effectively put in paral-
lel with COUT, causing a rapid drop in VOUT. No regulator
can deliver enough current to prevent this problem if the
switchconnectingtheloadhaslowresistanceandisdriven
quickly. The solution is to limit the turn-on speed of the
load switch driver. A Hot Swap™ controller is designed
specifically for this purpose and usually incorporates
current limiting, short-circuit protection and soft-starting.
Efficiency Considerations
The percent efficiency of a switching regulator is equal to
the output power divided by the input power times 100%.
It is often useful to analyze individual losses to determine
what is limiting the efficiency and which change would


Similar Part No. - LT8610

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8610 LINER-LT8610 Datasheet
264Kb / 20P
   42V, 2.5A Synchronous Step-Down Regulator
logo
Analog Devices
LT8610 AD-LT8610 Datasheet
3Mb / 34P
   Dual Channel 6A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2μA Quiescent Current
Rev. B
logo
Linear Technology
LT8610 LINER-LT8610 Datasheet
289Kb / 24P
   42V, 2.5A Synchronous Step-Down Regulator
logo
Analog Devices
LT8610 AD-LT8610 Datasheet
1Mb / 24P
   42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5μA Quiescent Current
Rev. D
logo
Linear Technology
LT8610 LINER-LT8610 Datasheet
407Kb / 28P
   40V, 1A Synchronous Step-Down Converter 1A Guaranteed Output Current
More results

Similar Description - LT8610

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3624 LINER-LTC3624 Datasheet
324Kb / 20P
   17V, 2A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
LTC3621 LINER-LTC3621_15 Datasheet
289Kb / 18P
   17V, 1A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LTC3621-2 LINER-LTC3621-2_15 Datasheet
289Kb / 18P
   17V, 1A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LTC3622 LINER-LTC3622_15 Datasheet
593Kb / 24P
   17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
LTC3622-23 LINER-LTC3622-23_15 Datasheet
593Kb / 24P
   17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
LTC3622 LINER-LTC3622 Datasheet
1Mb / 24P
   17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
LTC3622-2 LINER-LTC3622-2_15 Datasheet
593Kb / 24P
   17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
LTC3624 LINER-LTC3624_15 Datasheet
369Kb / 20P
   17V, 2A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LTC3624-2 LINER-LTC3624-2_15 Datasheet
369Kb / 20P
   17V, 2A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LTC7124 LINER-LTC7124 Datasheet
1Mb / 22P
   17V, Dual 3.5A Synchronous Step-Down Regulator with Ultralow Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com