Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3633A Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3633A
Description  Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3633A Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3633A Datasheet HTML 7Page - Linear Technology LTC3633A Datasheet HTML 8Page - Linear Technology LTC3633A Datasheet HTML 9Page - Linear Technology LTC3633A Datasheet HTML 10Page - Linear Technology LTC3633A Datasheet HTML 11Page - Linear Technology LTC3633A Datasheet HTML 12Page - Linear Technology LTC3633A Datasheet HTML 13Page - Linear Technology LTC3633A Datasheet HTML 14Page - Linear Technology LTC3633A Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LTC3633A/LTC3633A-1
11
3633a1f
OPERATION
The LTC3633A is a dual-channel, current mode monolithic
step down regulator capable of providing 3A of output
current from each channel. Its unique controlled on-time
architecture allows extremely low step-down ratios while
maintaining a constant switching frequency. Each channel
is enabled by raising the voltage on the RUN pin above
1.22V nominally.
The LTC3633A has a VON sense range of 0.6V to 6V, while
the LTC3633A-1 has a VON sense range of 1.5V to 12V.
The following table highlights the difference between the
parts in the LTC3633A family. Consult the LTC3633A-2/
LTC3633A-3 data sheet for more details on specific char-
acteristics of those products.
Table 1. LTC3633A Family Features
PART
NUMBER
OUTPUT
VOLTAGE
SENSE RANGE
SVIN
INPUT
V2P5
OUTPUT
LTC3633 PIN
COMPATIBLE
LTC3633A
0.6V to 6V
NO
YES
YES
LTC3633A-1
1.5V to 12V
NO
YES
YES
LTC3633A-2
0.6V to 6V
YES
NO
NO
LTC3633A-3
1.5V to 12V
YES
NO
NO
Main Control Loop
In normal operation, the internal top power MOSFET is
turned on for a fixed interval determined by a fixed one-
shot timer (“ON” signal in Block Diagram). When the top
power MOSFET turns off, the bottom power MOSFET turns
on until the current comparator ICMP trips, thus restarting
the one shot timer and initiating the next cycle. Inductor
current is measured by sensing the voltage drop across
the SW and PGND nodes of the bottom power MOSFET.
The voltage on the ITH pin sets the comparator threshold
corresponding to inductor valley current. The error ampli-
fier EA adjusts this ITH voltage by comparing an internal
0.6V reference to the feedback signal VFB derived from the
output voltage. If the load current increases, it causes a
drop in the feedback voltage relative to the internal refer-
ence. The ITH voltage then rises until the average inductor
current matches that of the load current.
The operating frequency is determined by the value of the
RT resistor, which programs the current for the internal
oscillator. An internal phase-locked loop servos the switch-
ing regulator on-time to track the internal oscillator edge
and force a constant switching frequency. A clock signal
can be applied to the MODE/SYNC pin to synchronize the
switching frequency to an external source. The regulator
defaults to forced continuous operation once the clock
signal is applied.
At light load currents, the inductor current can drop to zero
and become negative. In Burst Mode operation, a current
reversal comparator (IREV) detects the negative inductor
current and shuts off the bottom power MOSFET, result-
ing in discontinuous operation and increased efficiency.
Both power MOSFETs will remain off until the ITH voltage
rises above the zero current level to initiate another cycle.
During this time, the output capacitor supplies the load
current and the part is placed into a low current sleep
mode. Discontinuous mode operation is disabled by tying
the MODE/SYNC pin to ground, which forces continuous
synchronous operation regardless of output load current.
“Power Good” Status Output
The PGOOD open-drain output will be pulled low if the
regulator output exits a ±8% window around the regulation
point. This condition is released once regulation within a
±5% window is achieved. To prevent unwanted PGOOD
glitches during transients or dynamic VOUT changes, the
LTC3633A PGOOD falling edge includes a filter time of
approximately 40μs.
VIN Overvoltage Protection
In order to protect the internal power MOSFET devices
against transient voltage spikes, the LTC3633A constantly
monitors each VIN pin for an overvoltage condition. When
VIN rises above 22.5V, the regulator suspends operation by
shutting off both power MOSFETs on the corresponding
channel. Once VIN drops below 21.5V, the regulator imme-
diately resumes normal operation. The regulator executes
its soft-start function when exiting an overvoltage condition.
Out-Of-Phase Operation
Tying the PHMODE pin high sets the SW2 falling edge to
be 180° out of phase with the SW1 falling edge. There is a
significant advantage to running both channels out of phase.
Whenrunningthechannelsinphase,bothtop-sideMOSFETs
are on simultaneously, causing large current pulses to be
drawn from the input capacitor and supply at the same time.


Similar Part No. - LTC3633A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3633A LINER-LTC3633A Datasheet
240Kb / 16P
   17V, 1A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
logo
Analog Devices
LTC3633A AD-LTC3633A Datasheet
1Mb / 20P
   Quad 17V, 1.25A Parallelable Synchronous Step-Down Regulator with Ultralow Quiescent Current
LTC3633A AD-LTC3633A Datasheet
2Mb / 44P
   25A Monolithic Synchronous DC/DC Step-Down Converter with PMBus Interface
Rev. 0
LTC3633A AD-LTC3633A Datasheet
1Mb / 35P
   Quad 18V, ±5A Synchronous Monolithic Step-Down Regulator
Rev 0
LTC3633A-1 AD-LTC3633A-1 Datasheet
2Mb / 44P
   25A Monolithic Synchronous DC/DC Step-Down Converter with PMBus Interface
Rev. 0
More results

Similar Description - LTC3633A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3633A LINER-LTC3633A_15 Datasheet
412Kb / 30P
   Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3633A-2 LINER-LTC3633A-2_15 Datasheet
419Kb / 28P
   Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3633AEFE-3 LINER-LTC3633AEFE-3 Datasheet
542Kb / 8P
   DUAL CHANNEL 3A 20V MONOLITHIC SYNCHRONOUS STEP-DOWN REGULATOR
LTC3633A-2 LINER-LTC3633A-2 Datasheet
637Kb / 28P
   Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3633A-1 LINER-LTC3633A-1_15 Datasheet
412Kb / 30P
   Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3633A-3 LINER-LTC3633A-3_15 Datasheet
419Kb / 28P
   Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3633AEUFD-2 LINER-LTC3633AEUFD-2 Datasheet
606Kb / 8P
   Dual Channel 3A 20V Monolithic Synchronous Step-Down Regulator Board
LTC3636 LINER-LTC3636 Datasheet
927Kb / 28P
   Dual Channel 6A, 20V Monolithic Synchronous Step-Down Regulator
LTC3633 LINER-LTC3633_15 Datasheet
406Kb / 28P
   Dual Channel 3A, 15V Monolithic Synchronous Step-Down Regulator
LTC3633 LINER-LTC3633 Datasheet
389Kb / 28P
   Dual Channel 3A, 15V Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com