Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2940 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2940
Description  Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2940 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2940 Datasheet HTML 6Page - Linear Technology LTC2940 Datasheet HTML 7Page - Linear Technology LTC2940 Datasheet HTML 8Page - Linear Technology LTC2940 Datasheet HTML 9Page - Linear Technology LTC2940 Datasheet HTML 10Page - Linear Technology LTC2940 Datasheet HTML 11Page - Linear Technology LTC2940 Datasheet HTML 12Page - Linear Technology LTC2940 Datasheet HTML 13Page - Linear Technology LTC2940 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LTC2945
10
2945f
2945 F01
C2
0.1μF
VIN
4V TO 80V
RSNS
0.02Ω
VOUT
VADIN
R1
2k
R2
2k
R3
2k
3.3V
VDD
SCL
SDA
INT
GND
ADR0
SCL
VDD
INTVCC
SDAI
SDAO
ADIN
ALERT
ADR1
SENSE+
GND
SENSE
LTC2945
μP
Figure 1. Monitoring High Side Current and Voltages
Using the LTC2945
The LTC2945 offers a compact and complete solution for
high- and low-side power monitoring. With an input com-
mon mode range of 0V to 80V and a wide input supply
operating voltage range from 2.7V to 80V, this device is
ideal for a large variety of power management applications
including automotive, industrial and telecom infrastructure.
The basic application circuit shown in Figure 1 provides
monitoring of high side current with a 0.02Ω resistor
(5.12A full-scale), input voltage (102.4V full-scale) and an
external voltage (2.048V full-scale), all using an internal
12-bit resolution ADC.
Data Converter
The LTC2945 features an onboard, 12-bit Δ∑ ADC that inher-
ently averages input noise over the measurement window.
The ADC continuously monitors three voltages in sequence:
ΔSENSE first, VDD or VSENSE+ second, and VADIN third. The
differential voltage between SENSE+ and SENSEis moni-
tored with 25μV resolution (102.4mV full-scale) to allow
accuratemeasurementacrossverylowvalueshuntresistors.
APPLICATIONS INFORMATION
The supply voltage at VDD or SENSE+ is directly measured
with 25mV resolution (102.4V full-scale). The voltage at
the uncommitted ADIN pin is measured with 0.5mV resolu-
tion (2.048V full-scale) to allow monitoring of an arbitrary
external voltage. A 12-bit digital word corresponding to
each measured voltage is stored in two adjacent registers
OPERATION
The LTC2945 accurately monitors current, voltage, and
power of any supply rail from 0V to 80V. An internal linear
regulator allows the LTC2945 to operate directly from a
4V to 80V rail, or from an external supply voltage between
2.7V and 5.9V. Quiescent current is less than 0.9mA in
normal operation. Enabling shutdown mode via the I2C
interface reduces the quiescent current to below 80μA.
The LTC2945 includes a shunt regulator for operation from
supply voltages above 80V.
The onboard 12-bit analog-to-digital converter (ADC) runs
either continuously or on-demand using snapshot mode.
In the default continuous scan mode, the ADC repeatedly
measures the differential voltage between SENSE+ and
SENSE(full-scale 102.4mV) the voltage at the SENSE+
or VDD pin (full-scale 102.4V), and the voltage at the ADIN
pin (full-scale 2.048V). The conversion results are stored
in onboard registers.
In snapshot mode, the LTC2945 performs a single mea-
surement of one selected voltage or current. Snapshot
mode is enabled by setting the snapshot mode enable bit
in the CONTROL register via the I2C interface. A status bit
in the CONTROL register monitors the ADC’s conversion;
when complete, the conversion result is stored in the cor-
responding data registers.
Onboard logic tracks the minimum and maximum values
for each ADC measurement, calculates power data by
digitally multiplying the stored current and voltage data,
and triggers a user-configurable alert by pulling the ALERT
pin low when the ADC measured value falls outside the
programmed window thresholds. All logic outputs are
stored in onboard registers. The LTC2945 includes an
I2C interface to access the onboard data registers and to
program the alert threshold and control registers. Two
three-state pins, ADR1 and ADR0, are decoded to allow
nine device addresses (see Table 1). The SDA pin is split
into SDAI (input) and SDAO (output, LTC2945) or SDAO
(output, LTC2945-1) to facilitate opto-isolation.


Similar Part No. - LTC2940

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2941 LINER-LTC2941 Datasheet
166Kb / 16P
   Battery Gas Gauge with I2C Interface
LTC2941 LINER-LTC2941 Datasheet
209Kb / 16P
   Battery Gas Gauge with IC Interface
logo
Analog Devices
LTC2941 AD-LTC2941 Datasheet
714Kb / 18P
   Ultra-Low Power Battery Gas Gauge
Rev. 0
logo
Linear Technology
LTC2941-1 LINER-LTC2941-1 Datasheet
216Kb / 16P
   1A I2C Battery Gas Gauge with Internal Sense Resistor
LTC2941-1 LINER-LTC2941-1_15 Datasheet
216Kb / 16P
   1A I2C Battery Gas Gauge with Internal Sense Resistor
More results

Similar Description - LTC2940

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8426_1108 AD-AD8426_1108 Datasheet
805Kb / 28P
   Wide Supply Range, Rail-to-Rail
REV. 0
logo
SHANGHAI BELLING CO., L...
BL1551 BELLING-BL1551 Datasheet
135Kb / 10P
   Rail-to-Rail Signal Range
logo
Linear Technology
LTC2945 LINER-LTC2945_15 Datasheet
818Kb / 34P
   Wide Range I2C Power Monitor
logo
Analog Devices
AD8226 AD-AD8226 Datasheet
547Kb / 16P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrA
AD8226 AD-AD8226_16 Datasheet
707Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8426 AD-AD8426_16 Datasheet
625Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8426 AD-AD8426 Datasheet
284Kb / 20P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8226ARMZ AD-AD8226ARMZ Datasheet
685Kb / 28P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. A
AD8227 AD-AD8227_16 Datasheet
539Kb / 25P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8420 AD-AD8420 Datasheet
256Kb / 10P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com