Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0514412293 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 0514412293
Description  0.5 FPC CONN EASY ON HGT= 1.3MM ASSY -LEAD FREE-
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0514412293 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  0514412293 Datasheet HTML 1Page - Molex Electronics Ltd. 0514412293 Datasheet HTML 2Page - Molex Electronics Ltd. 0514412293 Datasheet HTML 3Page - Molex Electronics Ltd. 0514412293 Datasheet HTML 4Page - Molex Electronics Ltd. 0514412293 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image


Similar Part No. - 0514412293

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0514412272 MOLEX7-0514412272 Datasheet
504Kb / 7P
   0.50mm (.020") Pitch Easy-On??Type FFC/FPC Connector, Right Angle, SMT, ZIF Bottom Contact Style, 1.10mm (.043") Mated Height, 22 Circuits, Lead-free, Gold Contact Plating
More results

Similar Description - 0514412293

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0512964093 MOLEX11-0512964093 Datasheet
426Kb / 5P
   0.5 FPC CONN EASY ON HGT= 1.3MM ASSY -LEAD FREE-
0512966094 MOLEX11-0512966094 Datasheet
483Kb / 5P
   0.5 FPC CONN EASY ON HGT= 1.3MM ASSY -LEAD FREE-
0512965494 MOLEX11-0512965494 Datasheet
483Kb / 5P
   0.5 FPC CONN EASY ON HGT= 1.3MM ASSY -LEAD FREE-
0514410893 MOLEX11-0514410893 Datasheet
416Kb / 5P
   0.5 FPC CONN EASY ON HGT= 1.3MM ASSY -LEAD FREE-
51296-011 MOLEX8-51296-011 Datasheet
483Kb / 5P
   0.5 FPC CONN ZIF E/0 HSG ASSY (HGT=1.3)
0543933982 MOLEX11-0543933982 Datasheet
518Kb / 6P
   0.3 FPC CONN (EASY ON) Hsg Embstp Pkg -LEAD FREE-
0555600228 MOLEX11-0555600228 Datasheet
220Kb / 3P
   0.5 B-TO-B CONN PLUG ASSY (HGT=1.5)
0533980267 MOLEX11-0533980267 Datasheet
320Kb / 4P
   0.5 FPC CONN ASSY ZIF SMT RA(BTM CONT) E/O -LEAD FREE-
0545481070 MOLEX11-0545481070 Datasheet
487Kb / 6P
   0.5 FPC CONN ZIF HSG ASSY FOR SMT RA BTM CONT -LEAD FREE-
0541323297 MOLEX11-0541323297 Datasheet
372Kb / 4P
   0.5 FPC CONN ASSY ZIF SMT RA(BTM CONT) E/O -LEAD FREE-
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com