Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0496191611 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0496191611
Description  1.10mm/1.27mm Pitch microSD/SIM Card Combo Connector, 8-Pin microSD, Reverse Mount with Detect Switch, and 8-Pin SIM, Normal Mount, Right Entry Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0496191611 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0496191611 Datasheet HTML 1Page - Molex Electronics Ltd. 0496191611 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Reference - Drawing Numbers
Packaging Specification
PK-49619-001
Product Specification
PS-49619-001, RPS-49619-001
Sales Drawing
SD-49619-001
This document was generated on 11/26/2012
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0496191611

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0496100 LITTELFUSE-0496100 Datasheet
72Kb / 1P
   Blade Terminal & Special Purpose Fusel
0496100 LITTELFUSE-0496100 Datasheet
123Kb / 1P
   CABLEPRO짰 Cable Protector Fuses Rated 32V
logo
Weidmuller
0496100000 WEIDMULLER-0496100000 Datasheet
744Kb / 20P
   Component Carriers and Housings
0496100000 WEIDMULLER-0496100000 Datasheet
733Kb / 20P
   Component Carriers and Housings
logo
Littelfuse
0496125 LITTELFUSE-0496125 Datasheet
72Kb / 1P
   Blade Terminal & Special Purpose Fusel
More results

Similar Description - 0496191611

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0494481411 MOLEX6-0494481411 Datasheet
734Kb / 6P
   1.10mm (.043")/1.27mm (.050") Pitch microSD/SIM Card Combo Connector, 8-Pin microSD, Reverse
0494481611 MOLEX6-0494481611 Datasheet
450Kb / 4P
   1.10mm (.043")/1.27mm (.050") Pitch microSD/SIM Card Combo Connector, 8-Pin microSD, Reverse
1042391430 MOLEX1-1042391430_19 Datasheet
49Kb / 1P
   microSD Combo Connector, 2.05mm Height, Pull-Lever Eject, Surface Mount, with Detect Switch, 8-Circuit microSD Card Type, 6-Circuit Nano-SIM Card Type
1041681620 MOLEX1-1041681620_19 Datasheet
35Kb / 2P
   microSD Combo Connector, 2.28mm Height, Push-Pull, Normal Mount, With Detect Switch, 8-Circuit Card Type
1050271001 MOLEX11-1050271001 Datasheet
166Kb / 4P
   1.10mm(.043"), 0.76mm(.030"), 0.70mm(.028") Pitch microSD Card Header with Detect Switch (Pin 8)
1046421610 MOLEX1-1046421610_19 Datasheet
49Kb / 1P
   microSD Combo Connector, 2.10mm Height, Pull-Lever Eject, Normal Mount, With Detect Switch, 8-Circuit Card Type
5025700893 MOLEX1-5025700893_19 Datasheet
30Kb / 1P
   1.10mm Pitch microSD Memory Card Connector, Normal Mount Surface Mount, Push-Push Type
5027020891 MOLEX1-5027020891_19 Datasheet
34Kb / 1P
   1.10mm Pitch microSD Memory Card Connector, Normal Mount Surface Mount, Push-Push Type
logo
Adam Technologies, Inc.
SCC-08-SG-HC ADAM-TECH-SCC-08-SG-HC Datasheet
104Kb / 1P
   SIM CARD 8 PIN
logo
Molex Electronics Ltd.
0473340001 MOLEX1-0473340001_19 Datasheet
30Kb / 2P
   1.10mm Pitch microSD Card Connector, Push-Push Type, without Detect Switch, Lead-1.10mm Pitch microSD Card Connector, Push-Push Type, without Detect Switch, Lead-Free
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com