Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARK-3403-D6A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ARK-3403-D6A1E
Description  Intel짰 Atom??D510/D525 Fanless Embedded Box PC with PCI/PCIe Expansion and Dual SATA HDDs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ARK-3403-D6A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ARK-3403-D6A1E Datasheet HTML 1Page - Advantech Co., Ltd. ARK-3403-D6A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Embedded Box PCs
Features
ARK-3403 Intel®Atom™D510/D525FanlessEmbeddedBox
PC with PCI/PCIe Expansion and Dual SATA HDDs
ƒ Intel® AtomD510/D525 dual core up to 1.8 GHz Fanless Embedded Box PC
ƒ Supports VGA and LVDS dual display and support for widescreens with high
resolution
ƒ Supports 2 GbE, eSATA, 6 USB 2.0, audio and 4 COM ports
ƒ Two internal 2.5" SATA HDD drive bays
ƒ Supports 2 x Mini PCIe, 2 x PCI/PCIe expansion interfaces for diverse
applications
ƒ Easy integration, easy maintenance, and wide input voltage range
ƒ Supports SUSIAccess and Embedded Software APIs
ƒ IP40
Specifications
Processor System
CPU
Intel Atom D510 processor
Intel Atom D525 processor
Max. speed
1.66 GHz
1.8 GHz
System Chipset
Intel ICH8-M
BIOS
AMI 16 Mbit SPI BIOS
Memory
Technology
DDR2 667 MHz
Max. Capacity
2 GB
Socket
1 x 200-pin SO-DIMM
Graphics
Chipset
Intel 3.5 Gen Integrated Graphic Engine + GFX core
Interface
VGA: up to 1920 x 1200
18-bit LVDS interface(Optional)
Ethernet
LAN 1
10/100/1000 Mbps Intel 82567V Ethernet controller, support Wake on LAN
LAN 2
10/100/1000 Mbps Intel 82583V Ethernet controller, support Wake on LAN
Audio
Amplifier
-
Interface
Line-out, Mic-in, Line-in
IO interface
Serial Interface
4 COM, 2 x RS-232 and 2 x RS-232/422/485 port , RS-485 w/auto flow control, 2 extra RS-232 ports (optional)
USB Interface
6 x USB ports, Compliant with USB 2.0
Parallel Port
Supports D-sub 25-pin connector (optional)
Digital I/O
Support 16-bit digital IO (optional)
Other
Thermal Alarm
Yellow LED lighting
Watchdog Timer
255-level timer interval, setup by software
Expansion
PCI/PCIe Slot
1 Slot PCI and 1 Slot PCIe x1 (default);
2 Slots PCIe x1 (optional);
2 Slots PCI (optional)
Supports maximum dimension of 167 mm (width) x 106 mm (length) for expansion PC board
Mini PCI/Mini PCIe
2 x Mini PCIe
Storage
HDD
Supports drive bay space for 2 x SATA 2.5" HDD (9.5 mm height only)
SSD
Supports CompactFlash socket for type I/II CompactFlash disk
Software Support
Microsoft Windows
Windows 7, XP Professional, XP Embedded, WinCE 6.0
Linux
Fedora 12
Power Requirement
Power Type
AT/ATX
Power Input Voltage
12 VDC ~ 24 VDC
Minimum Power Input
12 VDC ~ VDC @ 4.6 A ~ 2.4 A
Power Adapter
AC to DC, DC19V/7.89A, 150W(Optional)
Power Consumption
Typical
13 W (with Intel Atom D510 1.66 GHz and w/o expansion)
Max.
15 W (with Intel Atom D510 1.66 GHz and w/o expansion)
Mechanical
Construction
Aluminum housing
Mounting
Desk/wall-mounting
Dimensions (W x H x D)
220 mm x 102.5 mm x 200 mm (8.66" x 4.04" x 7.87" )
Weight
4 kg (8.8 lb)
Environment
Operating Temperature
With extended temperature peripherals CompactFlash disk: -10 ~ 55° C
With extended temperature peripherals 2.5-inch hard disk -10 to 45° C, with air flow
Storage Temperature
-40 ~ 85° C (-40 ~ 185°F)
Relative Humidity
95% @ 40° C (non-condensing)
Vibration Loading During
Operation
With CompactFlash disk: 5 Grms, IEC 60068-2-64, random, 5 ~ 500 Hz, 1 Oct./min, 1 hr/axis.
With 2.5-inch hard disk: 1 Grms, IEC 60068-2-64, random, 5 ~ 500 Hz, 1 Oct./min, 1 hr/axis.
Shock During Operation
With CompactFlash disk: 50 G, IEC 60068-2-27, half sine, 11 ms duration
With hard disk: 20 G, IEC 60068-2-27, half sine, 11 ms duration
EMC
CE/FCC Class A, CCC, BSMI
Safety Certifications
UL, CCC, BSMI
LISTED
E180881
C ®
UL US
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 28-Aug-2012


Similar Part No. - ARK-3403-D6A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-3403-D6A1E ADVANTECH-ARK-3403-D6A1E Datasheet
2Mb / 2P
   Intel짰 Atom??D510/D525 Fanless Embedded Box PC with PCI/PCIe Expansion and Dual SATA HDDs
More results

Similar Description - ARK-3403-D6A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-3403 ADVANTECH-ARK-3403_14 Datasheet
2Mb / 2P
   Intel짰 Atom??D510/D525 Fanless Embedded Box PC with PCI/PCIe Expansion and Dual SATA HDDs
ARK-5260 ADVANTECH-ARK-5260 Datasheet
2Mb / 2P
   Intel짰 Atom??D510 Fanless Embedded Box PC with Dual PCI/PCIe Expansion and Dual Mobile HDDs
ARK-5261 ADVANTECH-ARK-5261_15 Datasheet
599Kb / 2P
   Intel짰 Celeron짰 Processor J1900 Fanless Embedded BOX PC with PCI/PCIe Expansion and Dual Mobile HDDs/SSDs
ARK-5261VS ADVANTECH-ARK-5261VS_15 Datasheet
671Kb / 3P
   Intel짰 Celeron짰 Processor J1900 Fanless Embedded BOX PC with PCI/PCIe Expansion and Dual Mobile HDDs/SSDs
ARK-5261 ADVANTECH-ARK-5261_V01 Datasheet
442Kb / 2P
   Fanless Embedded Box PC with Intel짰 Celeron짰 J1900 Processor, PCI/PCIe Expansion Slots, and Dual Mobile HDDs/SSDs
13-Sep-2017
ARK-6320 ADVANTECH-ARK-6320 Datasheet
2Mb / 2P
   Intel짰 Atom??D510/D525 Cost-effective Mini-ITX Fanless Embedded Box PC
ARK-6320 ADVANTECH-ARK-6320_14 Datasheet
825Kb / 2P
   Intel짰 Atom??Dual Core D510/D525 with 6 COM and 8 USB Fanless Box PC
ARK-3420 ADVANTECH-ARK-3420 Datasheet
2Mb / 2P
   Intel짰 Core??2 Duo Box IPC with PCIe Expansion and Dual SATA HDDs
ARK-1503 ADVANTECH-ARK-1503 Datasheet
535Kb / 2P
   Intel짰 Atom??D525/D425 Fanless Embedded Box PC Integrated Display Interface
ARK-1503 ADVANTECH-ARK-1503_14 Datasheet
728Kb / 2P
   Intel짰 Atom??D525 Slim and Panel Mountable Fanless Box PC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com