Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARK-2150L-D7A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ARK-2150L-D7A1E
Description  Intel짰 3rd Generation Core i3-3217UE/i7-3517UE High Performance Fanless Embedded Box PC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ARK-2150L-D7A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ARK-2150L-D7A1E Datasheet HTML 1Page - Advantech Co., Ltd. ARK-2150L-D7A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm (inch)
ARK-2150L
Packing List
Part Number
Description
-
1 x ARK-2150 Unit
-
1 x Utility CD
-
1 x User Manual (Simplified Chinese)
-
1 x China RoHS
Ordering Information
Part Number
Description
ARK-2150L-S6A1E
Intel i3 3217UE 1.6GHz fanless EBC, VGA, HDMI, USB3.0, 4COM
ARK-2150L-D7A1E
Intel i7 3517UE 1.7GHz fanless EBC, VGA, HDMI, USB3.0, 4COM
Ordering Information
Part No.
CPU
VGA HDMI/
DP
GbE
USB 3.0 USB 2.0 RS-232 RS-232/
422/485 DIO
Audio
Half-size
Mini PCIe
Full-size
Mini PCIe*
2.5" SATAII
HDD Space Power Input
Operation
Temp.
ARK-2150L-S6A1E
Intel Core i3 ULV
1.6GHz 3217UE
DC, 17W
Yes
Yes
2
2
4
2
2
8-bits
Line-out, Line-in, MIC 1
1
1
12V
Lockable DC Jack
-20 ~ 60° C
ARK-2150L-S7A1E
Intel Core i7 ULV
1.7GHz 3517UE
DC, 17W
Yes
Yes
2
2
4
2
2
8-bits
Line-out, Line-in, MIC 1
1
1
12V
Lockable DC Jack
-20 ~ 60° C
* Full-size Mini PCIe supports mSATA
Optional Items
Part Number
Description
1757003934
AC-to-DC Adapter, DC 12V/5A 60W, 0 ~ 40° C for Home
and Office Use
1702002600
Power cable 3-pin 180 cm, USA type
1702031801
Power cable 3-pin 180 cm, UK type
1702002605
Power cable 3-pin 180 cm, Europe type
1700000237
Power cable 3-pin 180 cm, PSE
1960025333N00N
VESA mounting bracket
9666K10000E
DIN-rail mounting kit
Embedded OS
Part Number
Description
2070011831
Image WES7E SP1 x32 V5.1 ATIP
2070011830
Image WES2009 V4.2 multi 24 language
Front Panel External I/O Mechanical Layout/Drawing
Rear Panel External I/O Mechanical Layout/Drawing
252.5
Detail A
Ø4.6
8.0
6
264.5
238.2
Ø4
Ø2.5
Detail A
75.05
3.5
VGA
USB2
USB1
USB4
USB3 HDMI
HDD LED
PWR LED
LAN1
LAN2
LINE-IN
LINE-OUT
MIC
COM4
COM3 COM2
COM1
Digital IO
USB6
USB5
DC INPUT ON/OFF


Similar Part No. - ARK-2150L-D7A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-2150L-S4A1E ADVANTECH-ARK-2150L-S4A1E Datasheet
1Mb / 2P
   3rd Generation Intel짰 Core??i3/i7 with Dual Independent Display Fanless Box PC
ARK-2150L-S4A1E ADVANTECH-ARK-2150L-S4A1E Datasheet
1Mb / 2P
   3rd Generation Intel Core i3/i7 with Dual Independent Display Fanless Box PC
ARK-2150L-S6A1E ADVANTECH-ARK-2150L-S6A1E Datasheet
1Mb / 2P
   3rd Generation Intel짰 Core??i3/i7 with Dual Independent Display Fanless Box PC
ARK-2150L-S6A1E ADVANTECH-ARK-2150L-S6A1E Datasheet
1Mb / 2P
   3rd Generation Intel Core i3/i7 with Dual Independent Display Fanless Box PC
ARK-2150L-S7A1E ADVANTECH-ARK-2150L-S7A1E Datasheet
1Mb / 2P
   3rd Generation Intel짰 Core??i3/i7 with Dual Independent Display Fanless Box PC
More results

Similar Description - ARK-2150L-D7A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-2150L ADVANTECH-ARK-2150L_15 Datasheet
1Mb / 2P
   3rd Generation Intel짰 Core??i3/i7 with Dual Independent Display Fanless Box PC
logo
List of Unclassifed Man...
LEC-3230 ETC2-LEC-3230 Datasheet
500Kb / 4P
   Fanless Industrial PC with Intel짰 Celeron짰 847E, Core??i3-3217UE or i7-3517UE CPU
logo
AAEON Technology
TKS-G21-QM77B AAEON-TKS-G21-QM77B Datasheet
318Kb / 2P
   Fanless Embedded Box for Intel 3rd Generation Core i7/i3/Celeron Mobile Processor
logo
Advantech Co., Ltd.
ARK-2150L ADVANTECH-ARK-2150L_16 Datasheet
1Mb / 2P
   3rd Generation Intel Core i3/i7 with Dual Independent Display Fanless Box PC
logo
AAEON Technology
IMBM-B75A AAEON-IMBM-B75A Datasheet
375Kb / 2P
   Intel짰 2nd/3rd Generation Core??i7/ i5/ i3/ Processors
logo
Lanner All Rights Reser...
LEC-2280 LANNER-LEC-2280 Datasheet
662Kb / 4P
   Fanless Industrial PC with 3rd Gen Intel짰 Core??i7/i5/i3 CPU
logo
Vecow Co., Ltd.
SPC-5000 VECOW-SPC-5000 Datasheet
795Kb / 2P
   8th Gen Intel짰 Core i7/i5/i3 Processor (Whiskey Lake) Fanless Embedded Box PC
SPC-5200 VECOW-SPC-5200 Datasheet
799Kb / 2P
   8th Gen Intel짰 Core i7/i5/i3 Processor (Whiskey Lake) Fanless Embedded Box PC
logo
List of Unclassifed Man...
LEC-2280P2 ETC2-LEC-2280P2 Datasheet
686Kb / 4P
   Fanless Industrial PC with 3rd Gen Intel짰 Core??i7/i5/i3 CPU
LEC-2280 ETC2-LEC-2280 Datasheet
662Kb / 4P
   Fanless Industrial PC with 3rd Gen Intel짰 Core??i7/i5/i3 CPU
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com