Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARK-2150L-S6A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ARK-2150L-S6A1E
Description  Intel짰 3rd Generation Core i3-3217UE/i7-3517UE High Performance Fanless Embedded Box PC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ARK-2150L-S6A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ARK-2150L-S6A1E Datasheet HTML 1Page - Advantech Co., Ltd. ARK-2150L-S6A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Embedded Box PCs
Features
ARK-2150L Intel®3rdGenerationCorei3-3217UE/i7-3517UE
High Performance Fanless Embedded Box PC
ƒ Intel® Core™ i3 and i7 processors + Intel QM77 PCH
ƒ 1 x DDR3/DDR3L, SO-DIMM support up to 8 GB
ƒ DirectX11, OpenGL3.1, OpenCL1.1, d ual independent display: VGA + HDMI/
DisplayPort
ƒ Supports Intel AMT8.0,
ƒ Supports up to 2 x GbE, 2 x USB 3.0, 4 x USB 2.0 and 4 x COMs ports
ƒ Supports 1 x internal mSATA socket and 1 x 2.5" HDD drive bay
ƒ Lockable DC input jack
ƒ Supports iManager, SUSIAccess and Embedded Software APIs
ƒ IP40
Specifications
ARK-2150-S6A1E
ARK-2150-S7A1E
Processor System
CPU
Intel ULV Core i3 3217UE
Intel ULV Core i7 3517UE
Max. Speed
Dual Core 1.6 GHz
Dual Core 1.7 GHz (Max Turbo Frequency 2.8 GHz)
L3 Cache
3 MB
4 MB
System Chipset
Intel QM77
BIOS
AMI EFI 64Mbit
Memory
Technology
DDR3 1600MHz, DDR3L 1333 MHz
Max. Capacity
8 GB
Socket
1 x 204-pin SO-DIMM
Graphics
Chipset
Intel QM77 Integrated GFX Gen 7
Graphic Engine
DirectX11, OpenGL 3.1, and Open CL 11
Hardware decode acceleration: AVC/H.264, M PEG-2, VC-1
VGA
Integrated 340.4MHz RAMDAC, Max resolution up to 2048 x 1536 @ 75Hz
HDMI
Supports HDMI 1.4 for HD Video playback
Max resolution up to 2560 x 1600 @ 60Hz on DisplayPort, Max resolution up to 1920 x 1200 @ 60Hz on HDMI
Dual Display
Yes, VGA + HDMI or VGA + DisplayPort
Ethernet
LAN1
10/100/1000 Mbps Intel 82579LM Ethernet controller, support Wake On Lan
LAN2
10/100/1000 Mbps Intel 82583V Ethernet controller, support Wake On Lan
Audio
Interface
Realtek ALC892, High Definition Audio. Line-out,Mic-in,Line-in
I/O Interface
Serial Ports
2 x RS-232 ports, 2 x RS-232/422/485 port with auto flow control
USB Interface
2 x USB 3.0 ports and 4 x USB 2.0 ports
Other
Digital I/O
8-bits programmable general purpose input/output
Watchdog timer
255 levels timer interval, setup by software
Expansion
Mini PCIe
1 x Full-size Mini PCIe (Supports mSATA)
1 x Half-size Mini PCIeer
Storage
HDD
Supports one drive bay for SATA 2.5" HDD (Compatible with 12.5mm height HDD)
SSD
Supports one internal mSATA socket
Software Support
Microsoft Windows
Windows 7, Windows 7 Embedded, XP Professional, XP Embedded, WinCE 7.0
Linux
Ubuntu 12.04
Power Requirement
Power Type
AT/ATX
Power Input Votage
12 VDC
Minimum Power Input
12 V, 4 A
Power Adapter
AC to DC, DC12 V/5 A, 60 W (Optional)
Power Comsumption
Typical
21 Watt (with Intel Core i7 3517UE CPU and 2G memory)
Max.
25 Watt (with Intel Core i7 3517UE CPU and 2G memory)
Mechanical
Construction
Aluminum housing
Mounting
Din-Rail mounting, Desk/wall-mounting, VESA mounting
Dimensions (W x H x D)
264.5 x 75.1 x 133.0 mm (10.41" x 2.96" x 5.24")
Weight
2.3 kg (5.07 lb)
Environment
Operating Temperature
With extended temperature peripherals: -20 ~ 60° C (-4 ~ 140° F) with 0.7m/s air flow
With 2.5-inch hard disk 0 ~ 45° C (32 ~ 112° F) with 0.7m/s air flow
Storage Temperature
-40 ~ 85° C ( -40 ~ 185° F)
Relative Humidity
95% @ 40° C (non-condensing)
Vibration During Operation
With SSD: 5 Grms, IEC 60068-2-64, random, 5 ~ 500 Hz, 1 hr/axis.
Shock During Operation
With SSD: 50 G, IEC 60068-2-27, half sine, 11 ms duration
EMC
CE/FCC Class A, CCC, BSMI
Safety Certifications
UL, CCC, BSMI
LISTED
E180881
C ®
UL US
RoHS
COMPLIANT
2002/95/EC
NEW
All product specifications are subject to change without notice
Last updated : 21-Feb-2012


Similar Part No. - ARK-2150L-S6A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-2150L-S6A1E ADVANTECH-ARK-2150L-S6A1E Datasheet
1Mb / 2P
   3rd Generation Intel짰 Core??i3/i7 with Dual Independent Display Fanless Box PC
ARK-2150L-S6A1E ADVANTECH-ARK-2150L-S6A1E Datasheet
1Mb / 2P
   3rd Generation Intel Core i3/i7 with Dual Independent Display Fanless Box PC
More results

Similar Description - ARK-2150L-S6A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-2150L ADVANTECH-ARK-2150L_15 Datasheet
1Mb / 2P
   3rd Generation Intel짰 Core??i3/i7 with Dual Independent Display Fanless Box PC
logo
List of Unclassifed Man...
LEC-3230 ETC2-LEC-3230 Datasheet
500Kb / 4P
   Fanless Industrial PC with Intel짰 Celeron짰 847E, Core??i3-3217UE or i7-3517UE CPU
logo
AAEON Technology
TKS-G21-QM77B AAEON-TKS-G21-QM77B Datasheet
318Kb / 2P
   Fanless Embedded Box for Intel 3rd Generation Core i7/i3/Celeron Mobile Processor
logo
Advantech Co., Ltd.
ARK-2150L ADVANTECH-ARK-2150L_16 Datasheet
1Mb / 2P
   3rd Generation Intel Core i3/i7 with Dual Independent Display Fanless Box PC
logo
AAEON Technology
IMBM-B75A AAEON-IMBM-B75A Datasheet
375Kb / 2P
   Intel짰 2nd/3rd Generation Core??i7/ i5/ i3/ Processors
logo
Lanner All Rights Reser...
LEC-2280 LANNER-LEC-2280 Datasheet
662Kb / 4P
   Fanless Industrial PC with 3rd Gen Intel짰 Core??i7/i5/i3 CPU
logo
Vecow Co., Ltd.
SPC-5000 VECOW-SPC-5000 Datasheet
795Kb / 2P
   8th Gen Intel짰 Core i7/i5/i3 Processor (Whiskey Lake) Fanless Embedded Box PC
SPC-5200 VECOW-SPC-5200 Datasheet
799Kb / 2P
   8th Gen Intel짰 Core i7/i5/i3 Processor (Whiskey Lake) Fanless Embedded Box PC
logo
List of Unclassifed Man...
LEC-2280P2 ETC2-LEC-2280P2 Datasheet
686Kb / 4P
   Fanless Industrial PC with 3rd Gen Intel짰 Core??i7/i5/i3 CPU
LEC-2280 ETC2-LEC-2280 Datasheet
662Kb / 4P
   Fanless Industrial PC with 3rd Gen Intel짰 Core??i7/i5/i3 CPU
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com