Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE309-48 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE309-48
Description  SMA Male to TNC Male Right Angle Precision Cable 48 Inch Length Using 160 Series Coax
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE309-48 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE309-48 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE309-48 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE309-48 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMA Male to TNC Male Right Angle Precision Cable 48 Inch Length Using 160 Series Coax from Pasternack Enterprises
hassamedayshipmentfordomesticandInternationalorders.OurRF,microwaveandfiberopticproductsmaintaina99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: SMA Male to TNC Male Right Angle Precision Cable 48 Inch Length Using 160 Series Coax
PE309-48
URL: http://www.pasternack.com/sma-male-tnc-male-300-series-cable-assembly-pe309-48-p.aspx
PE309-48 REV
PE309-48
SMA Male to TNC Male Right Angle Precision
Cable 48 Inch Length Using 160 Series Coax


Similar Part No. - PE309-48

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE309-12 PASTERNACK-PE309-12 Datasheet
239Kb / 4P
   SMA Male to TNC Male Right Angle Precision Cable 12 Inch Length Using 160 Series Coax, RoHS
PE309-120 PASTERNACK-PE309-120 Datasheet
225Kb / 3P
   TECHNICAL DATA SHEET
PE309-24 PASTERNACK-PE309-24 Datasheet
226Kb / 3P
   SMA Male to TNC Male Right Angle Precision Cable 24 Inch Length Using 160 Series Coax
PE309-36 PASTERNACK-PE309-36 Datasheet
236Kb / 4P
   SMA Male to TNC Male Right Angle Precision Cable 36 Inch Length Using 160 Series Coax, RoHS
PE309-60 PASTERNACK-PE309-60 Datasheet
226Kb / 3P
   SMA Male to TNC Male Right Angle Precision Cable 60 Inch Length Using 160 Series Coax
More results

Similar Description - PE309-48

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE308-48 PASTERNACK-PE308-48 Datasheet
238Kb / 4P
   SMA Male to TNC Male Precision Cable 48 Inch Length Using 160 Series Coax, RoHS
PE301-48 PASTERNACK-PE301-48 Datasheet
242Kb / 4P
   SMA Male to SMA Male Right Angle Precision Cable 48 Inch Length Using 160 Series Coax, RoHS
PE309-72 PASTERNACK-PE309-72 Datasheet
225Kb / 3P
   SMA Male to TNC Male Right Angle Precision Cable 72 Inch Length Using 160 Series Coax
PE309-24 PASTERNACK-PE309-24 Datasheet
226Kb / 3P
   SMA Male to TNC Male Right Angle Precision Cable 24 Inch Length Using 160 Series Coax
PE309-60 PASTERNACK-PE309-60 Datasheet
226Kb / 3P
   SMA Male to TNC Male Right Angle Precision Cable 60 Inch Length Using 160 Series Coax
PE300-48 PASTERNACK-PE300-48 Datasheet
252Kb / 4P
   SMA Male to SMA Male Precision Cable 48 Inch Length Using 160 Series Coax, RoHS
PE309-12 PASTERNACK-PE309-12 Datasheet
239Kb / 4P
   SMA Male to TNC Male Right Angle Precision Cable 12 Inch Length Using 160 Series Coax, RoHS
PE309-36 PASTERNACK-PE309-36 Datasheet
236Kb / 4P
   SMA Male to TNC Male Right Angle Precision Cable 36 Inch Length Using 160 Series Coax, RoHS
PE312-48 PASTERNACK-PE312-48 Datasheet
241Kb / 4P
   SMA Male to QD SMA Male Precision Cable 48 Inch Length Using 160 Series Coax, RoHS
PE308-120 PASTERNACK-PE308-120 Datasheet
335Kb / 4P
   SMA Male to TNC Male Precision Cable 120 Inch Length Using 160 Series Coax, RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com