Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE9569 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9569
Description  LC Male to LC Male Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9569 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9569 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9569 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
LC Male to LC Male Adapter
Configuration
Connector 1
LC Male
Impedance 1
50 Ohms
Connector 2
LC Male
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
3.7 [93.98]
Width/Dia., in [mm]
1.5 [38.1]
.
Connector 1
Type
LC Male
Inner Conductor Material and Plating
Silver
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
1 1/2
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
LC Male
Inner Conductor Material and Plating
Silver
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
1 1/2
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/lc-male-lc-male-straight-adapter-pe9569-p.aspx
LC Male to LC Male Adapter from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF,
microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the industry.
LC Male to LC Male Adapter
PE9569
PE9569 REV


Similar Part No. - PE9569

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9560 PASTERNACK-PE9560 Datasheet
257Kb / 3P
   TNC Male to TNC Male Right Angle Adapter
PE9561 PASTERNACK-PE9561 Datasheet
342Kb / 3P
   QD TNC Male to TNC Female Adapter
PE9562 PASTERNACK-PE9562 Datasheet
253Kb / 2P
   TNC Male to C Female Adapter
PE9563 PASTERNACK-PE9563 Datasheet
246Kb / 2P
   TNC Male to HN Male Adapter
PE9564 PASTERNACK-PE9564 Datasheet
254Kb / 2P
   TNC Female to C Male Adapter
More results

Similar Description - PE9569

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9398 PASTERNACK-PE9398 Datasheet
241Kb / 2P
   LC Male to LC Female Right Angle Adapter
PE9299 PASTERNACK-PE9299 Datasheet
233Kb / 2P
   N Male to LC Female Adapter
PE9181 PASTERNACK-PE9181 Datasheet
235Kb / 2P
   LC Male to HN Female Adapter
PE9237 PASTERNACK-PE9237 Datasheet
245Kb / 2P
   N Female to LC Male Adapter
PE9413 PASTERNACK-PE9413 Datasheet
241Kb / 2P
   LC Female to HN Male Adapter
PE3960 PASTERNACK-PE3960 Datasheet
277Kb / 1P
   CABLE ASSEMBLY RG218/U LC MALE TO LC MALE
PE34538 PASTERNACK-PE34538 Datasheet
269Kb / 1P
   CABLE ASSEMBLY RG225/U LC MALE TO LC MALE
PE3960LF PASTERNACK-PE3960LF Datasheet
277Kb / 1P
   CABLE ASSEMBLY RG218/U LC MALE TO LC MALE
PE33541 PASTERNACK-PE33541 Datasheet
269Kb / 1P
   CABLE ASSEMBLY RG142B/U LC MALE TO LC MALE
PE33491LF PASTERNACK-PE33491LF Datasheet
93Kb / 1P
   CABLE ASSEMBLY RG214/U LC MALE TO LC MALE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com