Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APT40M42JN Datasheet(PDF) 3 Page - Advanced Power Technology

Part No. APT40M42JN
Description  N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ADPOW [Advanced Power Technology]
Homepage  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT40M42JN Datasheet(HTML) 3 Page - Advanced Power Technology

  APT40M42JN Datasheet HTML 1Page - Advanced Power Technology APT40M42JN Datasheet HTML 2Page - Advanced Power Technology APT40M42JN Datasheet HTML 3Page - Advanced Power Technology APT40M42JN Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
V
DS
, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
V
DS
, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
FIGURE 2, TYPICAL OUTPUT CHARACTERISTICS
FIGURE 3, TYPICAL OUTPUT CHARACTERISTICS
V
GS
, GATE-TO-SOURCE VOLTAGE (VOLTS)
I
D
, DRAIN CURRENT (AMPERES)
FIGURE 4, TYPICAL TRANSFER CHARACTERISTICS
FIGURE 5, R
DS
(ON) vs DRAIN CURRENT
T
C
, CASE TEMPERATURE (
°C)
T
J
, JUNCTION TEMPERATURE (
°C)
FIGURE 6, MAXIMUM DRAIN CURRENT vs CASE TEMPERATURE
FIGURE 7, BREAKDOWN VOLTAGE vs TEMPERATURE
T
J
, JUNCTION TEMPERATURE (
°C)
T
C
, CASE TEMPERATURE (
°C)
FIGURE 8, ON-RESISTANCE vs. TEMPERATURE
FIGURE 9, THRESHOLD VOLTAGE vs TEMPERATURE
0
40
80
120
160
200
0
2
4
6
8
10
0
2
4
6
8
10
0
100
200
300
400
25
50
75
100
125
150
-50
-25
0
25
50
75
100 125 150
-50
-25
0
25
50
75
100 125 150
-50
-25
0
25
50
75
100 125 150
APT40M42JN
I
D
= 0.5 I
D
[Cont.]
V
GS
= 10V
200
160
120
80
40
0
200
160
120
80
40
0
90
60
30
0
2.5
2.0
1.5
1.0
0.5
0.0
200
160
120
80
40
0
2.0
1.5
1.0
0.5
1.2
1.1
1.0
0.9
0.8
0.7
1.4
1.2
1.0
0.8
0.6
0.4
VDS> ID (ON) x RDS (ON)MAX.
250
µSEC. PULSE TEST
@ <0.5 % DUTY CYCLE
TJ = 25°C
250
µSEC. PULSE TEST
@ <0.5 % DUTY CYCLE
NORMALIZED TO
V
GS
= 10V @ 0.5 I
D
[Cont.]
VGS=10V
VGS=20V
VGS=15V
6V
5V
4V
10V
8V
5.5V
4.5V
4V
4.5V
5V
5.5V
6V
VGS=8, 10 & 15V
TJ = -55°C
TJ = +25°C
TJ = +125°C
TJ = +25°C
TJ = -55°C
TJ = +125°C


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn