Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APT40M42JN Datasheet(PDF) 1 Page - Advanced Power Technology

Part No. APT40M42JN
Description  N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ADPOW [Advanced Power Technology]
Homepage  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT40M42JN Datasheet(HTML) 1 Page - Advanced Power Technology

  APT40M42JN Datasheet HTML 1Page - Advanced Power Technology APT40M42JN Datasheet HTML 2Page - Advanced Power Technology APT40M42JN Datasheet HTML 3Page - Advanced Power Technology APT40M42JN Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APT40M42JN
400V 86A 0.042
SINGLE DIE ISOTOP® PACKAGE
Symbol
V
DSS
I
D
I
DM
, l
LM
V
GS
P
D
T
J
,T
STG
T
L
Parameter
Drain-Source Voltage
Continuous Drain Current @ TC = 25°C
Pulsed Drain Current
1 and Inductive Current Clamped
Gate-Source Voltage
Total Power Dissipation @ TC = 25°C
Linear Derating Factor
Operating and Storage Junction Temperature Range
Lead Temperature: 0.063" from Case for 10 Sec.
STATIC ELECTRICAL CHARACTERISTICS
Characteristic / Test Conditions / Part Number
Drain-Source Breakdown Voltage
(V
GS
= 0V, I
D
= 250
µA)
On State Drain Current 2
(V
DS
> I
D
(ON) x R
DS
(ON) Max, V
GS
= 10V)
Drain-Source On-State Resistance
2
(V
GS
= 10V, 0.5 I
D
[Cont.])
Zero Gate Voltage Drain Current (V
DS
= V
DSS
, V
GS
= 0V)
Zero Gate Voltage Drain Current (V
DS
= 0.8 V
DSS
, V
GS
= 0V, T
C
= 125
°C)
Gate-Source Leakage Current (V
GS
=
±30V, V
DS
= 0V)
Gate Threshold Voltage
(V
DS
= V
GS
, I
D
= 5.0mA)
THERMAL CHARACTERISTICS
Symbol
RΘJC
RΘCS
Characteristic
Junction to Case
Case to Sink (Use High Efficiency Thermal Joint Compound and Planer Heat Sink Surface.)
MIN
TYP
MAX
0.18
0.05
UNIT
°C/W
Symbol
BV
DSS
I
D
(ON)
R
DS
(ON)
I
DSS
I
GSS
V
GS
(TH)
MIN
TYP
MAX
APT40M42JN
400
APT40M42JN
86
APT40M42JN
0.042
250
1000
±100
24
UNIT
Volts
Amps
Ohms
µA
nA
Volts
UNIT
Volts
Amps
Volts
Watts
W/
°C
°C
APT
40M42JN
400
86
344
±30
690
5.52
-55 to 150
300
MAXIMUM RATINGS
All Ratings: TC = 25°C unless otherwise specified.
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
SOT-227
G
S
S
D
ISOTOP®
"UL Recognized" File No. E145592 (S)
N - CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
POWER MOS IV®
USA
405 S.W. Columbia Street
Bend, Oregon 97702 -1035
Phone: (541) 382-8028
FAX: (541) 388-0364
EUROPE
Avenue J.F. Kennedy Bât B4 Parc Cadéra Nord
F-33700 Merignac - France
Phone: (33) 5 57 92 15 15
FAX: (33) 5 56 47 97 61
G
D
S


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn