Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

7447714022 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part No. 7447714022
Description  POWER INDUCTOR WE-PD 1050
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Homepage  http://www.we-online.com
Logo 

7447714022 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Bezeichnung :
description :
A
mm
B
mm
C
mm
D
mm
E
mm
Eigenschaften / properties
Wert / value
Einheit / unit
tol.
Induktivität /
inductance
DC-Widerstand /
DC-resistance
DC-Widerstand /
DC-resistance
Nennstrom /
rated Current
Sättigungsstrom /
saturation current
Eigenres.-Frequenz /
self-res.-fequency
33%
Umgebungstemperatur / temperature:
+20°C
Ferrit/ ferrite
ALa
11-02-17
Name
Datum / date
1050
Änderung / modification
Version 1
5,0 max
10,0 ± 0,5
3,0 ± 0,1
7,7 ± 0,3
F Werkstoffe & Zulassungen / material & approvals:
G Eigenschaften / general specifications:
Betriebstemp. / operating temperature: -40°C - +125°C
...............................................
............................................
Basismaterial / base material:
Draht / wire:
Class H
Agilent N5776A für/for I
DC;
WAYNE KERR 3260B für/for L
0; I
SAT
D Prüfgeräte / test equipment:
@ 20°C
10,0 ± 0,3
It is recommended that the temperature of the part does
max.
Kunde / customer
Luftfeuchtigkeit / humidity:
E Testbedingungen / test conditions:
GMC Metrahit 27I für/for R
DC
Agilent E4991A für/for SRF
not exceed 125°C under worst case operating conditions.
Würth Elektronik
..................................................................................
Freigabe erteilt / general release:
Kunde / customer :
http://www.we-online.de
Datum / date
..................................................................................
Unterschrift / signature
Kontrolliert / approved
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Geprüft / checked
Spezifikation für Freigabe / specification for release
DATUM / DATE : 2011-02-17
max.
Testbedingungen /
test conditions
8
+/-30%
Artikelnummer / part number :
Endoberfläche / finishing electrode:
Cu/Ni/Sn
C Lötpad / soldering spec.:
B Elektrische Eigenschaften / electrical properties:
Umgebungstemp. / ambient temperature: -40°C - +85°C
53
@ 20°C
7447714022
SPEICHERDROSSEL WE-PD 1050
POWER INDUCTOR WE-PD 1050
µH
RDC max
L
A Mechanische Abmessungen / dimensions:
100 kHz / 1mA
RDC typ
6,8
2,2
IR
mΩ
@ 20°C
mΩ
typ.
9,5
typ.
8,6
A
∆L/L < 10%
fres
MHz
∆T = 40 K
typ.
Isat
A
[mm]
SEITE 1 VON 3


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn