Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0453391603 Datasheet(PDF) 18 Page - Molex Electronics Ltd.

Part # 0453391603
Description  0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0453391603 Datasheet(HTML) 18 Page - Molex Electronics Ltd.

Back Button 0453391603 Datasheet HTML 14Page - Molex Electronics Ltd. 0453391603 Datasheet HTML 15Page - Molex Electronics Ltd. 0453391603 Datasheet HTML 16Page - Molex Electronics Ltd. 0453391603 Datasheet HTML 17Page - Molex Electronics Ltd. 0453391603 Datasheet HTML 18Page - Molex Electronics Ltd. 0453391603 Datasheet HTML 19Page - Molex Electronics Ltd. 0453391603 Datasheet HTML 20Page - Molex Electronics Ltd. 0453391603 Datasheet HTML 21Page - Molex Electronics Ltd. 0453391603 Datasheet HTML 22Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
HANDYLINK™
APPLICATION SPECIFICATION
REVISION:
ECR/ECN INFORMATION:
SHEET No.
EC No:
UCP2006- 1391
A
DATE:
2005/12/13
TITLE:
APPLICATION SPECIFICATION
HANDYLINK™I/O CONNECTOR SYSTEM
18 of 26
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-45339-001
M. Simmel
Marc Simmel
Joe Comerci
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
o
Contouring with a Lip
To provide mechanical support for torque out of the axial plane of the connectors, the over-mold must be designed to mimic the
outer surfaces of the end product and include a lip such as illustrated below. NOTE: The axial clearance condition between the
connectors noted in section 4.2 must be maintained.
Figure 13. Example of an over-mold with contouring and a lip
This type of design will provide support for the end-user to hold the product by the connector or where a heavy or stiff accessory cable
is used.
Over-molded lip
Off-axis
Torque
directions
Surfaces are contoured
to mimic the end product


Similar Part No. - 0453391603

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0453391603 MOLEX1-0453391603 Datasheet
43Kb / 2P
   0.80mm Pitch HandyLink Plug for Wire Termination, 16 Circuit (pins 2,3,4,5,6,7,15 voided)
0453391603 MOLEX1-0453391603_18 Datasheet
43Kb / 2P
   0.80mm Pitch HandyLink Plug for Wire Termination, 16 Circuit (pins 2,3,4,5,6,7,15 voided)
More results

Similar Description - 0453391603

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0453391604 MOLEX11-0453391604 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391602 MOLEX11-0453391602 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391600 MOLEX11-0453391600 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391601 MOLEX11-0453391601 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391605 MOLEX11-0453391605 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
455931607 MOLEX-455931607 Datasheet
924Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR PCB TERMINATION
0453391603 MOLEX1-0453391603_18 Datasheet
43Kb / 2P
   0.80mm Pitch HandyLink Plug for Wire Termination, 16 Circuit (pins 2,3,4,5,6,7,15 voided)
0453391602 MOLEX1-0453391602_18 Datasheet
43Kb / 2P
   0.80mm Pitch HandyLink Plug for Wire Termination, 16 Circuit (pins 2,3,4,5,6,7,8,15 voided)
0453391607 MOLEX1-0453391607 Datasheet
43Kb / 2P
   0.80mm Pitch HandyLink Plug for Wire Termination, 16 Circuit (pins 1,2,3,8,9,10,11,12,13,14,15 voided)
0453391604 MOLEX1-0453391604_18 Datasheet
43Kb / 2P
   0.80mm Pitch HandyLink Plug for Wire Termination, 16 Circuit (pins 7,10,11,14,15,16 voided)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com